Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3212 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ADP3212
Description  7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3212 Datasheet(HTML) 2 Page - ON Semiconductor

  ADP3212 Datasheet HTML 1Page - ON Semiconductor ADP3212 Datasheet HTML 2Page - ON Semiconductor ADP3212 Datasheet HTML 3Page - ON Semiconductor ADP3212 Datasheet HTML 4Page - ON Semiconductor ADP3212 Datasheet HTML 5Page - ON Semiconductor ADP3212 Datasheet HTML 6Page - ON Semiconductor ADP3212 Datasheet HTML 7Page - ON Semiconductor ADP3212 Datasheet HTML 8Page - ON Semiconductor ADP3212 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
ADP3212, NCP3218, NCP3218G
http://onsemi.com
2
PIN ASSIGNMENT
1
ADP3212
NCP3218
(top view)
EN
PWRGD
FBRTN
FB
COMP
GND
TTSNS
BST2
DRVH2
SW2
DRVL2
PGND
PVCC
SWFB1
SW1
DRVH1
BST1
VRTT
VARFREQ
IMON
SWFB2
DRVL1
TRDET
CLKEN
Figure 1. Functional Block Diagram
Number of
Phases
VID
DAC
FBRTN
Start Up
Delay
Open
Drain
PWRGD
Start Up
Delay
PWRGD
PWRGD
Open
Drain
+
+
CSREF
DAC + 200 mV
DAC − 300 mV
Soft
Transient
Delay
Delay
Disable
DAC
+
CSREF
CSSUM
CSCOMP
ILIM
Thermal
Throttle
Control
TTSENSE
VRTT
OVP
CSREF
1.55 V
+
SS _
+
LLINE
REF
REF
SS
+
+
VEA
FB
COMP
UVLO
Shutdown
and Bias
VCC EN
GND
Oscillator
RPM RT RAMP
PWM3
Current
Balancing
Circuit
SWFB1
SWFB2
SWFB3
IMON
DPRSLP
PSI and
DPRSLP
Logic
TRDET
Generator
Current
Monitor
Current
Monitor
BST1
DRVH1
Current
Limit
Circuit
OCP
Shutdown
Delay
SW1
PGND
DRVL1
PVCC
BST2
DRVH2
SW2
DRVL2
PVCC
PGND
Driver
Logic
Precision
Reference
Precision
Reference
Soft Start
VARFREQ
PH0
PH1
CLKEN
TRDET
CLKEN
CLKEN
OD3
PSI


Similar Part No. - ADP3212

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3212 ONSEMI-ADP3212 Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
ADP3212A ONSEMI-ADP3212A Datasheet
496Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
ADP3212AMNR2G ONSEMI-ADP3212AMNR2G Datasheet
496Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
ADP3212MNR2G ONSEMI-ADP3212MNR2G Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
More results

Similar Description - ADP3212

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3212 ONSEMI-ADP3212 Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
ADP3212A ONSEMI-ADP3212A Datasheet
496Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
ADP3208C ONSEMI-ADP3208C Datasheet
1Mb / 41P
   7-Bit,Programmable,Dual- Phase,Mobile,CPU,Synchronous Buck Controller
May 2008??Rev. 1
ADP3208D ONSEMI-ADP3208D Datasheet
823Kb / 37P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
February, 2010 ??Rev. 0
logo
Analog Devices
ADP3208AJCPZ-RL AD-ADP3208AJCPZ-RL Datasheet
784Kb / 38P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
January 2008 ??Rev. 2
logo
ON Semiconductor
ADP3207DJCPZ-RL ONSEMI-ADP3207DJCPZ-RL Datasheet
494Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck
December, 2009 ??Rev. 0
ADP3210 ONSEMI-ADP3210 Datasheet
822Kb / 38P
   7-Bit Programmable Multiphase Mobile CPU Synchronous
Rev. 0.3
ADP3211NMNR2G ONSEMI-ADP3211NMNR2G Datasheet
524Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
November, 2009 ??Rev. 2
ADP3211 ONSEMI-ADP3211 Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com