Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3212 Datasheet(PDF) 11 Page - ON Semiconductor

Part # ADP3212
Description  7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3212 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button ADP3212 Datasheet HTML 7Page - ON Semiconductor ADP3212 Datasheet HTML 8Page - ON Semiconductor ADP3212 Datasheet HTML 9Page - ON Semiconductor ADP3212 Datasheet HTML 10Page - ON Semiconductor ADP3212 Datasheet HTML 11Page - ON Semiconductor ADP3212 Datasheet HTML 12Page - ON Semiconductor ADP3212 Datasheet HTML 13Page - ON Semiconductor ADP3212 Datasheet HTML 14Page - ON Semiconductor ADP3212 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
ADP3212, NCP3218, NCP3218G
http://onsemi.com
11
TYPICAL PERFORMANCE CHARACTERISTICS
VVID = 1.5 V, TA = 20°C to 100°C, unless otherwise noted.
Output Voltage
EN
1
4
1: 0.5 V/div
2: 2 V/div
3: 5 V/div
4: 5 V/div
4 ms/div
CPU Mode
PWRGD
CLKEN
Output Voltage
EN
1
2
1: 0.5 V/div
2: 2 V/div
3: 5 V/div
4: 5 V/div
1 ms/div
GPU Mode
PWRGD
CLKEN
Output Voltage
EN
1
2
3
4
1: 0.5 V/div
2: 2 V/div
3: 2 V/div
4: 2 V/div
200 ms/div
1 A Load
PWRGD
CLKEN
Figure 6. Switching Frequency vs. VID Output
Voltage in PWM Mode
Figure 7. Per Phase Switching Frequency vs.
RT Resistance
VID OUTPUT VOLTAGE (V)
Rt RESISTANCE (kW)
1.50
1.25
1.00
0.75
0.50
0.25
0
50
100
150
200
250
350
400
1000
100
10
100
1000
Figure 8. Startup in GPU Mode
Figure 9. Startup in CPU Mode
Figure 10. Shutdown
300
VARFREQ = 0 V
VARFREQ = 5 V
RT = 187 kW
2 Phase Mode
VID = 1.4125 V
VID = 1.2125 V
VID = 1.1 V
VID = 0.8125 V
VID = 0.6125 V
3
4
2
3


Similar Part No. - ADP3212

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3212 ONSEMI-ADP3212 Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
ADP3212A ONSEMI-ADP3212A Datasheet
496Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
ADP3212AMNR2G ONSEMI-ADP3212AMNR2G Datasheet
496Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
ADP3212MNR2G ONSEMI-ADP3212MNR2G Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
More results

Similar Description - ADP3212

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3212 ONSEMI-ADP3212 Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
ADP3212A ONSEMI-ADP3212A Datasheet
496Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
ADP3208C ONSEMI-ADP3208C Datasheet
1Mb / 41P
   7-Bit,Programmable,Dual- Phase,Mobile,CPU,Synchronous Buck Controller
May 2008??Rev. 1
ADP3208D ONSEMI-ADP3208D Datasheet
823Kb / 37P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
February, 2010 ??Rev. 0
logo
Analog Devices
ADP3208AJCPZ-RL AD-ADP3208AJCPZ-RL Datasheet
784Kb / 38P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
January 2008 ??Rev. 2
logo
ON Semiconductor
ADP3207DJCPZ-RL ONSEMI-ADP3207DJCPZ-RL Datasheet
494Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck
December, 2009 ??Rev. 0
ADP3210 ONSEMI-ADP3210 Datasheet
822Kb / 38P
   7-Bit Programmable Multiphase Mobile CPU Synchronous
Rev. 0.3
ADP3211NMNR2G ONSEMI-ADP3211NMNR2G Datasheet
524Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
November, 2009 ??Rev. 2
ADP3211 ONSEMI-ADP3211 Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com