Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ROB-10V682MK9 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ROB-10V682MK9
Description  ROB Miniature Aluminum Electrolytic Capacitors For Audio
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ROB-10V682MK9 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ROB-10V682MK9 Datasheet HTML 1Page - List of Unclassifed Manufacturers ROB-10V682MK9 Datasheet HTML 2Page - List of Unclassifed Manufacturers ROB-10V682MK9 Datasheet HTML 3Page - List of Unclassifed Manufacturers ROB-10V682MK9 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
This catalog printed in U.S.A. on 1/2001.
Specification and dimensions in this catalog are subject to change without notice.
If necessary, drawings can be provided.
133
ELNA PART NO. / WV (V)
CAP.
SIZE (
φx L)
tan
δ
Ripple Current
(
µF)
(mm)
(mArms)
ELNA PART NO. / WV (V)
CAP.
SIZE (
φx L)
tan
δ
Ripple Current
(
µF)
(mm)
(mArms)
ROB
Miniature Aluminum Electrolytic Capacitors For Audio
Standard Ratings
Note: Allowable Ripple Current 120 Hz at 85
°C
ROB-25V332MK9
3300
18 x 40
0.18
2100
35 V
ROB-35V100ME3
5 x 11
0.12
45
ROB-35V220MF3
6.3 x 11
0.12
75
ROB-35V330MF3
8 x 11.5
0.12
90
ROB-35V470MG3
47
10 x 12.5
0.12
120
ROB-35V101MH3
0.12
210
ROB-35V221MH5
10 x 20
0.12
365
ROB-35V331MI5
330
12.5 x 20
0.12
500
ROB-35V471MI6
470
0.12
640
ROB-35V102MJ6
16 x 25
0.12
ROB-35V222MK8
2200
18 x 35.5
0.14
1900
50 V
ROB-50VR47ME3
0.47
5 x 11
0.10
5
ROB-50V010ME3
1
5 x 11
0.10
10
ROB-50V2R2ME3
2.2
5 x 11
0.10
20
ROB-50V3R3ME3
3.3
5 x 11
0.10
25
ROB-50V4R7ME3
4.7
0.10
50
ROB-50V100ME3
10
6.3 x 11
0.10
80
ROB-50V220MF3
22
0.10
110
ROB-50V330MG3
33
0.10
130
ROB-50V470MG3
47
0.10
250
ROB-50V101MH4
100
0.10
440
ROB-50V221MI5
220
0.10
540
ROB-50V331MI5
330
0.10
800
ROB-50V471MJ6
470
16 x 25
0.10
63 V
ROB-63V4R7ME3
4.7
0.09
35
ROB-63V100MF3
10
0.09
60
ROB-63V102MK8
18 x 35.5
0.09
1500
100 V
ROB-100VR47ME3
0.47
5 x 11
0.08
ROB-100V010ME3
1
5 x 11
0.08
15
ROB-100V2R2ME3
2.2
6.3 x 11
0.08
25
ROB-100V3R3ME3
3.3
0.08
30
ROB-100V4R7MF3
4.7
8 x 11.5
0.08
40
ROB-100V100MG3
10
10 x 12.5
0.08
70
ROB-100V220MH3
22
10 x 16
0.08
120
ROB-100V330MH4
33
16 x 31.5
0.08
160
ROB-100V470MH5
47
0.08
210
ROB-100V101MI5
100
10 x 20
0.08
340
ROB-100V221MJ6
220
16 x 25
0.08
620
ROB-63V220MG3
22
0.09
100
ROB-63V330MG3
33
0.09
115
ROB-63V470MH3
47
10 x 12.5
0.09
165
ROB-63V101MH5
100
0.09
285
ROB-63V221MI5
220
0.09
470
ROB-63V331MI6
330
0.09
620
ROB-25V101MG3
100
0.14
165
ROB-25V221MH4
220
10 x 16
0.14
310
ROB-25V331MH5
330
10 x 20
0.14
410
ROB-25V471MI5
470
12.5 x 20
0.14
550
ROB-25V470MF3
47
8 x 11.5
0.14
100
ROB-25V102MJ6
1000
16 x 25
0.14
1000
ROB-25V222MJ8
2200
16 x 35.5
0.16
1650
6.3 x 11
1000
100
220
10
22
33
6.3 x 11
12.5 x 25
1050
ROB-50V102MJ7
16 x 31.5
0.10
1000
1200
5 x 11
5 x 11
12.5 x 20
12.5 x 20
10 x 16
8 x 11.5
8 x 11.5
35
6.3 x 11
5 x 11
ROB-63V471MJ6
470
16 x 25
0.09
840
1000
12.5 x 25
12.5 x 20
10 x 20
8 x 11.5
8 x 11.5
ROB-100V331MJ7
330
0.08
820
ROB-100V471MK8
470
18 x 35.5
0.08
12.5 x 20
5 x 11
5 x 11
1000
10
124


Similar Part No. - ROB-10V682MK9

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-10391 SPARKFUN-ROB-10391 Datasheet
334Kb / 2P
   Solenoid 36v
5-15-18
ROB-10455 SPARKFUN-ROB-10455 Datasheet
179Kb / 2P
   Liquid Pump - 350GPH (12v)
9??8??7
ROB-10456 SPARKFUN-ROB-10456 Datasheet
104Kb / 1P
   12V Solenoid Valve - 3/4"||"8/17/2016
More results

Similar Description - ROB-10V682MK9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RBD-10V102MI5 ETC2-RBD-10V102MI5 Datasheet
181Kb / 1P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
R2O-25V101MF3 ETC2-R2O-25V101MF3 Datasheet
181Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
RFS-25V101MH4 ETC2-RFS-25V101MH4 Datasheet
120Kb / 1P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
RFO-25V101MF3 ETC2-RFO-25V101MF3 Datasheet
86Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
logo
Taiyo Yuden (U.S.A.), I...
RFS-100V101MJ6 TAIYO-YUDEN-RFS-100V101MJ6 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
RFS-100V221MK9 TAIYO-YUDEN-RFS-100V221MK9 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
RFS-100V330MI5 TAIYO-YUDEN-RFS-100V330MI5 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
RFS-100V470MI6 TAIYO-YUDEN-RFS-100V470MI6 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
RFS-10V221MH4 TAIYO-YUDEN-RFS-10V221MH4 Datasheet
256Kb / 2P
   FOR AUTOMOTIVE AUDIO MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RFS]
RFS-6V101MG3 TAIYO-YUDEN-RFS-6V101MG3 Datasheet
256Kb / 2P
   FOR AUTOMOTIVE AUDIO MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RFS]
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com