Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCD102K1KVY5FF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NCD102K1KVY5FF
Description  Ceramic Disc Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCD102K1KVY5FF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NCD102K1KVY5FF Datasheet HTML 1Page - NIC-Components Corp. NCD102K1KVY5FF Datasheet HTML 2Page - NIC-Components Corp. NCD102K1KVY5FF Datasheet HTML 3Page - NIC-Components Corp. NCD102K1KVY5FF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Specifications are subject to change
Ceramic Disc Capacitors
STANDARD PRODUCTS AND MAXIMUM DIAMETER (mm)
BY T.C. AND VOLTAGE
NCD Series Class II/III
LEAD DIAMETER
0.6MM IS STANDARD
BODY THICKNESS
2 ~ 4MM DEPENDENT ON CV
*.0047
μF AND ABOVE NOT AVAILABLE IN Y5F, PLEASE USE Y5P.
NIC RESERVES THE RIGHT TO REQUEST MINIMUM QUANTITIES ON
CERTAIN VALUES.
(BULK ONLY)
(BULK AND TAPED STYLES)
23 min.
5 max.
S
J Style
1.5+0.2
4.7 + 1
5 max.
S
D Style
1.5+0.2
K Style
23 min.
5 max.
1.5+0.2
S
E Style
4.7 + 1
5 max.
1.5+0.2
S
23 min.
2 max.
S
Low Voltage
100Vdc & Below
Standard
500Vdc & Up
23 min.
3 max.
S
Cap.
(pF/
μF)
Y5F/Y5P*
Z5U
Z5V
Working Voltage (Vdc)
50
100
500
1K
50
100
500
1K
50
100
500
1K
100~470pF
6
6
6
------
560
6
6
6
------
680
6
6
7
------
750
6
6
7
------
820
6
6
7
------
0.001
μF
6
77666
-
6
6
0.0015
6
8
8
6
6
7
-
6
6
0.0022
6
9
10
6
7
7
6
6
6
0.0027
7
10
12
6
7
8
6
6
7
0.0033
7
10
14
6
7
9
6
7
8
0.0047
8
12
14
6
8
10
6
8
8
0.0056
9
14
16
6
9
10
6
8
9
0.0068
9
14
16
7
9
12
6
8
10
0.0082
10
16
18
7
10
12
6
9
10
0.01
12
16
20
7
10
12
6
9
10
0.015
14
21
-
9
14
16
7
10
12
0.022
-
-
-
10
16
18
8
14
16
0.033
-
-
-
8
18
22
7
16
18
0.047
-
-
-
8
21
24
7
16
21
0.068
-
-
-
8/9
24
-
8
16
-
0.1
-
-
-
8/9
26
-
8/9
17
-
Lead Spacing (mm) - S
Body
Diameter
Standard
Bulk
Standard
T&R
Optional Bulk
mm (inches)
Optional T&R
mm (inches)
5 ~ 11
6.35 ± 0.8
5.0 ± 0.8
5.0 ± 0.8 (0.200LS)
2.5 ± 0.8 (0.100LS)
>12
6.35 ± 0.8
5.0 ± 0.8
7.5 ± 0.8 (0.295LS)
7.5 ± 0.8 (0.295LS)
10.0 ± 0.8 (0.395LS)
10.0 ± 0.8 (0.395LS)
NCD 103 M 50
Z5U
TR
J
Optional Packaging
TR = Taped and Reel
TB = Tape and Box (Ammo)
Optional Lead Style
C = Cut Lead
D = Inside Kink (Short Leads)
E = Outward Kink (Short Leads)
J = Inside Kink (Long Leads)
K = Outward Kink (Long Leads)
Temperature Coefficient
Working Voltage DC
Tolerance Code
C = ± 0.25pF
K = ± 10%
D = ± 0.5pF
M = ± 20%
J = ± 5%
Z = + 80% / - 20%
Capacitance code, expressed in pfd,
First two digits are significant, third digit is no. of
zeros. “R” indicates decimal for under 10pfd.
Series
RoHS compliant
F
.100LS
Optional Lead Space (LS) and/or
Lead Length (LL) in inches


Similar Part No. - NCD102K1KVY5FF

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
NCD1015M IXYS-NCD1015M Datasheet
347Kb / 13P
   Sequential Power & Data Transmission (HDX)
NCD1015ZP IXYS-NCD1015ZP Datasheet
143Kb / 6P
   Energy Harvesting Battery-Free Wireless Power
NCD1015ZPC IXYS-NCD1015ZPC Datasheet
143Kb / 6P
   Energy Harvesting Battery-Free Wireless Power
logo
NIC-Components Corp.
NCD101C500NPOC100LSTBF NIC-NCD101C500NPOC100LSTBF Datasheet
126Kb / 4P
   Ceramic Disc Capacitors
NCD101C500NPOC100LSTRF NIC-NCD101C500NPOC100LSTRF Datasheet
126Kb / 4P
   Ceramic Disc Capacitors
More results

Similar Description - NCD102K1KVY5FF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
   Ceramic Disc Capacitors
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
   Ceramic Disc Capacitors
logo
MERITEK ELECTRONICS COR...
CCNPO101J50V5B1 MERITEK-CCNPO101J50V5B1 Datasheet
337Kb / 6P
   Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
   Disc Ceramic Capacitors
logo
Vishay Siliconix
D331G47U2JH63L2R VISHAY-D331G47U2JH63L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
logo
List of Unclassifed Man...
MCBU ETC2-MCBU Datasheet
135Kb / 4P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD2 NIC-NCD2 Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
NCD4 NIC-NCD4 Datasheet
100Kb / 4P
   Ceramic Disc Capacitors
logo
AVX Corporation
5GK180JABAA AVX-5GK180JABAA Datasheet
61Kb / 3P
   Disc Ceramic Capacitors
logo
Mallory performance clu...
GT415 MALLORY-GT415 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com