Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RE3-16V102MH4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RE3-16V102MH4
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RE3-16V102MH4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RE3-16V102MH4 Datasheet HTML 1Page - List of Unclassifed Manufacturers RE3-16V102MH4 Datasheet HTML 2Page - List of Unclassifed Manufacturers RE3-16V102MH4 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
51
NOTE
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
CAT.No.2004/2005E(2004.10.1)
RE3
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Coefficient of Frequency for Rated Ripple Current
Rated voltage(V)
Frequency(Hz)
CV(µFxWV)
6.3 to 16
25 to 35
50 to 100
160 to 450
All CV value
<_1000
1000
<
<_1000
1000
<
All CV value
50 . 60
120
1k
10k
100k
0.8
1
1.1
1.2
1.2
0.8
1
1.5
1.7
1.7
0.8
1
1.2
1.3
1.3
0.8
1
1.6
1.9
1.9
0.8
1
1.2
1.3
1.3
0.8
1
1.3
1.5
1.6
Series RE3
Standard Capacitors
Marking color : White print on a blue sleeve or
White print on an indigo blue sleeve
• Guarantee
d 2000 hours at 85˚C.
Specifications
Outline Drawing
Item
Performance
Category temperature range (˚C)
Tolerance at rated capacitance (%)
Leakage current (µA)
Tangent of loss angle
(tan
δ)
Characteristics at high
and low temperature
Endurance (85˚C)
(Applied ripple current)
Shelf life (85˚C)
Test time : 1000 hours; other items are the same as those for the endurance. Voltage application treatment
Applicable standards
JIS C5101-1, -4 1998 (IEC 60384-1 1992, -4 1985)
−40 to +85
±20
C: Rated capacitance(µF) V: Rated voltage(V)
0.02 is added to every 1000µF increase over 1000µF.
Rated voltage (V)
6.3
10
16
25
35
50
63
100
160
200
250
315
350
400
450
0.28
0.24
0.20
0.16
0.14
0.12
0.10
0.08
0.20
0.20
0.20
0.24
0.24
0.24
0.24
6.3
10
16
25
35
50
63
100
160
200
250
315
350
400
450
543222224444444
12
10
854333
15
15
15
10
10
10
10
tan
δ (max.)
(20˚C)
(20˚C,120Hz)
(20˚C,120Hz)
(120Hz)
Rated voltage (V)
6.3 to 100
160 to 450
Less than 0.03CV or 4 whichever is larger(after 1 minute)
Less than 0.01CV or 3 whichever is larger(after 2 minutes)
CV
<_1000: Less than 0.1CV+40(after 1 minute)
CV
>1000: Less than 0.04CV+100(after 1 minute)
Leakage current (µA)
Test time
Leakage current
Percentage of capacitance change
Tangent of the loss angle
2000 hours
The initial specified value or less
Within
±20% of initial value
200% or less of the initial specified value
Rated voltage (V)
Impedance
ratio
(max.)
Ζ−25˚C / Ζ+20˚C
Ζ−40˚C / Ζ+20˚C
Unit: mm
L
+α max.
15min.
Sleeve
Vent(except 5)
d
±0.05 copper clad steel wire(tinned)
5
min.
ø D
F
ø d
α
5
6.3
8
10
12.5
16
18
2.0
2.5
3.5
5.0
5.0
7.5
7.5
0.5
0.5
0.6
0.6
0.6
0.8
0.8
1.5
1.5 for L16 max.
2.0 for L20 min.
RJ4
RE3
High temperature
• The standard ratings are described on the next page.
Part numbering system (example: 16V1000µF)
Environmental
item
Former item
RE3
V
#
Series code
16
102
MH4
Rated voltage
symbol
Rated capacitance
symbol
Capacitance
tolerance symbol
Casing
symbol
RE3
V
Series code
16
102
M
Rated voltage
symbol
Rated capacitance
symbol
Capacitance
tolerance symbol
Casing symbol
Size
ø DxL(mm)
Casing
Symbol
Size
ø DxL(mm)
Casing
Symbol
5x11
E3
6.3x11
F3
8x11.5
G3
10x12.5
H3
10x16
H4
10x20
H5
12.5x20
I 5
12.5x25
I 6
16x25
J 6
16x31.5
J 7
16x35.5
J 8
18x35.5
K8
18x40
K9


Similar Part No. - RE3-16V102MH4

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
RE300 EXTECH-RE300 Datasheet
108Kb / 6P
   Waterproof ORP Meter
logo
TP-Link Technologies Co...
RE300 TP-LINK-RE300 Datasheet
1Mb / 5P
   AC1200 Mesh Wi-Fi Range Extender
logo
Extech Instruments Corp...
RE300 EXTECH-RE300_15 Datasheet
111Kb / 1P
   ExStik짰 ORP Waterproof Meter
logo
Copal Electronics
RE30E COPAL-RE30E Datasheet
679Kb / 3P
   OPTICAL ENCODERS
RE30E-100-213-1 COPAL-RE30E-100-213-1 Datasheet
679Kb / 3P
   OPTICAL ENCODERS
More results

Similar Description - RE3-16V102MH4

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com