Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVB-ER3105DI Datasheet(PDF) 1 Page - Altera Corporation

Part # EVB-ER3105DI
Description  500mA Wide VIN Synchronous Buck Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EVB-ER3105DI Datasheet(HTML) 1 Page - Altera Corporation

  EVB-ER3105DI Datasheet HTML 1Page - Altera Corporation EVB-ER3105DI Datasheet HTML 2Page - Altera Corporation EVB-ER3105DI Datasheet HTML 3Page - Altera Corporation EVB-ER3105DI Datasheet HTML 4Page - Altera Corporation EVB-ER3105DI Datasheet HTML 5Page - Altera Corporation EVB-ER3105DI Datasheet HTML 6Page - Altera Corporation EVB-ER3105DI Datasheet HTML 7Page - Altera Corporation EVB-ER3105DI Datasheet HTML 8Page - Altera Corporation EVB-ER3105DI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
March 2014 Altera Corporation
DS-1041
Datasheet
© 2014 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, ENPIRION, HARDCOPY, MAX, MEGACORE, NIOS,
QUARTUS and STRATIX words and logos are trademarks of Altera Corporation and registered in the U.S. Patent and Trademark Office and in
other countries. All other words and logos identified as trademarks or service marks are the property of their respective holders as described at
www.altera.com/common/legal.html. Altera warrants performance of its semiconductor products to current specifications in accordance with
Altera's standard warranty, but reserves the right to make changes to any products and services at any time without notice. Altera assumes no
responsibility or liability arising out of the application or use of any information, product, or service described herein except as expressly agreed
to in writing by Altera. Altera customers are advised to obtain the latest version of device specifications before relying on any published
information and before placing orders for products or services.
101 Innovation Drive
San Jose, CA 95134
www.altera.com
Subscribe
ISO
9001:2008
Registered
Enpirion® Power Datasheet
ER3105DI 500mA Wide VIN
Synchronous Buck Regulator
The Altera® Enpirion® ER3105DI is a 500mA Synchronous
buck regulator with an input range of 3V to 36V. It provides an
easy to use, high efficiency low BOM count solution for a
variety of applications.
The ER3105DI integrates both high-side and low-side NMOS
FET's and features a PFM mode for improved efficiency at
light loads. This feature can be disabled if forced PWM mode
is desired. The part switches at a default frequency of 500kHz
but may also be programmed using an external resistor from
300kHz to 2MHz. The ER3105DI has the ability to utilize
internal or external compensation. By integrating both NMOS
devices and providing internal configuration options, minimal
external components are required, reducing BOM count and
complexity of design.
With the wide VIN range and reduced BOM the part provides
an easy to implement design solution for a variety of
applications while giving superior performance. It provides a
very robust design for industrial, battery, and FPGA power
applications.
The part is available in a small Pb free 4mmx3mm DFN
plastic package with an operation temperature range of
-40°C to +125°C
Features
• Wide input voltage range 3V to 36V
• Synchronous Operation for high efficiency
• No compensation required
• Integrated High-side and Low-side NMOS devices
• Selectable PFM or forced PWM mode at light loads
• Internal fixed (500kHz) or adjustable Switching frequency
300kHz to 2MHz
• Continuous output current up to 500mA
• Internal or external Soft-start
• Minimal external components required
• Power-good and enable functions available.
Applications
• FPGA power
• Digital processor power
• Mixed-signal ASIC power
• Industrial control
• Medical devices
• Portable instrumentation
• Distributed Power supplies
• Cloud Infrastructure
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. EFFICIENCY vs LOAD, PFM, VOUT = 3.3V
GND
CBOOT
100nF
CFB
R3
R2
SW
SS
SYNC
BOOT
PVIN
PGND
FSW
COMP
FB
AVINO
POK
EN
CAVINO
1µF
CVIN
10µF
L1
22µH
COUT
10µF
1
2
3
4
5
6
9
10
11
12
INTERNAL DEFAULT PARAMETER SELECTION
COUT
10µF
VOUT
50
55
60
65
70
75
80
85
90
95
100
0
0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50
OUTPUT LOAD (A)
VIN = 5V
VIN = 15V
VIN = 24V
VIN = 33V
VIN = 12V
09616
March 14, 2014
Rev A


Similar Part No. - EVB-ER3105DI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EVB-ER2120QI ALTERA-EVB-ER2120QI Datasheet
1Mb / 24P
   2A Synchronous Buck Regulator with Integrated MOSFETs
More results

Similar Description - EVB-ER3105DI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
ISL85415 INTERSIL-ISL85415_13 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
ISL85410 INTERSIL-ISL85410 Datasheet
918Kb / 21P
   Wide VIN 1A Synchronous Buck Regulator
ISL85412 INTERSIL-ISL85412 Datasheet
994Kb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL854102 RENESAS-ISL854102 Datasheet
1Mb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
ISL85412 RENESAS-ISL85412 Datasheet
1Mb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
ISL85418 RENESAS-ISL85418 Datasheet
1Mb / 21P
   Wide VIN 800mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL854102 INTERSIL-ISL854102 Datasheet
743Kb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85413 RENESAS-ISL85413 Datasheet
1Mb / 20P
   Wide VIN 300mA Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com