Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB25P04V8 Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # MTB25P04V8
Description  P-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB25P04V8 Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  MTB25P04V8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB25P04V8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB25P04V8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB25P04V8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB25P04V8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB25P04V8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB25P04V8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB25P04V8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB25P04V8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C878V8
Issued Date : 2014.03.11
Revised Date :
Page No. : 5/9
MTB25P04V8
CYStek Product Specification
Typical Characteristics(Cont.)
Capacitance vs Drain-to-Source Voltage
100
1000
10000
0.1
1
10
100
-VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
Threshold Voltage vs Junction Tempearture
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=-250μA
Maximum Safe Operating Area
0.01
0.1
1
10
100
0.01
0.1
1
10
100
-VDS, Drain-Source Voltage(V)
DC
1ms
100μs
1s
RDS(ON)
Limited
TA=25°C, Tj=150°, VGS=-10V
RθJA=50°C/W, Single Pulse
10ms
100ms
Gate Charge Characteristics
0
2
4
6
8
10
0
8
16
24
32
40
Qg, Total Gate Charge(nC)
ID=-10A
VDS=-20V
VDS=-15V
VDS=-10V
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
-ID, Drain Current(A)
VDS=-5V
Pulsed
Ta=25°C
Maximum Drain Current vs Junction Temperature
0
2
4
6
8
10
25
50
75
100
125
150
175
Tj, Junction Temperature(°C)
VGS=-10V, RθJA=50°C/W


Similar Part No. - MTB25P04V8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB25P04J3 CYSTEKEC-MTB25P04J3 Datasheet
373Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTB25P04V8

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com