Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB24B03Q8 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MTB24B03Q8
Description  Dual P-Channel Logic Level Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB24B03Q8 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MTB24B03Q8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB24B03Q8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB24B03Q8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB24B03Q8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB24B03Q8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB24B03Q8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB24B03Q8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB24B03Q8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB24B03Q8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C587Q8
Issued Date : 2011.01.27
Revised Date : 2012.10.26
Page No. : 1/9
MTB24B03Q8
CYStek Product Specification
Dual P-Channel Logic Level Enhancement Mode Power MOSFET
MTB24B03Q8
BVDSS
-30V
ID
-8A
18mΩ(typ.)
RDSON(MAX)@VGS=-10V, ID=-8A
RDSON(MAX)@VGS=-4.5V, ID=-6A
27mΩ(typ.)
Description
The MTB24B03Q8 provides the designer with the best combination of fast switching, ruggedized device
design, ultra low on-resistance and cost effectiveness.
The SOP-8 package is universally preferred for all commercial-industrial surface mount applications.
Features
• RDS(ON)=24mΩ(max.)@VGS=-10V, ID=-8A
• Simple drive requirement
• Low on-resistance
• Fast switching speed
• Dual P-ch MOSFET package
• Pb-free lead plating & Halogen-free package
Equivalent Circuit
Outline
SOP-8
MTB24B03Q8
G:Gate
S:Source
D:Drain


Similar Part No. - MTB24B03Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB24B03Q8 CYSTEKEC-MTB24B03Q8 Datasheet
360Kb / 9P
   Dual P-Channel Logic Level Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
MTB24B03Q8 DOINGTER-MTB24B03Q8 Datasheet
1Mb / 4P
   P-Channel MOSFET uses advanced trench technology
logo
Cystech Electonics Corp...
MTB24B03Q8-0-T3-G CYSTEKEC-MTB24B03Q8-0-T3-G Datasheet
360Kb / 9P
   Dual P-Channel Logic Level Enhancement Mode Power MOSFET
MTB24B03Q8 CYSTEKEC-MTB24B03Q8_16 Datasheet
360Kb / 9P
   Dual P-Channel Logic Level Enhancement Mode Power MOSFET
More results

Similar Description - MTB24B03Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB24B03Q8 CYSTEKEC-MTB24B03Q8_16 Datasheet
360Kb / 9P
   Dual P-Channel Logic Level Enhancement Mode Power MOSFET
logo
Wuxi U-NIKC Semiconduct...
PA567JA UNIKC-PA567JA Datasheet
795Kb / 8P
   Dual P-Channel Logic Level Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP4835L3 CYSTEKEC-MTP4835L3 Datasheet
342Kb / 8P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB60P06E3 CYSTEKEC-MTB60P06E3 Datasheet
268Kb / 7P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTP9006E3 CYSTEKEC-MTP9006E3 Datasheet
257Kb / 6P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB7D0P03J3 CYSTEKEC-MTB7D0P03J3 Datasheet
464Kb / 9P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB25P06FP CYSTEKEC-MTB25P06FP Datasheet
346Kb / 8P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB12P04J3 CYSTEKEC-MTB12P04J3 Datasheet
343Kb / 7P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTEF1P15L3 CYSTEKEC-MTEF1P15L3 Datasheet
290Kb / 8P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB90P06Q8 CYSTEKEC-MTB90P06Q8 Datasheet
344Kb / 9P
   P-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com