Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB22A04Q8 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MTB22A04Q8
Description  Dual N-Channel Logic Level Enhancement Mode Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB22A04Q8 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MTB22A04Q8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB22A04Q8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB22A04Q8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB22A04Q8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB22A04Q8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB22A04Q8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB22A04Q8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB22A04Q8 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C592Q8
Issued Date : 2010.07.08
Revised Date :
Page No. : 1/8
MTB22A04Q8
CYStek Product Specification
Dual N-Channel Logic Level Enhancement Mode Power MOSFET
MTB22A04Q8
Description
The MTB22A04Q8 provides the designer with the best combination of fast switching, ruggedized device
design, low on-resistance and cost effectiveness.
The SOP-8 package is universally preferred for all commercial-industrial surface mount applications and
suited for low voltage applications such as DC/DC converters.
BVDSS
40V
ID
8A
RDSON(MAX.)
22mΩ
Features
• RDS(ON)=22mΩ@VGS=10V, ID=8A
• Simple drive requirement
• Low on-resistance
• Fast switching speed
• Dual N-ch MOSFET package
• Pb-free lead plating and Halogen-free package
Equivalent Circuit
Outline
MTB22A04Q8
SOP-8
G:Gate
S:Source
D:Drain


Similar Part No. - MTB22A04Q8

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MTB22A04Q8 VBSEMI-MTB22A04Q8 Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
More results

Similar Description - MTB22A04Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTBA5A10Q8 CYSTEKEC-MTBA5A10Q8 Datasheet
361Kb / 8P
   Dual N-Channel Logic Level Enhancement Mode Power MOSFET
MTB20A03KQ8 CYSTEKEC-MTB20A03KQ8 Datasheet
412Kb / 9P
   Dual N-Channel Logic Level Enhancement Mode Power MOSFET
MTB60A03KQ8 CYSTEKEC-MTB60A03KQ8 Datasheet
419Kb / 9P
   Dual N-Channel Logic Level Enhancement Mode Power MOSFET
MTB55A03KQ8 CYSTEKEC-MTB55A03KQ8 Datasheet
412Kb / 9P
   Dual N-Channel Logic Level Enhancement Mode Power MOSFET
MTB45A06Q8 CYSTEKEC-MTB45A06Q8 Datasheet
357Kb / 8P
   Dual N-Channel Logic Level Enhancement Mode Power MOSFET
logo
Bruckewell Technology L...
MSB22A04Q8 BWTECH-MSB22A04Q8 Datasheet
1Mb / 4P
   Dual N-Channel Logic Level Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTB20A03Q8 CYSTEKEC-MTB20A03Q8 Datasheet
358Kb / 9P
   Dual N-Channel Logic Level Enhancement Mode Power MOSFET
MTB20A06Q8 CYSTEKEC-MTB20A06Q8 Datasheet
428Kb / 9P
   Dual N-Channel Logic Level Enhancement Mode Power MOSFET
MTB22A03AKQ8 CYSTEKEC-MTB22A03AKQ8 Datasheet
413Kb / 9P
   Dual N-Channel Logic Level Enhancement Mode Power MOSFET
MTB17A03V8 CYSTEKEC-MTB17A03V8 Datasheet
357Kb / 9P
   Dual N-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com