Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP5362QI Datasheet(PDF) 4 Page - Altera Corporation

Part # EP5362QI
Description  500/600/800mA PowerSoC Synchronous Buck Regulators With Integrated Inductor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP5362QI Datasheet(HTML) 4 Page - Altera Corporation

  EP5362QI Datasheet HTML 1Page - Altera Corporation EP5362QI Datasheet HTML 2Page - Altera Corporation EP5362QI Datasheet HTML 3Page - Altera Corporation EP5362QI Datasheet HTML 4Page - Altera Corporation EP5362QI Datasheet HTML 5Page - Altera Corporation EP5362QI Datasheet HTML 6Page - Altera Corporation EP5362QI Datasheet HTML 7Page - Altera Corporation EP5362QI Datasheet HTML 8Page - Altera Corporation EP5362QI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
EP5382QI/EP5362QI/EP5352QI
Pin Description
VIN (Pin 1,2): Input voltage pin. Supplies power
to the IC. VIN can range from 2.4V to 5.5V.
Input GND: (Pin 3): Input power ground.
Connect this pin to the ground terminal of the
input
capacitor.
Refer
to
Layout
Recommendations for further details.
Output GND: (Pin 4): Power ground.
The
output filter capacitor should be connected to
this pin. Refer to Layout recommendations for
further detail.
VOUT (Pin 5,6,7): Regulated output voltage.
NC
(Pin
8,9,10,11,12,13,14):
These
pins
should not be electrically connected to each
other or to any external signal, voltage, or
ground. One or more of these pins may be
connected internally.
VSENSE (Pin 15): Sense pin for output voltage
regulation.
Connect VSENSE to the output
voltage rail as close to the terminal of the
output filter capacitor as possible.
VFB (Pin 16): Feed back pin for external divider
option. When using the external divider option
(VS0=VS1=VS2= high) connect this pin to the
center of the external divider.
Set the divider
such that VFB = 0.603V.
VS0,VS1,VS2 (Pin 17,18,19): Output voltage
select.
VS0=pin19,
VS1=pin18,
VS2=pin17.
Selects one of seven preset output voltages or
choose external divider by connecting pins to
logic high or low. Logic low is defined as VLOW
≤ 0.4V. Logic high is defined as V
HIGH ≥ 1.4V.
Any
level
between
these
two
values
is
indeterminate.
(refer
to
section on output
voltage select for more detail).
ENABLE (Pin 20): Output enable.
Enable =
logic high, disable = logic low.
Logic low is
defined as VLOW ≤ 0.2V. Logic high is defined
as VHIGH ≥ 1.4V. Any level between these two
values is indeterminate.
Thermal Pad. Thermal pad to remove heat
from package. Connect to surface ground pad
and PCB internal ground plane.
Figure 2. Pin description, top view.
VOUT
VFB
VSENSE
NC
NC
NC
NC
VOUT
GND
GND
VIN
1
2
6
5
4
3
11
12
13
14
15
16
VIN
VOUT
VFB
VSENSE
NC
NC
NC
NC
VOUT
GND
GND
VIN
1
2
5
4
3
11
12
13
14
15
16
VIN
Thermal
Pad
6
Figure 3. Pin description, bottom view.
4
www.altera.com/enpirion
03132
October 11, 2013
Rev H


Similar Part No. - EP5362QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EP5362Q ENPIRION-EP5362Q Datasheet
339Kb / 16P
   500/600/800mA Synchronous Buck Regulators With Integrated Inductor
More results

Similar Description - EP5362QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EP5352Q ENPIRION-EP5352Q Datasheet
339Kb / 16P
   500/600/800mA Synchronous Buck Regulators With Integrated Inductor
logo
Altera Corporation
EP5388QI ALTERA-EP5388QI Datasheet
820Kb / 13P
   800mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP5357XUI ALTERA-EP5357XUI Datasheet
879Kb / 19P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EN5311QI ALTERA-EN5311QI Datasheet
973Kb / 16P
   1A PowerSoC Synchronous Buck Regulator With Integrated Inductor
EN5367QI ALTERA-EN5367QI Datasheet
1Mb / 23P
   6A PowerSoC Highly Integrated Synchronous Buck With Integrated Inductor
EP5368QI ALTERA-EP5368QI Datasheet
896Kb / 14P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP53A8LQI ALTERA-EP53A8LQI Datasheet
831Kb / 14P
   1A PowerSoC Synchronous Buck Regulator with Integrated Inductor
EP5358XUI ALTERA-EP5358XUI Datasheet
757Kb / 16P
   600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
EN2342QI ALTERA-EN2342QI Datasheet
3Mb / 23P
   4A PowerSoC Voltage Mode Synchronous PWM Buck with Integrated Inductor
EN5396QI ALTERA-EN5396QI Datasheet
1Mb / 19P
   9A PowerSoC Synchronous DC-DC Buck Converter with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com