Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP5362QI Datasheet(PDF) 10 Page - Altera Corporation

Part # EP5362QI
Description  500/600/800mA PowerSoC Synchronous Buck Regulators With Integrated Inductor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP5362QI Datasheet(HTML) 10 Page - Altera Corporation

Back Button EP5362QI Datasheet HTML 6Page - Altera Corporation EP5362QI Datasheet HTML 7Page - Altera Corporation EP5362QI Datasheet HTML 8Page - Altera Corporation EP5362QI Datasheet HTML 9Page - Altera Corporation EP5362QI Datasheet HTML 10Page - Altera Corporation EP5362QI Datasheet HTML 11Page - Altera Corporation EP5362QI Datasheet HTML 12Page - Altera Corporation EP5362QI Datasheet HTML 13Page - Altera Corporation EP5362QI Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
EP5382QI/EP5362QI/EP5352QI
during power-up or power-down meets this
requirement
.
Pre-Bias Start-up
The EP53x2QI does not support startup into a
pre-biased
condition.
Be
sure
the
output
capacitors are not charged or the output of the
EP53x2QI
is
not
pre-biased
when
the
EP53x2QI is first enabled.
Input and Output Capacitors
The input
capacitance requirement is
as
follows:
EP5352QI, EP5362QI = 2.2uF
EP5382QI = 4.7uF
Altera recommends that a low ESR MLCC
capacitor be used.
The input capacitor must
use a X5R or X7R or equivalent dielectric
formulation.
Y5V
or
equivalent
dielectric
formulations lose capacitance with frequency,
bias,
and
with temperature, and are not
suitable for
switch-mode DC-DC converter
input and output filter applications.
The output
capacitance requirement is a
minimum
of 10uF.
The control loop is
designed to be stable with up to 60uF of total
output
capacitance
without
requiring
modification of the control loop.
Capacitance
above the 10uF minimum should be added if
the transient performance is not sufficient using
the 10uF.
Altera recommends a low ESR
MLCC type capacitor be used. The output
capacitor must use a X5R or X7R or equivalent
dielectric
formulation.
Y5V
or
equivalent
dielectric formulations lose capacitance with
frequency, bias, and temperature and are not
suitable for
switch-mode DC-DC converter
input and output filter applications.
LAYOUT CONSIDERATIONS*
*Optimized PCB Layout file downloadable from http://www.altera.com/enpirion to assure first pass design success.
Recommendation 1: Input and output filter capacitors should be placed as close to the EP53x2QI
package as possible to reduce EMI from input and output loop AC currents.
This reduces the
physical area of the Input and Output AC current loops.
Recommendation 2: DO NOT connect GND pins 3 and 4 together. Pin 3 should be used for the
Input capacitor local ground and pin 4 should be used for the output capacitor ground. The ground
pad for the input and output filter capacitors should be isolated ground islands and should be
connected to system ground as indicated in recommendation 3 and recommendation 5.
Cin
Manufacturer Part #
Value
WVDC
Case Size
Murata
GRM219R61A475KE19D
4.7uF
10V
0805
GRM319R61A475KA01D
1206
GRM219R60J475KE01D
6.3V
0805
GRM31MR60J475KA01L
1206
Panasonic
ECJ-2FB1A475K
10V
0805
ECJ-3YB1A475K
1206
ECJ-2FB0J475K
6.3V
0805
ECJ-3YB0J475K
1206
Taiyo Yuden
LMK212BJ475KG-T
10V
0805
LMK316BJ475KD-T
1206
JMK212BJ475KD-T
6.3V
0805
Cin
Manufacturer
Part #
Value
WVDC
Case Size
Murata
GRM21BR71A225KA01L
2.2uF
10V
0805
GRM31MR71A225KA01L
1206
GRM21BR70J225KA01L
6.3V
0805
Panasonic
ECJ-2FB1A225K
10V
0805
ECJ-3YB1A225K
1206
ECJ-2YB0J225K
6.3V
0805
Taiyo Yuden
LMK107BJ225KA-T
10V
0603
LMK212BJ225KG-T
0805
Cout
Manufacturer
Part #
Value
WVDC
Case Size
Murata
GRM219R60J106KE19D
10uF
6.3V
0805
GRM319R60J106KE01D
1206
Panasonic
ECJ-2FB0J106K
6.3V
0805
ECJ-3YB0J106K
1206
Taiyo Yuden
JMK212BJ106KD-T
6.3V
0805
JMK316BJ106KF-T
1206
10
www.altera.com/enpirion
03132
October 11, 2013
Rev H


Similar Part No. - EP5362QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EP5362Q ENPIRION-EP5362Q Datasheet
339Kb / 16P
   500/600/800mA Synchronous Buck Regulators With Integrated Inductor
More results

Similar Description - EP5362QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EP5352Q ENPIRION-EP5352Q Datasheet
339Kb / 16P
   500/600/800mA Synchronous Buck Regulators With Integrated Inductor
logo
Altera Corporation
EP5388QI ALTERA-EP5388QI Datasheet
820Kb / 13P
   800mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP5357XUI ALTERA-EP5357XUI Datasheet
879Kb / 19P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EN5311QI ALTERA-EN5311QI Datasheet
973Kb / 16P
   1A PowerSoC Synchronous Buck Regulator With Integrated Inductor
EN5367QI ALTERA-EN5367QI Datasheet
1Mb / 23P
   6A PowerSoC Highly Integrated Synchronous Buck With Integrated Inductor
EP5368QI ALTERA-EP5368QI Datasheet
896Kb / 14P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP53A8LQI ALTERA-EP53A8LQI Datasheet
831Kb / 14P
   1A PowerSoC Synchronous Buck Regulator with Integrated Inductor
EP5358XUI ALTERA-EP5358XUI Datasheet
757Kb / 16P
   600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
EN2342QI ALTERA-EN2342QI Datasheet
3Mb / 23P
   4A PowerSoC Voltage Mode Synchronous PWM Buck with Integrated Inductor
EN5396QI ALTERA-EN5396QI Datasheet
1Mb / 19P
   9A PowerSoC Synchronous DC-DC Buck Converter with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com