Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP53A7LQI Datasheet(PDF) 11 Page - Altera Corporation

Part # EP53A7LQI
Description  1A PowerSoC Light Load Mode Buck Regulator with Integrated Inductor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP53A7LQI Datasheet(HTML) 11 Page - Altera Corporation

Back Button EP53A7LQI Datasheet HTML 7Page - Altera Corporation EP53A7LQI Datasheet HTML 8Page - Altera Corporation EP53A7LQI Datasheet HTML 9Page - Altera Corporation EP53A7LQI Datasheet HTML 10Page - Altera Corporation EP53A7LQI Datasheet HTML 11Page - Altera Corporation EP53A7LQI Datasheet HTML 12Page - Altera Corporation EP53A7LQI Datasheet HTML 13Page - Altera Corporation EP53A7LQI Datasheet HTML 14Page - Altera Corporation EP53A7LQI Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
EP53A7LQI/EP53A7HQI
Detailed Description
Functional Overview
The EP53A7xQI requires only 2 small MLCC
capacitors and an 0201 resistor for a complete
DC-DC
converter
solution.
The
device
integrates MOSFET switches, PWM controller,
Gate-drive, compensation, and inductor into a
tiny 3mm x 3mm x 1.1mm QFN package.
Advanced package design, along with the high
level of integration, provides very low output
ripple
and noise.
The EP53A7xQI uses
voltage mode control for high noise immunity
and load matching to adva
nced ≤90nm loads.
A 3-pin VID allows the user to choose from one
of 8 output voltage settings.
The EP53A7xQI
comes with two VID output voltage ranges.
The EP53A7HQI provides VOUT settings from
1.8V to 3.3V, the EP53A7LQI provides VID
settings from 0.8V to 1.5V, and also has an
external resistor
divider option to program
output setting over the 0.6V to VIN-0.5V range.
The EP53A7xQI provides the industry’s highest
power density of any 1A DCDC converter
solution.
The
key
enabler
of
this
revolutionary
integration
is
Altera
Enpirion’s
proprietary
power MOSFET technology.
The advanced
MOSFET switches are implemented in deep-
submicron CMOS to supply very low switching
loss at high switching frequencies and to allow
a high level of integration. The semiconductor
process allows seamless integration of all
switching, control, and compensation circuitry.
The proprietary magnetics
design provides
high-density/high-value magnetics in a very
small footprint.
Altera Enpirion magnetics are
carefully
matched
to
the
control
and
compensation
circuitry
yielding
an
optimal
solution with assured performance over the
entire operating range.
Protection features include under-voltage lock-
out (UVLO), over-current protection (OCP),
short circuit protection, and thermal overload
protection.
Integrated Inductor
The EP53A7xQI utilizes a proprietary low loss
integrated inductor.
The integration of the
inductor greatly simplifies the power supply
design
process.
The
integrated
inductor
provides the optimal solution to the complexity,
output ripple, and noise that plague low power
DCDC converter design.
Voltage Mode Control
The EP53A7xQI utilizes an integrated type III
compensation network.
Voltage mode control
is inherently impedance matched to the sub
90nm process technology that is used in
today’s advanced ICs.
Voltage mode control
also provides a high degree of noise immunity
at light load currents so that low ripple and high
accuracy are maintained over the entire load
range.
The very high switching frequency
allows for a very wide control loop bandwidth
and hence excellent transient performance.
Light Load Mode (LLM) Operation
The EP53A7xQI uses a proprietary light load
mode to provide high efficiency in the low load
operating condition. When the LLM pin is high,
the device is in automatic LLM/PWM mode.
When the LLM pin is low, the device is in PWM
mode. In automatic LLM/PWM mode, when a
light load condition is detected, the device will
(1) step VOUT up by approximately 1.5% above
the nominal operating output voltage setting,
VNOM, and then (2) shut down unnecessary
circuitry, and (3) monitor VOUT. When VOUT falls
below VNOM, the device will repeat (1), (2), and
(3). The voltage step up, or pre-positioning,
improves transient droop when a load transient
causes a transition from LLM mode to PWM
mode. If a load transient occurs, causing VOUT
to fall below the threshold VMIN, the device will
exit LLM operation and begin normal PWM
operation.
Figure
6
demonstrates
VOUT
behavior during transition into and out of LLM
operation.
11
www.altera.com/enpirion
01543
October 11, 2013
Rev D


Similar Part No. - EP53A7LQI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP53A7LQI ALTERA-EP53A7LQI Datasheet
998Kb / 19P
   1A PowerSoC Light Load Mode Buck Regulator with Integrated Inductor
logo
Enpirion, Inc.
EP53A7LQI-E ENPIRION-EP53A7LQI-E Datasheet
408Kb / 17P
   1000mA Synchronous Buck Regulator with Integrated Inductor
More results

Similar Description - EP53A7LQI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP53A7HQI ALTERA-EP53A7HQI Datasheet
998Kb / 19P
   1A PowerSoC Light Load Mode Buck Regulator with Integrated Inductor
logo
ACE Technology Co., LTD...
ACE757P ACE-ACE757P Datasheet
221Kb / 3P
   1A Light Load Mode Buck Regulator with Integrated Inductor
VER 1.2
logo
Altera Corporation
EN5311QI ALTERA-EN5311QI Datasheet
973Kb / 16P
   1A PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP53A8LQI ALTERA-EP53A8LQI Datasheet
831Kb / 14P
   1A PowerSoC Synchronous Buck Regulator with Integrated Inductor
EP5357XUI ALTERA-EP5357XUI Datasheet
879Kb / 19P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP5368QI ALTERA-EP5368QI Datasheet
896Kb / 14P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP5358XUI ALTERA-EP5358XUI Datasheet
757Kb / 16P
   600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
EP5388QI ALTERA-EP5388QI Datasheet
820Kb / 13P
   800mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
logo
Enpirion, Inc.
EN5312QI ENPIRION-EN5312QI Datasheet
462Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
EN5311QI ENPIRION-EN5311QI Datasheet
296Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com