Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVB-EP53A7HQI Datasheet(PDF) 10 Page - Altera Corporation

Part # EVB-EP53A7HQI
Description  1A PowerSoC Light Load Mode Buck Regulator with Integrated Inductor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EVB-EP53A7HQI Datasheet(HTML) 10 Page - Altera Corporation

Back Button EVB-EP53A7HQI Datasheet HTML 6Page - Altera Corporation EVB-EP53A7HQI Datasheet HTML 7Page - Altera Corporation EVB-EP53A7HQI Datasheet HTML 8Page - Altera Corporation EVB-EP53A7HQI Datasheet HTML 9Page - Altera Corporation EVB-EP53A7HQI Datasheet HTML 10Page - Altera Corporation EVB-EP53A7HQI Datasheet HTML 11Page - Altera Corporation EVB-EP53A7HQI Datasheet HTML 12Page - Altera Corporation EVB-EP53A7HQI Datasheet HTML 13Page - Altera Corporation EVB-EP53A7HQI Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
EP53A7LQI/EP53A7HQI
Functional Block Diagram
Figure 5: Functional Block Diagram
DAC
Switch
VREF
(+)
(-)
Error
Amp
VSENSE
VFB
VOUT
Package Boundry
P-Drive
N-Drive
UVLO
Thermal Limit
Current Limit
Soft Start
Sawtooth
Generator
(+)
(-)
PWM
Comp
PVIN
ENABLE
PGND
Logic
Compensation
Network
NC(SW)
Voltage
Select
VS0
VS1
AVIN
VS2
AGND
Mode Logic
LLM
10
www.altera.com/enpirion
01543
October 11, 2013
Rev D


Similar Part No. - EVB-EP53A7HQI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EVB-EP53A7HQI ALTERA-EVB-EP53A7HQI Datasheet
998Kb / 19P
   1A PowerSoC Light Load Mode Buck Regulator with Integrated Inductor
More results

Similar Description - EVB-EP53A7HQI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP53A7LQI ALTERA-EP53A7LQI Datasheet
998Kb / 19P
   1A PowerSoC Light Load Mode Buck Regulator with Integrated Inductor
logo
ACE Technology Co., LTD...
ACE757P ACE-ACE757P Datasheet
221Kb / 3P
   1A Light Load Mode Buck Regulator with Integrated Inductor
VER 1.2
logo
Altera Corporation
EN5311QI ALTERA-EN5311QI Datasheet
973Kb / 16P
   1A PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP53A8LQI ALTERA-EP53A8LQI Datasheet
831Kb / 14P
   1A PowerSoC Synchronous Buck Regulator with Integrated Inductor
EP5357XUI ALTERA-EP5357XUI Datasheet
879Kb / 19P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP5368QI ALTERA-EP5368QI Datasheet
896Kb / 14P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP5358XUI ALTERA-EP5358XUI Datasheet
757Kb / 16P
   600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
EP5388QI ALTERA-EP5388QI Datasheet
820Kb / 13P
   800mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
logo
Enpirion, Inc.
EN5312QI ENPIRION-EN5312QI Datasheet
462Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
EN5311QI ENPIRION-EN5311QI Datasheet
296Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com