Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR306 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FR306
Description  3.0A FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FR306 Datasheet(HTML) 2 Page - Diodes Incorporated

  FR306 Datasheet HTML 1Page - Diodes Incorporated FR306 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
S26003 Rev. C-3
2 of 2
FR301-FR307
0
0
25
50
75
100 125
150 175
T , AMBIENT TEMPERATURE (ºC)
Fig.1, Forward Derating Curve
A
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
1
2
3
4
9.5mm Lead
Length to PC Board
10
100
200
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 4, Maximum Non-Repetitive Surge Current
10
100
1000
1
10
100
V , REVERSE VOLTAGE (VOLTS)
Fig. 3, Typical Junction Capacitance
R
FR301 - FR304
FR305 - FR307
0.1
1
10
100
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V , INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
Fig.2, Typical Forward Characteristics
F
T = 25°C
J
Pulse Width
= 300 µs


Similar Part No. - FR306

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
FR306 DIOTECH-FR306 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Won-Top Electronics
FR306 WTE-FR306 Datasheet
46Kb / 3P
   3.0A FAST RECOVERY RECTIFIER
logo
Gaomi Xinghe Electronic...
FR306 GXELECTRONICS-FR306 Datasheet
341Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
FR306 LUGUANG-FR306 Datasheet
191Kb / 2P
   3.0 AMP. Fast Recovery Rectifiers
logo
Micro Commercial Compon...
FR306 MCC-FR306 Datasheet
80Kb / 3P
   3 Amp Fast Recovery Rectifier 50 to 1000 Volts
More results

Similar Description - FR306

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TF301 TAITRON-TF301 Datasheet
131Kb / 4P
   3.0A Fast Recovery Rectifier
logo
New Jersey Semi-Conduct...
FR301 NJSEMI-FR301 Datasheet
129Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
logo
Zibo Seno Electronic En...
PR3001 ZSELEC-PR3001 Datasheet
135Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
FR305-T DIODES-FR305-T Datasheet
50Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
logo
TAITRON Components Inco...
MR850 TAITRON-MR850 Datasheet
133Kb / 4P
   3.0A Fast Recovery Rectifier
logo
Diodes Incorporated
PR3001 DIODES-PR3001_1 Datasheet
368Kb / 3P
   3.0A FAST RECOVERY RECTIFIER
DS26014 Rev. 4 - 2
logo
Won-Top Electronics
FR301 WTE-FR301 Datasheet
46Kb / 3P
   3.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
PR3001 DIODES-PR3001 Datasheet
61Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
DS26014 Rev. A1-2
logo
List of Unclassifed Man...
TF301 ETC2-TF301 Datasheet
131Kb / 4P
   3.0A Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
FR301 ZSELEC-FR301 Datasheet
118Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com