Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN5395QI Datasheet(PDF) 5 Page - Altera Corporation

Part # EN5395QI
Description  9A PowerSoC Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EN5395QI Datasheet(HTML) 5 Page - Altera Corporation

  EN5395QI Datasheet HTML 1Page - Altera Corporation EN5395QI Datasheet HTML 2Page - Altera Corporation EN5395QI Datasheet HTML 3Page - Altera Corporation EN5395QI Datasheet HTML 4Page - Altera Corporation EN5395QI Datasheet HTML 5Page - Altera Corporation EN5395QI Datasheet HTML 6Page - Altera Corporation EN5395QI Datasheet HTML 7Page - Altera Corporation EN5395QI Datasheet HTML 8Page - Altera Corporation EN5395QI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
EN5395QI
Absolute Maximum Ratings
CAUTION: Absolute Maximum
ratings
are stress ratings only. Functional operation beyond
recommended operating conditions is not implied. Stress beyond absolute maximum ratings may
cause permanent damage to the device. Exposure to absolute maximum rated conditions for
extended periods may affect device reliability.
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Supply Voltage
VIN
-0.5
7.0
V
Voltages on: ENABLE, VSENSE, VS0-VS2, M/S
-0.5
VIN
V
Voltages on: EAIN, EAOUT, COMP
-0.5
2.5
Voltages on: SS, PWM
-0.5
3.0
Voltages on: POK
-0.5
VIN + 0.3
Storage Temperature Range
TSTG
-65
150
°C
Reflow Temp, 10 Sec, MSL3 JEDEC J-STD-020A
260
°C
ESD Rating (based on Human Body Model)
2000
V
Recommended Operating Conditions
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Voltage Range
VIN
2.375
5.5
V
Output Voltage Range (NOTE 1)
VOUT
0.75
VIN - VDROPOUT
V
Output Current (NOTE 2)
IOUT
0
9
A
Operating Ambient Temperature
TA
-40
+85
°C
Operating Junction Temperature
TJ
-40
+125
°C
Note 1: VDROPOUT = ILOAD x Dropout Resistance
Note 2: Reference figures 5 and 6 for the Output Current Derating Curves.
Thermal Characteristics
PARAMETER
SYMBOL
TYP
UNITS
Thermal Resistance: Junction to Ambient (0 LFM) (Note 3)
θ
JA
18
°C/W
Thermal Resistance: Junction to Case (0 LFM)
θ
JC
1.5
°C/W
Thermal Overload Trip Point
TJ-TP
+150
°C
Thermal Overload Trip Point Hysteresis
20
°C
Note 3: Based on four layer board and proper thermal design in line with JEDEC EIJ/JESD 51 standards
Electrical Characteristics
NOTE: VIN=5.5V over operating temperature range unless otherwise noted.
Typical values are at TA = 25°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VOUT Initial Accuracy
∆V
OUT_INIT
TA = 25C, 2.375V ≤ VIN ≤ 5.5V
ILOAD = 1A; TA = 25°C
VID Output Voltage Setting (V):
1.2, 1.25, 1.5, 1.8, 2.5, 3.3
0.8
-2
-3
+2
+3
%
Overall VOUT Accuracy
(Line, Load, and
Temperature combined)
∆V
OUT_ALL
2.4V
≤ V
IN ≤ 5.5V
-40°C
≤ T
A ≤ +85°C
0A
≤ I
LOAD ≤ 9A
VID Output Voltage Setting (V):
1.2, 1.25, 1.5, 1.8, 2.5, 3.3
0.8
-3
-4
+3
+4
%
Transient Response Peak
Deviation
∆V
OUT
(IOUT = 0% to 100% or 100% to
0% or rated load)
5
%
5
www.altera.com/enpirion
02392
December 3, 2013
Rev F


Similar Part No. - EN5395QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5395QI ENPIRION-EN5395QI Datasheet
551Kb / 18P
   9A Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
EN5395QI-E ENPIRION-EN5395QI-E Datasheet
551Kb / 18P
   9A Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
More results

Similar Description - EN5395QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5395QI ENPIRION-EN5395QI Datasheet
551Kb / 18P
   9A Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
logo
Altera Corporation
EN5394QI ALTERA-EN5394QI Datasheet
1Mb / 19P
   9A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
logo
Enpirion, Inc.
EN5365QI ENPIRION-EN5365QI Datasheet
831Kb / 17P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
logo
Altera Corporation
EN5396QI ALTERA-EN5396QI Datasheet
1Mb / 19P
   9A PowerSoC Synchronous DC-DC Buck Converter with Integrated Inductor
EN5335QI ALTERA-EN5335QI Datasheet
951Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
EN5364QI ALTERA-EN5364QI Datasheet
1,012Kb / 19P
   6A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
EN5337QI ALTERA-EN5337QI Datasheet
846Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Enpirion, Inc.
EN5396QI ENPIRION-EN5396QI Datasheet
553Kb / 19P
   9A Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Output Voltage Programming
logo
Altera Corporation
EN5322QI ALTERA-EN5322QI Datasheet
899Kb / 17P
   2A PowerSoC Synchronous Buck DC-DC Converter with Integrated Inductor
logo
Enpirion, Inc.
EN5394QI ENPIRION-EN5394QI Datasheet
430Kb / 19P
   Feature Rich 9A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com