Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN5394QI Datasheet(PDF) 9 Page - Altera Corporation

Part # EN5394QI
Description  9A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EN5394QI Datasheet(HTML) 9 Page - Altera Corporation

Back Button EN5394QI Datasheet HTML 5Page - Altera Corporation EN5394QI Datasheet HTML 6Page - Altera Corporation EN5394QI Datasheet HTML 7Page - Altera Corporation EN5394QI Datasheet HTML 8Page - Altera Corporation EN5394QI Datasheet HTML 9Page - Altera Corporation EN5394QI Datasheet HTML 10Page - Altera Corporation EN5394QI Datasheet HTML 11Page - Altera Corporation EN5394QI Datasheet HTML 12Page - Altera Corporation EN5394QI Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
EN5394QI
Block Diagram
(+)
(-)
Error
Amp
VOUT
P-Drive
N-Drive
UVLO
Thermal Limit
Current Limit
Soft Start
PLL / Sawtooth
Generator
(+)
(-)
PWM
Comp
PVIN
ENABLE
Compensation
Network
Bandgap
Reference
PGND
VFB
EAOUT
S_OUT
SS
Reference
Voltage
selector
Over Voltage
power
Good
Logic
POK
S_IN
MAR1
MAR2
EAOUT
EN_PB
Digital I/O
M_S
To PLL
MAR1/2
NC(SW)
Figure 3: System block diagram.
Functional Description
Synchronous Buck Converter
The EN5394QI is a synchronous, programmable
power supply with integrated power MOSFET
switches and integrated inductor. The nominal
input voltage range is 2.375-6.6V. The output
voltage is programmed using an external resistor
divider network. The feedback control loop is a
type III, voltage-mode, and the device uses a
low-noise PWM topology. Up to 9A of continuous
output current can be drawn from this converter.
The 4MHz operating frequency enables the use
of small-size input and output capacitors.
9
www.altera.com/enpirion
03738
October 11, 2013
Rev E


Similar Part No. - EN5394QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5394QI ENPIRION-EN5394QI Datasheet
430Kb / 19P
   Feature Rich 9A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5394QI-E ENPIRION-EN5394QI-E Datasheet
430Kb / 19P
   Feature Rich 9A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5394QI-T ENPIRION-EN5394QI-T Datasheet
430Kb / 19P
   Feature Rich 9A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results

Similar Description - EN5394QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5396QI ALTERA-EN5396QI Datasheet
1Mb / 19P
   9A PowerSoC Synchronous DC-DC Buck Converter with Integrated Inductor
EN5364QI ALTERA-EN5364QI Datasheet
1,012Kb / 19P
   6A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
EN5337QI ALTERA-EN5337QI Datasheet
846Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5395QI ALTERA-EN5395QI Datasheet
1Mb / 18P
   9A PowerSoC Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
logo
Enpirion, Inc.
EN5394QI ENPIRION-EN5394QI Datasheet
430Kb / 19P
   Feature Rich 9A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN5322QI ALTERA-EN5322QI Datasheet
899Kb / 17P
   2A PowerSoC Synchronous Buck DC-DC Converter with Integrated Inductor
EN5335QI ALTERA-EN5335QI Datasheet
951Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
logo
Enpirion, Inc.
EN5396QI ENPIRION-EN5396QI Datasheet
553Kb / 19P
   9A Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Output Voltage Programming
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6347QI ENPIRION-EN6347QI Datasheet
583Kb / 16P
   4A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com