Electronic Components Datasheet Search |
|
A-42002-9A2A1 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
A-42002-9A2A1 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 03/26/2014 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 10-84-4092 Status: Active Overview: MLX™ Power Connectors Description: 6.35mm Pitch MLX™ Power Connector, 2.13mm Contact Diameter, Vertical, PA Polyamide (Nylon) 6/6, Tin (Sn), White, 9 Circuits Documents: 3D Model Product Specification PS-42022-0001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family PCB Headers Series 42002 Application Power, Wire-to-Board Comments High Vibration Application Overview MLX™ Power Connectors Product Name MLX™ UPC 800753619838 Physical Breakaway No Circuits (Loaded) 9 Circuits (maximum) 9 Color - Resin Natural Durability (mating cycles max) 50 Flammability 94V-2 Glow-Wire Compliant No Lock to Mating Part Yes Material - Metal Phosphor Bronze Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin Nylon Net Weight 5.171/g Number of Rows 3 Orientation Vertical PC Tail Length 4.30mm PCB Retention None PCB Thickness - Recommended 0.90mm Packaging Type Carton Pitch - Mating Interface 6.35mm Polarized to PCB Yes Surface Mount Compatible (SMC) No Temperature Range - Operating -55°C to +105°C Termination Interface: Style Through Hole Electrical Current - Maximum per Contact 13.5A, 20A Voltage - Maximum 600V Solder Process Data Duration at Max. Process Temperature (seconds) 10 Lead-free Process Capability Wave Capable (TH only) Process Temperature max. C 260 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Low-Halogen Status Low-Halogen Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 42002Series Mates With 42021 , 42023 |
Similar Part No. - A-42002-9A2A1 |
|
Similar Description - A-42002-9A2A1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |