Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN5364QI Datasheet(PDF) 3 Page - Altera Corporation

Part # EN5364QI
Description  6A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EN5364QI Datasheet(HTML) 3 Page - Altera Corporation

  EN5364QI Datasheet HTML 1Page - Altera Corporation EN5364QI Datasheet HTML 2Page - Altera Corporation EN5364QI Datasheet HTML 3Page - Altera Corporation EN5364QI Datasheet HTML 4Page - Altera Corporation EN5364QI Datasheet HTML 5Page - Altera Corporation EN5364QI Datasheet HTML 6Page - Altera Corporation EN5364QI Datasheet HTML 7Page - Altera Corporation EN5364QI Datasheet HTML 8Page - Altera Corporation EN5364QI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
EN5364QI
Pin Descriptions
PIN
NAME
FUNCTION
1-4,
27-33,
64-68
PGND
Input/Output power ground. Connect these pins to the ground electrode of the input
and output filter capacitors. See VOUT and PVIN descriptions for more details.
5-13
VOUT
Regulated converter output. Connect to the load, and place output filter capacitor(s)
between these pins and PGND pins 1-4 and 64-68.
14-24,
44-47
NC
NO CONNECT: These pins must be soldered to PCB but not be electrically connected
to each other or to any external signal, voltage, or ground. These pins may be
connected internally. Failure to follow this guideline may result in device damage.
25-26
NC(SW)
NO CONNECT: These pins are internally connected to the common switching node of
the internal MOSFETs. They must be soldered to PCB but not be electrically
connected to any external signal, ground, or voltage. Failure to follow this guideline
may result in device damage.
34-43
PVIN
Input power supply. Connect to input power supply, place input filter capacitor(s)
between these pins and PGND pins 27-33.
48
S_OUT
Clock Output. Depending on the mode, either a clock signal or the PWM signal is
output on this pin. These signals are delayed by a time that is related to the resistor
connected between S_DELAY and AGND. Leave this pin floating if not needed.
49
S_IN
Clock Input. Depending on the mode, this pin accepts either an input clock to
synchronize the internal switching frequency or the S_OUT signal from another
EN5364QI. Leave this pin floating if it is not used.
50
M/S
This is a Ternary Input. Floating the pin disables parallel operation. A low level
configures the device as Master and a High level configures the device as a slave.
51
EN_PB
This is the Enable Pre-Bias Input. When this pin is pulled high, the Device will support
monotonic start-up under a pre-biased load. There is a 150k
Ω pull-down on this pin.
52
ENABLE
This is the Device Enable pin. A high level enables the device while a low level
disables the device.
53
AVIN
Input power supply for the controller. Needs to be connected to VIN at a quiet point.
54
POK
Power OK is an open drain transistor for power system state indication. POK is a
logic high when VOUT is with -10% to +20% of VOUT nominal. Being an open drain
output allows several devices to be wired to logically AND the function. Size pull-up
resistor to limit current to 4mA when POK is low.
55
AGND
Ground return for the controller. Needs to be connected to a quiet ground.
56
VFB
External Feedback input. The feedback loop is closed through this pin. A voltage
divider at VOUT is used to set the output voltage. The mid-point of the divider is
connected to VFB. The control loop regulates to make the VFB node voltage 0.6V.
57
EAOUT
Optional Error Amplifier output. Allows for customization of the control loop.
58
OCP_ADJ
When this pin is pulled to AGND, the overcurrent protection trip point is increased by
approximately 30%. Leave floating for default OCP threshold (see Electrical
Characteristics table). Tie this pin to AGND for pin compatibility with the EN5394.
59
SS
A soft-start capacitor is connected between this pin to AGND. The value of the
capacitor controls the soft-start interval and startup time.
60
S_DELAY
A resistor is connected between this pin and AGND. The value of the resistor controls
the delay in S_OUT. This pin can be left floating if the S_OUT function is not used.
61-62
MAR1,
MAR2
These are 2 ternary input pins. Each pin can be a logical Lo, Logical Hi or Float
condition. 7 of the 9 states are used to modulate the output voltage by 0%, ±2.5%,
±5% or ±10%. The 8th state is used to by-pass the delay in S_OUT. See Functional
Description section.
63
VSENSE
This pin senses VOUT when the device is placed in the Back-feed (or Pre-bias) mode.
69, 70
PGND
Device thermal pads to be connected to the system gnd plane. See Layout
Recommendations section.
3
www.altera.com/enpirion
03544
October 11, 2013
Rev E


Similar Part No. - EN5364QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5364QI ENPIRION-EN5364QI Datasheet
456Kb / 19P
   Feature Rich 6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5364QI-E ENPIRION-EN5364QI-E Datasheet
456Kb / 19P
   Feature Rich 6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results

Similar Description - EN5364QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5337QI ALTERA-EN5337QI Datasheet
846Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5394QI ALTERA-EN5394QI Datasheet
1Mb / 19P
   9A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
logo
Enpirion, Inc.
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5364QI ENPIRION-EN5364QI Datasheet
456Kb / 19P
   Feature Rich 6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN5396QI ALTERA-EN5396QI Datasheet
1Mb / 19P
   9A PowerSoC Synchronous DC-DC Buck Converter with Integrated Inductor
EN5322QI ALTERA-EN5322QI Datasheet
899Kb / 17P
   2A PowerSoC Synchronous Buck DC-DC Converter with Integrated Inductor
logo
Enpirion, Inc.
EN5366QI ENPIRION-EN5366QI Datasheet
841Kb / 16P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Output Voltage Programming
logo
Altera Corporation
EN5335QI ALTERA-EN5335QI Datasheet
951Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
logo
Enpirion, Inc.
EN5360 ENPIRION-EN5360 Datasheet
388Kb / 11P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com