Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1546307-1 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 2-1546307-1
Description  Engineering Notes
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1546307-1 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 2-1546307-1 Datasheet HTML 3Page - Tyco Electronics 2-1546307-1 Datasheet HTML 4Page - Tyco Electronics 2-1546307-1 Datasheet HTML 5Page - Tyco Electronics 2-1546307-1 Datasheet HTML 6Page - Tyco Electronics 2-1546307-1 Datasheet HTML 7Page - Tyco Electronics 2-1546307-1 Datasheet HTML 8Page - Tyco Electronics 2-1546307-1 Datasheet HTML 9Page - Tyco Electronics 2-1546307-1 Datasheet HTML 10Page - Tyco Electronics 2-1546307-1 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
118
Catalog 1308389
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 8706-080-208
Note: All part numbers
are RoHS Compliant.
BUCHANAN Terminal Blocks
Barrier Strips – Overview
Two Types of Barrier Strips
and a Line of Sockets:
Tri-Barrier
Three walls or barriers
surround each terminal
screw. The back wall
safeguards field wiring.
Dual-Barrier
Two walls or barriers are
molded on each side of the
terminal screw.
Sockets
Mounted directly to the PC
board, the Barrier Strip is
plugged into the socket.
The socket expedites field
maintenance. (Below, a
tri-barrier is about to be
mounted in a socket.)
Wire Clamp Screws
The lower surface and
edges of the clamping-
plates are carefully
designed to securely
clamp the wire—even
combinations of different
wire sizes—without
severing stranded wire.
Extra care has been taken
to produce these
components without burrs
on any critical clamping
surface or edges.
Resilient Plastic Barriers
Flexible thermoplastic
material for terminal blocks
was an especially important
feature at the time of its
introduction, since many
earlier blocks were molded
of more rigid, brittle
thermosetting plastic
compounds.
Wire-Ready Raised Screws
Wire-ready raised screws
are standard on
BUCHANAN terminal
blocks. No need to back off
the screw first. Just insert
the wire and drive down the
screw. Wire installation time
and effort are virtually cut in
half.
Integral Standoffs
Standoffs help rid your PCB
of any remaining corrosive
agents during rinsing
operations. Helps prevent
trapped solutions in the
immediate PC pin area.
Significantly reduces the
risk of postwave corrosion
problems.
Gas-Tight Connections
The acid-tin plating on our
terminals means more than
just improved shelf-life and
superior solderability. It is
to provide the very basis
for the heart of your wire
connections.
Quality Plating
Tyco Electronics
Corporation has been
known for its plating,
especially on the tin-plated
components, and has
maintained stringent plating
specifications to provide a
better performing, more
reliable product. (Terminals
meet or exceed Tyco
Electronics Specification
109-11-1.)
UL Recognition and CSA
Certification
Terminal blocks and
interconnect components
are Recognized under the
Component Recognition
Program of Underwriters
Laboratories Inc. and
Certified by Canadian
Standards Association.
(Consult individual sections
of this catalog for status of
a specific series.)
Typical Application
Pictured below is a PC
board with barrier strips
and sockets wave soldered
to it.


Similar Part No. - 2-1546307-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1546018-0 MACOM-2-1546018-0 Datasheet
98Kb / 1P
   TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
2-1546018-1 MACOM-2-1546018-1 Datasheet
98Kb / 1P
   TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
2-1546018-2 MACOM-2-1546018-2 Datasheet
98Kb / 1P
   TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
2-1546018-3 MACOM-2-1546018-3 Datasheet
98Kb / 1P
   TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
2-1546018-4 MACOM-2-1546018-4 Datasheet
98Kb / 1P
   TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
More results

Similar Description - 2-1546307-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437404-1 MACOM-2-1437404-1 Datasheet
17Mb / 69P
   Engineering Notes
2-1437402-5 MACOM-2-1437402-5 Datasheet
17Mb / 69P
   Engineering Notes
logo
List of Unclassifed Man...
20.101M ETC2-20.101M Datasheet
131Kb / 1P
   notes
logo
Murata Manufacturing Co...
MPAN-03 MURATA-MPAN-03 Datasheet
155Kb / 2P
   Application Notes
logo
IC-Haus GmbH
IC-WJZ ICHAUS-IC-WJZ Datasheet
114Kb / 3P
   APPLICATION NOTES
logo
Mitsubishi Electric Sem...
NF30-SP MITSUBISHI-NF30-SP Datasheet
1Mb / 105P
   TECHNICAL NOTES
logo
Astec America, Inc
ALQ07 ASTEC-ALQ07 Datasheet
493Kb / 28P
   Technical Reference Notes
logo
Tyco Electronics
C-1513247 MACOM-C-1513247 Datasheet
82Kb / 1P
   revised notes and te logo
logo
List of Unclassifed Man...
M995B ETC-M995B Datasheet
123Kb / 2P
   256 NOTES DUAL TONE
logo
Tyco Electronics
C-1513157 MACOM-C-1513157 Datasheet
95Kb / 1P
   rev notes and layout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com