Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMA-QL00 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMA-QL00
Description  Subminiature High Performance AlInGaP LED Lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMA-QL00 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMA-QL00 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMA-QL00 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMA-QL00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMA-QL00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMA-QL00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMA-QL00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMA-QL00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMA-QL00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMA-QL00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Part Numbering System
HLMx - x x 00 - x x x xx
Packaging Option
00: Straight Leads, Bulk Packaging, Quantity of 500 parts
11: Gull Wing Bend, Tape & Reel – 7" Reel
12: Gull Wing Bend, Bulk
14: Gull Wing Bend, Tape & Reel – 13" Reel
21: Yoke Bend, Tape and Reel – 7" Reel
22: Yoke Bend, Bulk
24: Yoke Bend, Tape and Reel – 13" Reel
31: Z-Bend, Tape and Reel – 7" Reel
32: Z-Bend, Bulk
34: Z-Bend, Tape and Reel – 13" Reel
Color Bin Selection
0:
Full Color Bin Distribution
B:
Color Bins 2 & 3
K:
Color Bins 2, 3 & 4
R:
Color Bins 2 & 4
W: Color Bins 2, 4, 6 & 7
X:
Color Bins 4, 6 & 7
Maximum Iv Bin Options
Please refer to the Iv Bin Table
Minimum Iv Bin Options
Please refer to the Iv Bin Table
Color Options
L:
Amber 590 nm
J:
Orange 605 nm
H:
Reddish Orange 615 nm
G:
Red 622/626 nm
F:
Red 635 nm
Package Options
Q:
Dome
P:
Flat Top


Similar Part No. - HLMA-QL00

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMA-QL00 HP-HLMA-QL00 Datasheet
125Kb / 7P
   Subminiature High Performance AlInGaP LED Lamps
HLMA-QL00 HP-HLMA-QL00 Datasheet
152Kb / 11P
   Subminiature High Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMA-QL00 BOARDCOM-HLMA-QL00 Datasheet
580Kb / 10P
   Subminiature High Performance AlInGaP LED Lamps
HLMA-QL00-S00XX BOARDCOM-HLMA-QL00-S00XX Datasheet
580Kb / 10P
   Subminiature High Performance AlInGaP LED Lamps
HLMA-QL00-TU0XX BOARDCOM-HLMA-QL00-TU0XX Datasheet
580Kb / 10P
   Subminiature High Performance AlInGaP LED Lamps
More results

Similar Description - HLMA-QL00

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMA-PF00 HP-HLMA-PF00 Datasheet
152Kb / 11P
   Subminiature High Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMA-QX00 BOARDCOM-HLMA-QX00 Datasheet
580Kb / 10P
   Subminiature High Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMA-PH00 HP-HLMA-PH00 Datasheet
125Kb / 7P
   Subminiature High Performance AlInGaP LED Lamps
logo
Unity Opto Technology
MVL-514TUYL UOT-MVL-514TUYL Datasheet
39Kb / 2P
   High Performance AlInGaP LED Lamps
MVL-5A4TUYL UOT-MVL-5A4TUYL Datasheet
41Kb / 2P
   High Performance AlInGaP LED Lamps
MVL-514SO UOT-MVL-514SO Datasheet
37Kb / 2P
   Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-P106 BOARDCOM-HLMP-P106 Datasheet
668Kb / 11P
   Subminiature High-Performance Red LED Lamps
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMA-KL00 AVAGO-HLMA-KL00 Datasheet
259Kb / 7P
   T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com