Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVB-EN5335QI Datasheet(PDF) 3 Page - Altera Corporation

Part # EVB-EN5335QI
Description  3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EVB-EN5335QI Datasheet(HTML) 3 Page - Altera Corporation

  EVB-EN5335QI Datasheet HTML 1Page - Altera Corporation EVB-EN5335QI Datasheet HTML 2Page - Altera Corporation EVB-EN5335QI Datasheet HTML 3Page - Altera Corporation EVB-EN5335QI Datasheet HTML 4Page - Altera Corporation EVB-EN5335QI Datasheet HTML 5Page - Altera Corporation EVB-EN5335QI Datasheet HTML 6Page - Altera Corporation EVB-EN5335QI Datasheet HTML 7Page - Altera Corporation EVB-EN5335QI Datasheet HTML 8Page - Altera Corporation EVB-EN5335QI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
EN5335QI
3
www.altera.com/enpirion
Pin Descriptions
PIN
NAME
FUNCTION
1-3
NC
NO CONNECT – Do not electrically connect these pins to each other or to
PCB.
4-6
NC(SW)
No Connect. These pins are internally connected to the switch node of the
internal MOSFETs. NC(SW) pins are not to be electrically connected to any
external signal, ground, or voltage.
7
NC
No connect – Do not electrically connect these pins to each other or to PCB.
8-14
VOUT
Regulated converter output. Connect these pins to the load and place output
capacitor from these pins the PGND pins 17-18
15
NC(SW)
No Connect. These pins are internally connected to the switch node of the
internal MOSFETs. NC(SW) pins are not to be electrically connected to any
external signal, ground, or voltage.
16
NC
No connect – Do not electrically connect these pins to each other or to PCB.
17-20
PGND
Output power ground. Connect these pins to the ground electrode of the
output filter capacitors. Refer to layout guideline section.
21-24
PVIN
Input power supply. Connect to input power supply. Decouple with input
capacitor to PGND (pins 19-20).
25-26
NC
No connect – Do not electrically connect these pins to each other or to PCB.
27
ROCP
Optional Over Current Protection adjust pin. Place ROCP resistor between
this pin and AGND (pin 40) to increase the over current trip point by 50%.
28
AVIN
Analog voltage input for the controller circuits. Connect this pin to the input
power supply.
29
AGND
Analog ground for the controller circuits.
30-31
NC
No connect – Do not electrically connect these pins to each other or to PCB.
32
VS2
Voltage select line 2 input. See Table 1.
33
VS1
Voltage select line 1 input. See Table 1.
34
VS0
Voltage select line 0 input. See Table 1.
35
POK
Power OK is an open drain transistor for power system state indication. POK
is a logic high when VOUT is with -10% to +20% of VOUT nominal.
36
VSENSE
Remote voltage sense input. Connect this pin to the load voltage at the point
to be regulated.
37
SS
Soft-Start node. The soft-start capacitor is connected between this pin and
AGND. The value of this resistor determines the startup timing.
38
EAIN
Optional Error Amplifier input. Allows for customization of the control loop.
39
EAOUT
Optional Error Amplifier output. Allows for customization of the control loop.
40
COMP
Optional Error Amplifier Buffer output. Allows for customization of the control
loop.
41
ENABLE
Input Enable. Applying a logic high, enables the output and initiates a soft-
start. Applying a logic low disables the output.
42-44
NC
No connect – Do not electrically connect these pins to each other or to PCB.
00846
October 11, 2013
Rev J


Similar Part No. - EVB-EN5335QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EVB-EN5337QI ALTERA-EVB-EN5337QI Datasheet
846Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results

Similar Description - EVB-EN5335QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5337QI ALTERA-EN5337QI Datasheet
846Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Enpirion, Inc.
EN5335QI ENPIRION-EN5335QI Datasheet
238Kb / 13P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
logo
Altera Corporation
EN5364QI ALTERA-EN5364QI Datasheet
1,012Kb / 19P
   6A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
EN5394QI ALTERA-EN5394QI Datasheet
1Mb / 19P
   9A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
EN5395QI ALTERA-EN5395QI Datasheet
1Mb / 18P
   9A PowerSoC Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
logo
Enpirion, Inc.
EN6337QI ENPIRION-EN6337QI Datasheet
417Kb / 17P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5337QI ENPIRION-EN5337QI Datasheet
276Kb / 12P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5336QI ENPIRION-EN5336QI Datasheet
243Kb / 13P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Feedback Output Voltage Programming
logo
Altera Corporation
EN5396QI ALTERA-EN5396QI Datasheet
1Mb / 19P
   9A PowerSoC Synchronous DC-DC Buck Converter with Integrated Inductor
EN5322QI ALTERA-EN5322QI Datasheet
899Kb / 17P
   2A PowerSoC Synchronous Buck DC-DC Converter with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com