Electronic Components Datasheet Search |
|
1-1546307-0 Datasheet(PDF) 5 Page - Tyco Electronics |
|
1-1546307-0 Datasheet(HTML) 5 Page - Tyco Electronics |
5 / 69 page 116 Catalog 1308389 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-07 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-1106-0803 UK: 8706-080-208 Note: All part numbers are RoHS Compliant. BUCHANAN Terminal Blocks Catalog Number Code Base Options C = Closed Base F = Flat Base R = Raised Base T = Turret Base or Mounting Piece Options R = Right-angle mounting, without bracket V = Vertical mounting SSB 3 F P 06 02 02 11 AA Type of Block SSB = Dual-Barrier RSB = Tri-Barrier Contact Spacing 3 = 0.325” 6 = 0.375” 7 = 0.4375” Mounting Options E = Open end positions, with mounting inserts, with end barriers F = Open end positions, without mounting inserts, without end barriers G = Open end positions, with mounting inserts, without end barriers H = All positions filled with contacts, without end barriers M = Open end positions, without mounting inserts, with end barriers P = All positions filled with contacts, with end barriers T = Threaded mounting plate in each end position Number of Circuits 02 through XX Terminal Options Top Hardware Options Circuit Identification Options OPTIONAL TERMINAL IDENTIFICATION Select the desired version from the list below and add the CODE NUMBER (11, 12, 15 or 16) to the end of the catalog number of the connector or header. CODE 11 = 1 2 3 4 . . . 12 = . . . 4 3 2 1 15 = 16 = "First Number In Series" Designator* A= 1 F = 6 B= 2 G = 7 C = 3 H = 8 D = 4 J = 9 E = 5 K = 0 * Letters in this position designate the first number to be used in the consecutive sequence. Ex.: "A" would start the sequence with the number 1. "EK" would start the sequence with the number 50. "BKK" would start the series with 200. For non-sequential numbering and special characters, consult Technical Support. Note: Some catalog number combinations are not valid. Check appropriate catalog pages before ordering. Catalog numbering code applies only to the catalog numbers on pages 125, 148-151, 164-169. First Number in Series Designator A |
Similar Part No. - 1-1546307-0 |
|
Similar Description - 1-1546307-0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |