Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DT60PW090P Datasheet(PDF) 1 Page - TDK Electronics

Part # DT60PW090P
Description  External Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DT60PW090P Datasheet(HTML) 1 Page - TDK Electronics

  DT60PW090P Datasheet HTML 1Page - TDK Electronics DT60PW090P Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
1-800-526-2324 • www.us.tdk-lambda.com/lp/
DT Series
Features
u Low Profile Light Weight
u Single and Multiple Outputs
u 2 Wire or 3 Wire Input Versions
u Wide Range Input
u Low Conducted EM
External Power Supplies
Model
DT27
DT36PW
Maximum Output Power
W
27W
36W
Number of Outputs
-
2
1
Minimum Load
-
yes
no
Input Voltage Range
-
90~264VAC (47~63Hz)
Efficiency
-
75% (typical)
Inrush Current (@120VAC)
A
50A
50A
Size (L x W x H)
mm
106x60x30
106x60x30
Regulation
(1)
-
Line: Typically 1%, Load: Typically 5%
Ripple/Noise
(1)
-
Typically 1%
Overcurrent Protection
-
Short Circuit, auto restart
Overvoltage Protection
-
+5V only
150% max
Hold Up Time (120VAC)
ms
10
10
Operating Temperature
°C
0~40°C
Storage Temperature
°C
-40~70°C
-40~70°C
EMI
-
FCC Class B, EN55022B, (EN50081-1 DT15W, DT30U)
Safety
-
UL60950-1, CSA 22.2 234, EN60950-1
Input Connector
-
IEC320 C7
IEC320 C7
Output Cable
m
1.0
1.0
Output Connector ID x OD
(1)
mm
-
2.1 x 5.5
Center Pin
-
-
Positive
Warranty
yrs
One year
Specifications
Model
DT45PW
DT60PWxxxP
DT60PW201
DT70PWxxxP
DT100PW
Maximum Output Power
W
45W
60W
60W
70W
100W
Number of Outputs
-
3
1
2
1
1
Minimum Load
-
yes
no
yes
no
no
Input Voltage Range
-
90~264VAC (47~63Hz)
90-132/180-264
Efficiency (typical)
-
75%
75%
Inrush Current (@115VAC)
A
27A
27A
50A
Size (L x W x H)
mm
130x69x40
130x69x40
154x85x53
185x105x60
Regulation
(1)
-
Line: Typically 1%, Load: Typically 5%
Ripple/Noise
(1)
-
Typically 1%
Overcurrent Protection
-
Short Circuit, auto restart
Shutdown
Overvoltage Protection
-
+5V only
150% max
+5V only
+5V only
150% max
Hold Up Time (115VAC)
ms
10
Operating Temperature
°C
0~40°C
Storage Temperature
°C
-40~70°C
EMI
-
FCC Class B, EN55022B
Safety
-
UL60950-1, CSA 22.2 60950-1, EN60950-1
Input Connector
-
IEC320 C13
Output Cable (minimum)
m
1.0
1.0
1.0
1.0
1.0
Warranty
yrs
One year
Specifications
(1) See Lambda website for full specification


Similar Part No. - DT60PW090P

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DT60-0031A DELTA-DT60-0031A Datasheet
97Kb / 1P
   ADSL MICROFILTER
DT60-1002D DELTA-DT60-1002D Datasheet
136Kb / 1P
   ISDN FILTER
logo
List of Unclassifed Man...
DT60-1014A ETC-DT60-1014A Datasheet
70Kb / 1P
   VDSL MICROFILTER
logo
Delta Electronics, Inc.
DT60-1017A DELTA-DT60-1017A Datasheet
117Kb / 4P
   VDSL Micro-Filter
DT60-2020AA DELTA-DT60-2020AA Datasheet
162Kb / 9P
   VDSL Central Office POTS Splitter Functional Specification
More results

Similar Description - DT60PW090P

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SSL40 ARTESYN-SSL40 Datasheet
75Kb / 2P
   EXTERNAL AC/DC POWER SUPPLIES 40 W External AC/DC Power Supplies
logo
Emerson Network Power
SSL40C EMERSON-NETWORKPOWER-SSL40C Datasheet
89Kb / 2P
   EXTERNAL AC/DC POWER SUPPLIES 40 W External AC/DC Power Supplies
SSL20C EMERSON-NETWORKPOWER-SSL20C Datasheet
89Kb / 2P
   EXTERNAL AC/DC POWER SUPPLIES 20 W External AC/DC Power Supplies
logo
Artesyn Technologies
SSL20 ARTESYN-SSL20 Datasheet
79Kb / 2P
   EXTERNAL AC/DC POWER SUPPLIES 15-20 W External AC/DC Power Supplies
SSL20C ARTESYN-SSL20C Datasheet
186Kb / 2P
   20W External AC/DC Power Supplies
SSL40C ARTESYN-SSL40C Datasheet
194Kb / 2P
   40W External AC/DC Power Supplies
logo
TDK Electronics
DT62 TDK-DT62 Datasheet
239Kb / 2P
   62W to 80W AC-DC External Power Supplies
DT100 TDK-DT100 Datasheet
162Kb / 2P
   100W to 150W AC-DC External Power Supplies
logo
Maxim Integrated Produc...
MAX1804 MAXIM-MAX1804 Datasheet
570Kb / 11P
   External Four-Input Feedback Integrator for Power Supplies
19-1737; Rev 0; 7/00
logo
TDK Electronics
DTM65-C TDK-DTM65-C Datasheet
244Kb / 2P
   40W to 65W Medical AC-DC External Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com