Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DT36PW120P Datasheet(PDF) 2 Page - TDK Electronics

Part # DT36PW120P
Description  External Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DT36PW120P Datasheet(HTML) 2 Page - TDK Electronics

  DT36PW120P Datasheet HTML 1Page - TDK Electronics DT36PW120P Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision B4: Nov 2011
DT Series
For Additional Information, please visit
us.tdk-lambda.com/lp/products/dt-series.htm
DT27,
RLMDT361800 US Plug to IEC320 C7 1.8m long
DT36PW
DT45,
RLMDT701800 US Plug to IEC320 C13 1.8m long
DT60, DT70,
DT100
Line Cord Accessories
Not recommended for new designs
Max
Min
Max
Peak
Output
Voltage
Load
Output
Load
Model
(W)
Output
(V)
(A)
(A)
(A)
Single Output
DT36PW050P
20.0
V1
5
0
4
-
DT36PW090P
27.0
V1
9
0
3
-
DT36PW120P
30.0
V1
12
0
2.5
-
DT36PW150P
36.0
V1
15
0
2.4
-
DT36PW180P
36.0
V1
18
0
2
-
DT36PW240P
36.0
V1
24
0
1.5
-
DT60PW090P
40.5
V1
9
0
4.5
-
DT60PW120P
39.6
V1
12
0
3.3
-
DT60PW150P
60.0
V1
15
0
4
-
DT60PW180P
59.4
V1
18
0
3.3
-
DT60PW240P
60.0
V1
24
0
2.5
3
DT70PW050P
40.0
V1
5
0
8
10
DT70PW090P
50.4
V1
9
0
5.6
-
DT70PW120P
50.4
V1
12
0
4.2
-
DT70PW135P
70.0
V1
13.5
0
5.2
-
DT70PW150P
69.0
V1
15
0
4.6
-
DT70PW180P
70.2
V1
18
0
3.9
-
DT70PW240P
69.6
V1
24
0
2.9
-
DT100PW240P
100.0
V1
24
0
4.2
-
DT100PW480P
100.0
V1
48
0
2.1
-
Dual Outputs
DT27PW201
27.0
V1
5.1
0.5
5
-
V2
12
0.24
1.5
-
DT60PW201
60.0
V1
5.1
0.5
6
8
V2
12
0.1
2
3
Triple Outputs
DT45PW301
45.0
V1
5
0.5
5
-
V2
12
0.3
1.5
2
V3
-12
0
0.3
-
2 Output Module Codes


Similar Part No. - DT36PW120P

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DT361 SCHNEIDER-DT361 Datasheet
85Kb / 2P
   Safety switch, double throw, fusible, 30A, 600 VAC/VDC, 3 poles, 20 hp, NEMA 1
logo
Dallas Semiconductor
DT361FGK DALLAS-DT361FGK Datasheet
2Mb / 7P
   An economical means of transferring power
DT361FWK DALLAS-DT361FWK Datasheet
2Mb / 7P
   An economical means of transferring power
logo
Schneider Electric
DT361RB SCHNEIDER-DT361RB Datasheet
96Kb / 2P
   Safety switch, double throw, fusible, 30A, 600 VAC/VDC, 3 poles, 20 hp, NEMA 3R, bolt on provision
logo
Dallas Semiconductor
DT361UDK DALLAS-DT361UDK Datasheet
2Mb / 7P
   An economical means of transferring power
More results

Similar Description - DT36PW120P

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SSL40 ARTESYN-SSL40 Datasheet
75Kb / 2P
   EXTERNAL AC/DC POWER SUPPLIES 40 W External AC/DC Power Supplies
logo
Emerson Network Power
SSL40C EMERSON-NETWORKPOWER-SSL40C Datasheet
89Kb / 2P
   EXTERNAL AC/DC POWER SUPPLIES 40 W External AC/DC Power Supplies
SSL20C EMERSON-NETWORKPOWER-SSL20C Datasheet
89Kb / 2P
   EXTERNAL AC/DC POWER SUPPLIES 20 W External AC/DC Power Supplies
logo
Artesyn Technologies
SSL20 ARTESYN-SSL20 Datasheet
79Kb / 2P
   EXTERNAL AC/DC POWER SUPPLIES 15-20 W External AC/DC Power Supplies
SSL20C ARTESYN-SSL20C Datasheet
186Kb / 2P
   20W External AC/DC Power Supplies
SSL40C ARTESYN-SSL40C Datasheet
194Kb / 2P
   40W External AC/DC Power Supplies
logo
TDK Electronics
DT62 TDK-DT62 Datasheet
239Kb / 2P
   62W to 80W AC-DC External Power Supplies
DT100 TDK-DT100 Datasheet
162Kb / 2P
   100W to 150W AC-DC External Power Supplies
logo
Maxim Integrated Produc...
MAX1804 MAXIM-MAX1804 Datasheet
570Kb / 11P
   External Four-Input Feedback Integrator for Power Supplies
19-1737; Rev 0; 7/00
logo
TDK Electronics
DTM65-C TDK-DTM65-C Datasheet
244Kb / 2P
   40W to 65W Medical AC-DC External Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com