Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC2400UV Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMC2400UV
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC2400UV Datasheet(HTML) 1 Page - Diodes Incorporated

  DMC2400UV Datasheet HTML 1Page - Diodes Incorporated DMC2400UV Datasheet HTML 2Page - Diodes Incorporated DMC2400UV Datasheet HTML 3Page - Diodes Incorporated DMC2400UV Datasheet HTML 4Page - Diodes Incorporated DMC2400UV Datasheet HTML 5Page - Diodes Incorporated DMC2400UV Datasheet HTML 6Page - Diodes Incorporated DMC2400UV Datasheet HTML 7Page - Diodes Incorporated DMC2400UV Datasheet HTML 8Page - Diodes Incorporated DMC2400UV Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DMC2400UV
Document number: DS35537 Rev. 6 - 2
1 of 10
www.diodes.com
February 2012
© Diodes Incorporated
DMC2400UV
S
2
D
2
Q
1
Q
2
D
1
S
1
G
2
G
1
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Product Summary
Device
V(BR)DSS
RDS(ON) max
ID max
TA = 25°C
Q1
20V
0.5
Ω @ VGS = 4.5V
1030mA
0.9
Ω @ VGS = 1.8V
740mA
Q2
-20V
1.0
Ω @ VGS = -4.5V
-700mA
2.0
Ω @ VGS = -1.8V
-460mA
Features and Benefits
Low On-Resistance
Low Gate Threshold Voltage VGS(th) <1V
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
Complementary Pair MOSFET
Ultra-Small Surface Mount Package
ESD Protected Gate to 2kV HBM
Lead Free/RoHS Compliant (Note 1)
"Green" Device, Halogan and Antimony Free (Note 2)
Qualified to AEC-Q101 Standards for High Reliability
Description and Applications
This new generation MOSFET has been designed to minimize the
on-state resistance (RDS(on)) and yet maintain superior switching
performance, making it ideal for high efficiency power management
applications.
Power management functions
Battery Operated Systems and Solid-State Relays
Load switch
Mechanical Data
Case: SOT563
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram
Terminals: Finish – Matte Tin annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
Weight: 0.003 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
DMC2400UV-7
SOT563
3000/Tape & Reel
DMC2400UV-13
SOT563
10000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. No purposely added lead. Halogen and Antimony free
2. Diodes Inc.’s “Green” policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2011
2012
2013
2014
2015
2016
2017
Code
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
ESD PROTECTED TO 2kV
Top View
Bottom View
Equivalent Circuit
CA3 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: Y = 2011)
M = Month (ex: 9 = September)
SOT563


Similar Part No. - DMC2400UV

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC2400UV-13 DIODES-DMC2400UV-13 Datasheet
363Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2400UV-7 DIODES-DMC2400UV-7 Datasheet
363Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2400UV DIODES-DMC2400UV_15 Datasheet
363Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Similar Description - DMC2400UV

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com