Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42660-1 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 42660-1
Description  FASTON Receptacles
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

42660-1 Datasheet(HTML) 3 Page - Tyco Electronics

  42660-1 Datasheet HTML 1Page - Tyco Electronics 42660-1 Datasheet HTML 2Page - Tyco Electronics 42660-1 Datasheet HTML 3Page - Tyco Electronics 42660-1 Datasheet HTML 4Page - Tyco Electronics 42660-1 Datasheet HTML 5Page - Tyco Electronics 42660-1 Datasheet HTML 6Page - Tyco Electronics 42660-1 Datasheet HTML 7Page - Tyco Electronics 42660-1 Datasheet HTML 8Page - Tyco Electronics 42660-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
12
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTON Terminals (Insulated and Uninsulated)
250 Series Receptacles (Continued)
Straight Receptacles,
Insulation Support
(Continued)
Wire Range
Style
Tab
Insulation
Material
Stock
L
Terminal
AWG
Fit
Diameter
and Finish
Thickness
(Overall Length)
Part Number
R
R
R
1
UL listed and CSA certified for 22 AWG.
4
9,600 CMA max.
7
Recommended for external use only.
2
UL listed and CSA certified for 22-20 AWG.
5
UL/CSA - 10 AWG only.
8
Recommended for internal or external use.
3
Mates with a .020 [0.51] thick tab.
6
Stress relieved.
.032
.090-.130
Brass
.016
.755
X
X
63693-16
0.81
2.29-3.30
0.41
19.18
22-18
E
.032
.090-.130
Brass
.016
.755
X
X
63609-1
0.81
2.29-3.30
0.41
19.18
.032
.090-.130
Brass,
.016
.755
X
X
63609-2
0.81
2.29-3.30
Tin Plated
0.41
19.18
.020
.120-.170
Brass,
.018
.755
X
X
63655-13
0.51
3.05-4.32
Tin Plated
0.46
19.18
.032
.060-.110
Brass,
.018
.755
X
X
61375-1
0.81
1.52-2.79
Tin Plated
0.46
19.18
.032
.060-.110
Steel,
.016
.755
63688-1
A
0.81
1.52-2.79
Nickel Plated
0.41
19.18
.032
.120-.170
Steel,
.016
.755
X
X
42219-1
0.81
3.05-4.32
Nickel Plated
0.41
19.18
.032
.120-.170
Brass
.018
.755
X
X
41202
0.81
3.05-4.32
0.46
19.18
.032
.120-.170
Brass,
.018
.755
X
X
41274
0.81
3.05-4.32
Tin Plated
0.46
19.18
.032
.120-.170
Brass
.016
.750
X
X
42400-1
0.81
3.05-4.32
0.41
19.05
B
.032
.120-.170
Brass,
.016
.750
X
X
42400-2
0.81
3.05-4.32
Tin Plated
0.41
19.05
.032
.120-.170
Brass,
.016
.755
X
X
61107-16
0.81
3.05-4.32
Silver Plated
0.41
19.18
.032
.120-.170
Brass
.016
.755
X
X
42660-1
18-14
0.81
3.05-4.32
0.41
19.18
.032
.120-.170
Brass,
.016
.755
X
X
42660-2
C
0.81
3.05-4.32
Tin Plated
0.41
19.18
.032
.150-.210
Brass
.016
.780
X
X
42692-1
0.81
3.81-5.33
0.41
19.81
.032
.150-.210
Brass,
.016
.780
X
X
42692-2
0.81
3.81-5.33
Tin Plated
0.41
19.81
.032
.120-.170
Brass
.016
.750
X
X
60650-1
0.81
3.05-4.32
0.41
19.05
D
.032
.120-.170
Brass,
.016
.750
X
X
60650-2
0.81
3.05-4.32
Tin Plated
0.41
19.05
.020
.120-.170
Brass,
.018
.775
X
X
63993-13,6
0.51
3.05-4.32
Tin Plated
0.46
19.69
.032
.120-.170
Brass
.018
.755
X
X
63537-16
0.81
3.05-4.32
0.46
19.18
.032
.120-.170
Brass,
.018
.755
X
X
63537-26
E
0.81
3.05-4.32
Tin Plated
0.46
19.18
.032
.120-.170
Steel,
.016
.755
X
X
63674-16
0.81
3.05-4.32
Nickel Plated
0.41
19.18
.032
.120-.170
Brass
.016
.755
X
X
63306-1
0.81
3.05-4.32
0.41
19.18
.032
.120-.170
Brass,
.016
.755
X
X
63306-2
0.81
3.05-4.32
Tin Plated
0.41
19.18
G
.032
.120-.170
Steel,
.016
.755
X
1742198-1
0.81
3.05-4.32
Nickel Plated
0.41
19.18
B — Budget Line
D — Moldable Line
.305
[7.75]
.300
[7.62]
L
.305
[7.75]
.300
[7.62]
L
C — Economy Line
.305
[7.75]
.300
[7.62]
L
E —
Low Insertion Force
.305
[7.75]
.300
[7.62]
L
G —
Steel LIF product
.305
[7.75]
.300
[7.62]
L
Note: All part numbers are RoHS compliant.
A — Premier Line
.305
[7.75]
.300
[7.62]
L


Similar Part No. - 42660-1

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
42660-00 PEREGRINE-42660-00 Datasheet
295Kb / 9P
   SP6T UltraCMOS2.75 V Switch 100 - 3000 MHz
42660-90 PEREGRINE-42660-90 Datasheet
295Kb / 9P
   SP6T UltraCMOS2.75 V Switch 100 - 3000 MHz
42660-99 PEREGRINE-42660-99 Datasheet
295Kb / 9P
   SP6T UltraCMOS2.75 V Switch 100 - 3000 MHz
More results

Similar Description - 42660-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
41802 ETC2-41802 Datasheet
944Kb / 22P
   FASTON Receptacles
0-0928814-1 ETC2-0-0928814-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
logo
Tyco Electronics
1217754-1 MACOM-1217754-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
logo
TE Connectivity Ltd
3-520106-2 TEC-3-520106-2 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
logo
Tyco Electronics
1742882-1 MACOM-1742882-1 Datasheet
50Kb / 1P
   RECEPTACLE, FASTON
928930-2 MACOM-928930-2 Datasheet
26Kb / 1P
   TAB 2.8X0.8mm FASTIN-FASTON Flaachsteker 2.8X0.8mm Fastin-Faston
1-480417-0 MACOM-1-480417-0 Datasheet
43Kb / 1P
   HOUSING, RECEPTACLE,FASTON
726386 MACOM-726386 Datasheet
50Kb / 1P
   FASTON TAB 6.3X0.8
1742881-1 MACOM-1742881-1 Datasheet
49Kb / 1P
   RECEPTACLE, FASTON, FLAG
60252-1 MACOM-60252-1 Datasheet
48Kb / 1P
   RECEPTACLE, FASTON, SPECIAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com