Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1546927-8 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 1546927-8
Description  Engineering Notes
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1546927-8 Datasheet(HTML) 4 Page - Tyco Electronics

  1546927-8 Datasheet HTML 1Page - Tyco Electronics 1546927-8 Datasheet HTML 2Page - Tyco Electronics 1546927-8 Datasheet HTML 3Page - Tyco Electronics 1546927-8 Datasheet HTML 4Page - Tyco Electronics 1546927-8 Datasheet HTML 5Page - Tyco Electronics 1546927-8 Datasheet HTML 6Page - Tyco Electronics 1546927-8 Datasheet HTML 7Page - Tyco Electronics 1546927-8 Datasheet HTML 8Page - Tyco Electronics 1546927-8 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
115
Barrier Strip Selector Chart (Continued)
2
Catalog 1308389
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 8706-080-208
Note: All part numbers
are RoHS Compliant.
BUCHANAN Terminal Blocks
Series
Pitch (in)
Circuits
Max Current
Max Voltage
Wire
Range
(AWG)
Description
Page
0.374”
0.433”
0.437”
0.563”
1546306
1546481
1546670
1546310
1776544
1546307
1546477
1546671
1546311
1986158
0.374”
0.433”
0.437”
0.563”
0.563”
2-30
2-26
2-26
2-18
2-18
20A
25A
25A
30A
30A
300V
300V
300V
300V
600V
12-22
14-22
14-22
10-22
10-22
Panel Mount,
Panel Mount,
Panel Mount,
Panel Mount,
Panel Mount,
molded to
molded to
molded to
molded to
molded to
length
length
length
length
length
156
157
158
159
160
Double Row
Sockets and Barrier
Strips
0.325”
0.325”
0.325”
0.375”
0.375”
USB
RSB3
SSB3
RSB6B
RSB6
0.325”
0.325”
0.325”
0.375”
0.375”
2-12
2-36
2-36
2-10
2-36
10A
15A
15A
10A
20A
300V
300V
300V
300V
300V
n/a
14-26
14-26
n/a
12-26
For Series
Cut
Cut
For Series
Cut
RSB3
to length
to length
RSB6
to length
& SSB3
162
164-166
168-170
163
171-173
Series
Pitch (in)
Circuits
Max Current
Max Voltage
Wire
Range
(AWG)
Description
Page


Similar Part No. - 1546927-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1546931-2 MACOM-1546931-2 Datasheet
124Kb / 1P
   TERMINAL BLOCK, PIN HEADER, UNSHROUDED, HIGH TEMPERATURE, 5.0mm PITCH
logo
TE Connectivity Ltd
1546931-2 TEC-1546931-2 Datasheet
261Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
1546931-3 MACOM-1546931-3 Datasheet
124Kb / 1P
   TERMINAL BLOCK, PIN HEADER, UNSHROUDED, HIGH TEMPERATURE, 5.0mm PITCH
logo
TE Connectivity Ltd
1546931-3 TEC-1546931-3 Datasheet
261Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
1546931-4 MACOM-1546931-4 Datasheet
124Kb / 1P
   TERMINAL BLOCK, PIN HEADER, UNSHROUDED, HIGH TEMPERATURE, 5.0mm PITCH
More results

Similar Description - 1546927-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437404-1 MACOM-2-1437404-1 Datasheet
17Mb / 69P
   Engineering Notes
2-1437402-5 MACOM-2-1437402-5 Datasheet
17Mb / 69P
   Engineering Notes
logo
List of Unclassifed Man...
20.101M ETC2-20.101M Datasheet
131Kb / 1P
   notes
logo
Murata Manufacturing Co...
MPAN-03 MURATA-MPAN-03 Datasheet
155Kb / 2P
   Application Notes
logo
IC-Haus GmbH
IC-WJZ ICHAUS-IC-WJZ Datasheet
114Kb / 3P
   APPLICATION NOTES
logo
Mitsubishi Electric Sem...
NF30-SP MITSUBISHI-NF30-SP Datasheet
1Mb / 105P
   TECHNICAL NOTES
logo
Astec America, Inc
ALQ07 ASTEC-ALQ07 Datasheet
493Kb / 28P
   Technical Reference Notes
logo
Tyco Electronics
C-1513247 MACOM-C-1513247 Datasheet
82Kb / 1P
   revised notes and te logo
logo
List of Unclassifed Man...
M995B ETC-M995B Datasheet
123Kb / 2P
   256 NOTES DUAL TONE
logo
Tyco Electronics
C-1513157 MACOM-C-1513157 Datasheet
95Kb / 1P
   rev notes and layout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com