Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-18-1061 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 10-18-1061
Description  2.36mm Diameter Standard .093" Pin and Socket Header, Shrouded, 6 Circuits, 6 Male
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

10-18-1061 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  10-18-1061 Datasheet HTML 1Page - Molex Electronics Ltd. 10-18-1061 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Voltage - Maximum
250V
Material Info
Old Part Number
3099P6A
Reference - Drawing Numbers
Packaging Specification
PK-3099-002
Sales Drawing
SDA-3099-*6**
This document was generated on 01/17/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 10-18-1061

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
10-18-1064 MOLEX11-10-18-1064 Datasheet
29Kb / 2P
   2.36mm Diameter Standard .093" Pin and Socket Header, Shrouded, 6 Circuits, 1 Female Terminal, 5 Male Terminals
10-18-1064 MOLEX1-10-18-1064 Datasheet
38Kb / 2P
   2.36mm Diameter Standard .093" Pin and Socket Header
10-18-1065 MOLEX11-10-18-1065 Datasheet
29Kb / 2P
   2.36mm Diameter Standard .093
10-18-1065 MOLEX1-10-18-1065 Datasheet
29Kb / 2P
   2.36mm Diameter Standard .093" Pin and Socket Header
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com