Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL29033IROZ-EVALZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL29033IROZ-EVALZ
Description  Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29033IROZ-EVALZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL29033IROZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29033IROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29033IROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29033IROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29033IROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL29033IROZ-EVALZ Datasheet HTML 10Page - Intersil Corporation ISL29033IROZ-EVALZ Datasheet HTML 11Page - Intersil Corporation ISL29033IROZ-EVALZ Datasheet HTML 12Page - Intersil Corporation ISL29033IROZ-EVALZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ISL29033
9
FN7656.2
February 25, 2013
2. Interrupt Persist: Bits 1 and 0. The interrupt pin and the
interrupt flag are triggered or set when the data sensor
reading is out of the interrupt threshold window after m
consecutive number of integration cycles (Table 4). The
interrupt persist bits determine m.
Command Register II 01 (Hex)
The second command register has the following functions:
1. Resolution: Bits 3 and 2. Bits 3 and 2 determine the ADC
resolution and the number of clock cycles per conversion
(Table 5). Changing the number of clock cycles does more than
just change the resolution of the device; it also changes the
integration time, which is the period during which the
analog-to-digital (A/D) converter samples the photodiode
current signal for a measurement.
2. Range: Bits 1 and 0. The Full Scale Range (FSR) can be
adjusted through the I2C by using Bits 1 and 0. Table 6 lists
the possible values of FSR for the 499kΩ REXT resistor.
Data Registers (02 Hex and 03 Hex)
The device has two 8-bit read-only registers to hold the data from
LSB to MSB for the ADC (Table 7). The most significant bit (MSB)
is accessed at 03 hex, and the least significant bit (LSB) is
accessed at 02 hex. For 16-bit resolution, the data is from D0 to
D15; for 12-bit resolution, the data is from D0 to D11; for 8-bit
resolution, the data is from D0 to D7. The registers are refreshed
after every conversion cycle.
Interrupt Registers (04, 05, 06 and 07 Hex)
Registers 04 and 05 hex set the low (LO) threshold for the
interrupt pin and the interrupt flag. Register 04 hex is the LSB,
and Register 05 hex is the MSB. By default, the interrupt
threshold LO is 00 hex for both LSB and MSB.
Registers 06 and 07 hex set the high (HI) threshold for the
interrupt pin and the interrupt flag. Register 06 hex is the LSB,
and Register 07 hex is the MSB. By default, the interrupt
threshold HI is FF hex for both LSB and MSB.
Calculating Lux
The ISL29033 ADC output codes, DATA, are directly proportional
to lux in ambient light sensing, as shown in Equation 1.
In this equation, Ecal is the calculated lux reading. The constant,
a, is determined by the full scale range and the ADC maximum
output counts. The constant is independent of the light sources
(fluorescent, incandescent and sunlight) because the light source
IR component is removed during the light signal process. The
constant can also be viewed as the sensitivity (the smallest lux
measurement the device can measure), as shown in Equation 2.
In this equation, Range(k) is as defined in Table 6. Countmax is
the maximum output counts from the ADC.
The transfer function used for n-bits ADC is as shown in
Equation 3:
In this equation, n = 4, 8, 12 or 16 and is the number of ADC bits
programmed in the command register. The number 2n
represents the maximum number of counts possible from the
ADC output. Data is the ADC output stored in data
Registers 02 hex and 03 hex.
Integration and Conversion Time
ADC resolution and fOSC determine the integration time, tint, as
shown in Equation 4.
In this equation, n is the number of bits of resolution, and n = 4,
8, 12 or 16. Therefore, 2n is the number of clock cycles. The
value of n can be programmed at the command register, Register
01 (hex), Bits 3 and 2 (Table 8).
TABLE 4. INTERRUPT PERSIST
BIT 1:0
NUMBER OF INTEGRATION CYCLES
00
1
01
4
10
8
11
16
TABLE 5. ADC RESOLUTION DATA WIDTH
BITS 3:2
NUMBER OF CLOCK CYCLES
n-BIT ADC
00
216 = 65,536
16
01
212 = 4,096
12
10
28 = 256
8
11
24 = 16
4
TABLE 6. RANGE/FSR LUX
BITS 1:0
k
RANGE(k)
FSR (LUX) @ ALS SENSING
00
1
Range1
125
01
2
Range2
500
10
3
Range3
2,000
11
4
Range4
8,000
TABLE 7. DATA REGISTERS
ADDRESS
(HEX)
CONTENTS
02
D0 is LSB for 4-, 8-, 12- or 16-bit resolution; D3 is MSB for
4-bit resolution; D7 is MSB for 8-bit resolution
03
D15 is MSB for 16-bit resolution; D11 is MSB for 12-bit
resolution
Ecal
α DATA
×
=
(EQ. 1)
α
Range k
()
Countmax
---------------------------
=
(EQ. 2)
(EQ. 3)
Ecal
Range k
()
2
n
--------------------------
DATA
×
=
tint
2
n
1
fOSC
------------
×
2
n
REXT
655kHz 499k
Ω
×
-----------------------------------------------
×
==
(EQ. 4)


Similar Part No. - ISL29033IROZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29033IROZ-EVALZ INTERSIL-ISL29033IROZ-EVALZ Datasheet
465Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
logo
Renesas Technology Corp
ISL29033IROZ-EVALZ RENESAS-ISL29033IROZ-EVALZ Datasheet
771Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
More results

Similar Description - ISL29033IROZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29033IROZ-T7 INTERSIL-ISL29033IROZ-T7 Datasheet
465Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
logo
Renesas Technology Corp
ISL29033 RENESAS-ISL29033 Datasheet
771Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
logo
Intersil Corporation
ISL29023 INTERSIL-ISL29023 Datasheet
511Kb / 11P
   Integrated Digital Ambient Light Sensor with Interrupt Function
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29011 INTERSIL-ISL29011_11 Datasheet
822Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018 INTERSIL-ISL29018 Datasheet
633Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011_10 Datasheet
680Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011 Datasheet
631Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018IROZ-T7 INTERSIL-ISL29018IROZ-T7 Datasheet
803Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
October 8, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com