Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBS075ZJ-A Datasheet(PDF) 2 Page - Power-One

Part # HBS075ZJ-A
Description  HBS SERIES - 75 WATT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HBS075ZJ-A Datasheet(HTML) 2 Page - Power-One

  HBS075ZJ-A Datasheet HTML 1Page - Power-One HBS075ZJ-A Datasheet HTML 2Page - Power-One HBS075ZJ-A Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Thermal Impedance
Natural Convection
6.6 °C/W
100 LFM
5.7 °C/W
200 LFM
4.2 °C/W
300 LFM
3.1 °C/W
400 LFM
2.6 °C/W
Tolerances
Note:
Thermal impedance data is dependent
on many environmental factors. The
exact thermal performance should be
validated for specific application.
MECHANICAL DRAWING
1-Vin
2
Case
3
On/Off
4+Vin
5-Vout
6
-Sense
7
Trim
8
+Sense
9+Vout
Inches:
(Millimeters)
.XX ± 0.020
.X ± 0.5
.XXX ± 0.010
.XX ± 0.25
Pin:
± 0.002
± 0.05
(Dimensions as listed unless otherwise
specified.)
Pin
Function
BOTTOM VIEW
0.400"(10.2mm)
1.000"(25.4mm)
1.400"(35.6mm)
0.700"(17.8mm)
0
-0.50"(-12.7mm)
(61.0mm)
2.40"
M3X.5 THROUGH 4PL
MOUNTING INSERTS
(57.9mm)
2.28"
9
8
7
6
5
4
3
2
1
(0.6mm)
(2.0mm)
(1.0mm)
(4.6mm)
0.18"
(12.7mm)
0.50"
0.025" REF.
DIA 0.040"
DIA 0.080"
(48.3mm)
1.900"
(-4.8mm)
-0.19"
0
2PL
7PL
HBS SERIES - 75 WATT
MODEL
INPUT VOLTAGE
INPUT VOLTAGE
MAXIMUM INPUT
OUTPUT
RATED OUTPUT
RIPPLE & NOISE
TYPICAL
(VOLTS)
RANGE (VOLTS)
CURRENT (AMPS)*
VOLTAGE (VOLTS)
CURRENT (AMPS)
pk-pk (mV)
EFFICIENCY**
HBS066YE-A
24
18-36
4.6
3.3
20
100
80%
HBS075YG-A
24
18-36
5.4
5
15
100
83%
HBS075YH-A
24
18-36
5.4
12
6.25
150
85%
HBS075YJ-ANT
24
18-36
5.4
15
5
150
86%
HBS066ZE-A
48
34-75
2.5
3.3
20
100
80%
HBS075ZG-A
48
34-75
2.7
5
15
100
84%
HBS075ZH-A
48
34-75
2.7
12
6.25
150
86%
HBS075ZJ-A
48
34-75
2.7
15
5
150
87%
HBS075ZE-A
48
34-75
2.8
3.3
22.7
100
80%
NOTES:
* Maximum input current at minimum input voltage, maximum rated output power.
** At nominal Vin, rated output.
MODELS - (See the last page of section for options.)


Similar Part No. - HBS075ZJ-A

ManufacturerPart #DatasheetDescription
logo
Power-One
HBS075ZJ-A POWER-ONE-HBS075ZJ-A Datasheet
175Kb / 3P
   HBS SERIES - 75 WATT
More results

Similar Description - HBS075ZJ-A

ManufacturerPart #DatasheetDescription
logo
Power-One
HBS066YE POWER-ONE-HBS066YE Datasheet
175Kb / 3P
   HBS SERIES - 75 WATT
HBS050YE-A POWER-ONE-HBS050YE-A Datasheet
86Kb / 3P
   HBS SERIES - 50 WATT
HBS100ZE-ANT POWER-ONE-HBS100ZE-ANT Datasheet
118Kb / 3P
   HBS SERIES - 100 WATT
HBS POWER-ONE-HBS Datasheet
83Kb / 3P
   HBS SERIES - 100 WATT
HBS150YG-A POWER-ONE-HBS150YG-A Datasheet
88Kb / 3P
   HBS SERIES - 150 WATT
logo
TRACO Electronic AG
TEP75WICM TRACOPOWER-TEP75WICM Datasheet
1Mb / 5P
   TEP 75WICM Series, 75 Watt
Rev. March 16, 2023
TEP75WICMF TRACOPOWER-TEP75WICMF Datasheet
1Mb / 5P
   TEP 75WICMF Series, 75 Watt
Rev. March 16, 2023
TEP75WI TRACOPOWER-TEP75WI Datasheet
1Mb / 5P
   TEP 75WI Series, 75 Watt
Rev. November 30, 2022
logo
Hirose Electric
CTB-MJ-88SR HIROSE-CTB-MJ-88SR Datasheet
1Mb / 6P
   ISDN and HBS CONNECTORS
logo
Innovative Power Produc...
IPP-AB204-2 IPP-IPP-AB204-2 Datasheet
56Kb / 1P
   ATTENUATOR, 75 WATT, FLANGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com