Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H3CA-A Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # H3CA-A
Description  DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3CA-A Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button H3CA-A Datasheet HTML 5Page - Omron Electronics LLC H3CA-A Datasheet HTML 6Page - Omron Electronics LLC H3CA-A Datasheet HTML 7Page - Omron Electronics LLC H3CA-A Datasheet HTML 8Page - Omron Electronics LLC H3CA-A Datasheet HTML 9Page - Omron Electronics LLC H3CA-A Datasheet HTML 10Page - Omron Electronics LLC H3CA-A Datasheet HTML 11Page - Omron Electronics LLC H3CA-A Datasheet HTML 12Page - Omron Electronics LLC H3CA-A Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
H3CA
9
Mounting Track (Meets DIN EN50022)
Protective Cover
(see note)
PFP-100N/PFP-50N
PFP-100N2
Twelve, 25
× 4.5 elliptic holes (see note)
Note: This dimension applied to PFP-50N.
PFP-M
PFP-S
Y92F-30
Note: Pay attention to the orientation of the adapter when mounting
two or more timers in a vertical or horizontal line.
Note: A total of 12-25
× 4.5 elliptic holes are provided with 6 holes
cut from each rail end at a pitch of 10 mm between holes.
End Plate
Adapter for Flush Mounting
Y92A-48B/Y92A-48D
Y92A-48B
Hard Plastic Cover
Y92A-48D
Soft PVC Cover
The protective cover protects the front panel, particularly the
time setting section, against dust, dirt and water drip, as well
as prevents the set value from being altered due to accidental
contact with the time setting knob.
Note: The Y92A-48B Protective Cover is made of a hard plastic and
therefore, must be removed to change the timer set value. However,
since the Y92A-48D Protective Cover is made of PVC, the set value
can be altered by pressing on the surface of the cover.
It may be, however, difficult to make setting changes of the Timer
with the Y92A-48B Protective Cover attached, which must be taken
into consideration before using the Y92A-48B Protective Cover.
When attaching the Y92A-48A to the Timer to be panel-mounted,
use the Y92F-30 Mounting Adapter along with the Timer.
The Protective Cover cannot be, however, used for the H3CA-FA
Series.


Similar Part No. - H3CA-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3CA-A OMRON-H3CA-A Datasheet
2Mb / 16P
   DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
H3CA-A OMRON-H3CA-A Datasheet
398Kb / 15P
   Solid-State Digital Timer
More results

Similar Description - H3CA-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3CA-A OMRON-H3CA-A Datasheet
2Mb / 16P
   DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
E5C4 OMRON-E5C4 Datasheet
178Kb / 8P
   DIN-sized (48 x 48 mm) Temperature Controller With Digital Setting
E5C2 OMRON-E5C2 Datasheet
277Kb / 6P
   DIN-sized (48 x 48 mm) Temperature Controller with Analog Setting
Y92S-27 OMRON-Y92S-27 Datasheet
6Mb / 61P
   DIN 48 x 48-mm Multifunctional Timer Series
logo
Schneider Electric
RE48ASETCOV SCHNEIDER-RE48ASETCOV Datasheet
104Kb / 3P
   Harmony, Setting protective cover for timing relay 48 x 48 mm
logo
List of Unclassifed Man...
FKA01X724 ETC2-FKA01X724 Datasheet
169Kb / 3P
   24 x 48 digital counters
logo
Fuji Electric
EDS11-158C FUJI-EDS11-158C Datasheet
248Kb / 12P
   PX series digital temperature controller MICRO-CONTROLLER X (48 횞 48 mm)
logo
NXP Semiconductors
OM6211 PHILIPS-OM6211 Datasheet
243Kb / 48P
   48 X 84 dot matrix LCD driver
2002 Jan 17
logo
Panasonic Semiconductor
LNP105011 PANASONIC-LNP105011 Datasheet
90Kb / 1P
   288 X 96 mm 5 mm 48 X 16 Dots
logo
NXP Semiconductors
PCD8544 PHILIPS-PCD8544 Datasheet
154Kb / 32P
   48 x 84 pixels matrix LCD controller/driver
1999 Apr 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com