Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCSL90 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # FCSL90
Description  Metal Foil Current Sense
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

FCSL90 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  FCSL90 Datasheet HTML 1Page - Ohmite Mfg. Co. FCSL90 Datasheet HTML 2Page - Ohmite Mfg. Co. FCSL90 Datasheet HTML 3Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
xxx
Test Condition
Maximum ∆R
Max. temperature for
rated power
70°C
Operating tempera-
ture range
-55°C ~ +155°C
Rated voltage √(Rated power x Resistance value) V
In-rush current* Rated current 10 msec ON, 60 sec
OFF, 10 cycles* (see table at right)
±(1.0% +0.0005Ω)
Rapid change of
temperature
-55°C (30min.)/+155°C (30min.), 100
cycles
±(1.0% +0.0005Ω)
Solderability 245°C ±5°C for 3 ±0.5 sec.
Min. 90% coverage
Endurance at 70°C 70°C ±3°C, Rated voltage 1.5h ON,
0.5h OFF, 1000h
±(1.0% +0.0005Ω)
Resistance to solder-
ing heat
260°C ±5°C for 10 ±1 sec.
±(0.5% +0.0005Ω)
Moisture resistance 60°C ±2°C, 90~95% RH, Rated volt-
age 1.5h ON, 0.5h OFF, 1000h
±(2.0% +0.0005Ω)
FCSL Series
Metal Foil Current Sense
Ohmite continues to add to its complement of
Current Sense offerings with the FCSL Series. FCSL
incorporates proven metal foil technology to pro-
duce the ultimate in a current sense resistor. FCSL
features the effective combination of very low and
stable TCRs (Temperature Coefficient of Resistance)
available in a wide selection of very low ohmic val-
ues. Power ratings up to 5 Watts makes FCSL the
ideal choice for your current sensing applications.
Resistance
TCR
Weight
Series
Power Rating
Range
Tolerance
(ppm/°C)
(g)
FCSL64
2.0W
1m
Ω
±5%
±150
0.03572
2m
Ω
±2%
±100
3m
Ω ~ 100mΩ
±1%
±50
FCSL76
3.0W
1m
Ω
±5%
±150
0.05038
2m
Ω
±2%
±100
3m
Ω ~ 100mΩ
±1%
±50
FCSL90
4.0W
1m
Ω
±5%
±150
0.07065
2m
Ω
±2%
±100
3m
Ω ~ 100mΩ
±1%
±50
FCSL110
5.0W
1m
Ω
±5%
±150
0.09594
2m
Ω
±2%
±100
3m
Ω ~ 100mΩ
±1%
±50
Fea ture S
• Foil Construction ensures a very stable TCR
(Temperature Coefficient of Resistance)
• Designed for automatic insertion
• Industry standard sizes
• High heat resistant use
• Low heat electromotive use
• Color: white (top) and green (bottom)
100
Ambient Temperature,
°C
60
20
0
80
40
050
100
155
70
-55
*In-rush Current
1m
Ω~10mΩ
12m
Ω~100mΩ
Rated
In-rush
Max.
In-rush
Max.
Series
Wattage Power
Current
Power
Current
FCSL64
2W
225W
125A
150W
70A
FCSL76
3W
325W
150A
210W
80A
FCSL90
4W
440W
180A
300W
100A
FCSL110
5W
600W
240A
440W
120A
In-rush current =
√(in-rush power/resistance value),
or max. current, whichever is smaller
Derating
Serie S S pe CF i C ation S
Chara C teri S ti CS


Similar Part No. - FCSL90

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
FCSL90 OHMITE-FCSL90 Datasheet
526Kb / 2P
   Metal Foil Current Sense
FCSL90 OHMITE-FCSL90 Datasheet
526Kb / 2P
   Designed for automatic insertion
FCSL90 OHMITE-FCSL90 Datasheet
581Kb / 2P
   Metal Foil Current Sense
FCSL90R001JE OHMITE-FCSL90R001JE Datasheet
526Kb / 2P
   Designed for automatic insertion
FCSL90R001JE OHMITE-FCSL90R001JE Datasheet
581Kb / 2P
   Metal Foil Current Sense
More results

Similar Description - FCSL90

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
FCSL OHMITE-FCSL Datasheet
526Kb / 2P
   Metal Foil Current Sense
FCSL OHMITE-FCSL_18 Datasheet
581Kb / 2P
   Metal Foil Current Sense
FCSL64R005JER OHMITE-FCSL64R005JER Datasheet
184Kb / 1P
   Metal Foil Current Sense
logo
American Accurate Compo...
LR01R005FM AAC-LR01R005FM Datasheet
103Kb / 1P
   METAL FOIL CURRENT SENSE RESISTORS
logo
Bourns Electronic Solut...
CFN BOURNS-CFN Datasheet
464Kb / 5P
   Metal Foil, Current Sense Resistor
CFN0402 BOURNS-CFN0402 Datasheet
604Kb / 6P
   CFN Series Metal Foil, Current Sense Resistor
CFG BOURNS-CFG Datasheet
580Kb / 5P
   Metal Foil, Wide Terminal Current Sense Resistor
CFG0612 BOURNS-CFG0612 Datasheet
580Kb / 5P
   CFG Series Metal Foil, Wide Terminal Current Sense Resistor
logo
Ohmite Mfg. Co.
MCS OHMITE-MCS Datasheet
491Kb / 2P
   Metal Element Current Sense
logo
IRC - a TT electronics ...
ULRG12512R010FLFSLT IRCTT-ULRG12512R010FLFSLT Datasheet
189Kb / 6P
   Metal Element Current Sense Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com