Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

813-SL135.0M-07A Datasheet(PDF) 4 Page - Oscilent Corporation

Part # 813-SL135.0M-07A
Description  135MHz IF SAW Filter 7.6 MHz Bandwidth
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

813-SL135.0M-07A Datasheet(HTML) 4 Page - Oscilent Corporation

  813-SL135.0M-07A Datasheet HTML 1Page - Oscilent Corporation 813-SL135.0M-07A Datasheet HTML 2Page - Oscilent Corporation 813-SL135.0M-07A Datasheet HTML 3Page - Oscilent Corporation 813-SL135.0M-07A Datasheet HTML 4Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Oscilent Part Number
813-SL135.0M-07A
January 2011 Rev A
135MHz IF SAW Filter 7.6 MHz Bandwidth
Product Specification
P. 3
www.oscilent.com
Frequency Response


Similar Part No. - 813-SL135.0M-07A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL135.0M-20A OSCILENT-813-SL135.0M-20A Datasheet
223Kb / 6P
   135.0 MHz IF SAW Filter 20.12 MHz Bandwidth
More results

Similar Description - 813-SL135.0M-07A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL13507AV TRANSKO-TL13507AV Datasheet
457Kb / 4P
   135.0 MHz IF SAW Filter / 7.6 MHz Bandwidth
Revision 1: 29 Oct. 2007
logo
API Technologies Corp
SF0240BA03146S APITECH-SF0240BA03146S Datasheet
159Kb / 3P
   240 MHz SAW Filter 7.6 MHz Bandwidth
logo
SIPAT Co,Ltd
LBN13504 SIPAT-LBN13504 Datasheet
137Kb / 3P
   135MHz SAW Filter 24MHz Bandwidth
LBN13504 SIPAT-LBN13504 Datasheet
142Kb / 3P
   135MHz SAW Filter 24MHz Bandwidth
logo
List of Unclassifed Man...
LBN13504 ETC2-LBN13504 Datasheet
137Kb / 3P
   135MHz SAW Filter 24MHz Bandwidth
logo
Oscilent Corporation
813-IF70.0M-14D OSCILENT-813-IF70.0M-14D Datasheet
217Kb / 6P
   70.0 MHz IF SAW Filter 14.90 MHz Bandwidth
813-IF70.0M-19A OSCILENT-813-IF70.0M-19A Datasheet
208Kb / 6P
   70.0 MHz IF SAW Filter 19.83 MHz Bandwidth
820-IF120.0M-15A OSCILENT-820-IF120.0M-15A Datasheet
229Kb / 6P
   120.0 MHz IF SAW Filter 15.48 MHz Bandwidth
820-IF260.0M-29A OSCILENT-820-IF260.0M-29A Datasheet
227Kb / 6P
   260.0 MHz IF SAW Filter 29.61 MHz Bandwidth
820-IF260.0M-30A OSCILENT-820-IF260.0M-30A Datasheet
229Kb / 6P
   260.0 MHz IF SAW Filter 30.21 MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com