Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

813-IF255.0M-29D Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 813-IF255.0M-29D
Description  255.0 MHz IF SAW Filter 29.59 MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

813-IF255.0M-29D Datasheet(HTML) 1 Page - Oscilent Corporation

  813-IF255.0M-29D Datasheet HTML 1Page - Oscilent Corporation 813-IF255.0M-29D Datasheet HTML 2Page - Oscilent Corporation 813-IF255.0M-29D Datasheet HTML 3Page - Oscilent Corporation 813-IF255.0M-29D Datasheet HTML 4Page - Oscilent Corporation 813-IF255.0M-29D Datasheet HTML 5Page - Oscilent Corporation 813-IF255.0M-29D Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Oscilent Corporation
PRODUCT SPECIFICATION
Oscilent Corporation
Telephone: 1.949.252.0522
Fax: 1.949.252.0599
Email: sales@oscilent.com
Product Specification
www.oscilent.com
REV A January 2011
Oscilent Controlled Document
Ordering Code / Part Number
Product Description
813-IF255.0M-29D
255.0 MHz IF SAW Filter 29.59 MHz Bandwidth
Specification Contents
o
Mechanical Dimensions
o
Test Circuit
o
Maximum Ratings
o
Electrical Specification
o
Frequency Response
o
Smith Chart
o
VSWR
Notes
o
Electrostatic Sensitive Device (ESD)
o
Avoid excessive ultrasonic exposure
o
Solderability compatible with JEDEC J-STD-020C Pb-free process, 260°C peak reflow temperature
o
This product complies with EU directive 2002/95/EC (RoHS compliance)


Similar Part No. - 813-IF255.0M-29D

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-IF255.0M-29C OSCILENT-813-IF255.0M-29C Datasheet
174Kb / 6P
   255.0 MHz IF SAW Filter 29.18 MHz Bandwidth
More results

Similar Description - 813-IF255.0M-29D

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TF-025503-D40 TRANSKO-TF-025503-D40 Datasheet
606Kb / 4P
   255.0 MHz IF SAW Filter / 29.58 MHz Bandwidth
Revision 0: November 2013
logo
Oscilent Corporation
821-IF255.0M-29A OSCILENT-821-IF255.0M-29A Datasheet
212Kb / 6P
   255.0 MHz IF SAW Filter 29.66 MHz Bandwidth
821-IF255.0M-29B OSCILENT-821-IF255.0M-29B Datasheet
207Kb / 6P
   255.0 MHz IF SAW Filter 29.66 MHz Bandwidth
logo
Transko Electronics, In...
TA25529DV TRANSKO-TA25529DV Datasheet
618Kb / 4P
   255.00 MHz IF SAW Filter / 29.59 MHz Bandwidth
Revision 0: 23. Feb. 2010
TA25529BD1 TRANSKO-TA25529BD1 Datasheet
598Kb / 4P
   255.0 MHz IF SAW Filter / 29.66 MHz Bandwidth
Revision 0: 17. Nov. 2009
logo
Oscilent Corporation
813-IF255.0M-29C OSCILENT-813-IF255.0M-29C Datasheet
174Kb / 6P
   255.0 MHz IF SAW Filter 29.18 MHz Bandwidth
logo
Integrated Technology F...
262952B ITF-262952B Datasheet
193Kb / 2P
   255.0 MHz SAW Filter
262907B ITF-262907B Datasheet
174Kb / 2P
   255.0 MHz SAW Filter
262908B ITF-262908B Datasheet
172Kb / 2P
   255.0 MHz SAW Filter
logo
Oscilent Corporation
809-SL108.4M-02A OSCILENT-809-SL108.4M-02A Datasheet
224Kb / 6P
   108.40 MHz IF SAW Filter 3.20 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com