Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10085176-Y33LF Datasheet(PDF) 4 Page - FCI connector

Part # 10085176-Y33LF
Description  SMT DOUBLE ROW VCC ASEEMBLY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

10085176-Y33LF Datasheet(HTML) 4 Page - FCI connector

  10085176-Y33LF Datasheet HTML 1Page - FCI connector 10085176-Y33LF Datasheet HTML 2Page - FCI connector 10085176-Y33LF Datasheet HTML 3Page - FCI connector 10085176-Y33LF Datasheet HTML 4Page - FCI connector 10085176-Y33LF Datasheet HTML 5Page - FCI connector 10085176-Y33LF Datasheet HTML 6Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PDS: Rev :B
STATUS:Released
Printed: Jun 10, 2013


Similar Part No. - 10085176-Y33LF

ManufacturerPart #DatasheetDescription
logo
Heyco.
10085 HEYCO-10085 Datasheet
126Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
Keysight Technologies
10085-68701 KEYSIGHT-10085-68701 Datasheet
4Mb / 17P
   Low-Profile Oscilloscopes
logo
FCI connector
10085901-60115ELF FCI-CONNECTOR-10085901-60115ELF Datasheet
188Kb / 18P
   OPU SERIES 0.5mm Pitch
logo
List of Unclassifed Man...
10085901-6015ELF ETC2-10085901-6015ELF Datasheet
836Kb / 6P
   ASSEMBLY 0.5MM PITCH CONNECTOR FOR FPCVHC SERIES
logo
FCI connector
10085901-6015ELF FCI-CONNECTOR-10085901-6015ELF Datasheet
188Kb / 18P
   OPU SERIES 0.5mm Pitch
More results

Similar Description - 10085176-Y33LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3357 PASTERNACK-PE3357 Datasheet
103Kb / 1P
   Cable Aseembly
logo
Assmann Electronics Inc...
A-RJ45M-SR-R ASSMANN-A-RJ45M-SR-R Datasheet
233Kb / 1P
   8P8C PLUG FOR CABLE ASEEMBLY TYPE
logo
List of Unclassifed Man...
FD400 ETC1-FD400 Datasheet
369Kb / 10P
   RELAIS HERMETIQUE 2 RT DOUBLE COUPURE 10 A/56 Vcc
logo
GREATECS
MB6 GREATECS-MB6 Datasheet
158Kb / 4P
   SMT Double Action Switch
logo
Johanson Technology Inc...
142-0701-556 JOHANSON-142-0701-556 Datasheet
67Kb / 1P
   JACK ASEEMBLY, RA PC MOUNT BULKHEAD, SMA
logo
Macronix International
MX25R1635F MCNIX-MX25R1635F Datasheet
1Mb / 88P
   Wide Vcc Range, 16M-BIT
logo
American Accurate Compo...
SBM9A34 AAC-SBM9A34 Datasheet
97Kb / 1P
   SMT RF Frequency Mixer Double Balance
DBM9A AAC-DBM9A Datasheet
90Kb / 1P
   SMT RF Frequency Mixer Double Balance
HDM50123-0900-G AAC-HDM50123-0900-G Datasheet
180Kb / 1P
   SMT RF Frequency Mixer Double Balance
logo
Macronix International
MX25R4035F MCNIX-MX25R4035F Datasheet
1Mb / 88P
   Wide Vcc Range, 4M-BIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com