Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EASER402-NLED Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # EASER402-NLED
Description  THE SERIALS DOTMATRIX DISPLAYS WITH RS-232
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EASER402-NLED Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  EASER402-NLED Datasheet HTML 1Page - List of Unclassifed Manufacturers EASER402-NLED Datasheet HTML 2Page - List of Unclassifed Manufacturers EASER402-NLED Datasheet HTML 3Page - List of Unclassifed Manufacturers EASER402-NLED Datasheet HTML 4Page - List of Unclassifed Manufacturers EASER402-NLED Datasheet HTML 5Page - List of Unclassifed Manufacturers EASER402-NLED Datasheet HTML 6Page - List of Unclassifed Manufacturers EASER402-NLED Datasheet HTML 7Page - List of Unclassifed Manufacturers EASER402-NLED Datasheet HTML 8Page - List of Unclassifed Manufacturers EASER402-NLED Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
THE SERIALS
Page 5
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
Self defined character1)
8 character (ASCII codes $00..$07) are presetted with " ", "±", "²",
"³", "ß", "Ä", "Ö", "Ü" and can be redefined with the command
"ESC Z n1 data...". After re-definition the presetted codes are no
longer available. It makes sense to switch off the relocation of
ASCII codes via command 'ESC U 0'.
After power-on or reset the predefined codes are avaiable again.
Example:
ESC Z $00 $04 $04 $04 $04 $15 $0E $04 $00
After that, character code $00 is defined as an downside arrow.
Note: For definition 8 data bytes are necesary.
character data
bit value
hex (dez)
16 8
4
2
1
0
0
1
0
0
$04 (4)
0
0
1
0
0
$04 (4)
0
0
1
0
0
$04 (4)
0
0
1
0
0
$04 (4)
1
0
1
0
1
$15 (21)
0
1
1
1
0
$0E (14)
0
0
1
0
0
$04 (4)
0
0
0
0
0
$00 (0)
Digital output1)
There are up to 6 digital outputs OUT1..OUT6. They share with the solder link for address setting
(cannot be used with EA OPT-DIP6). When one or more outputs are used, the possibility for address
set is limited automatically.
Application example1)
Each output line provides a NPN transistor with about 50kOhm pull-up resistor; i.e. only LO level is
able to supply about 10mA. In summary current for
OUT1..OUT6 may not exceed 15mA. HIGH level is
able to source up to 100µA only. Driving a higher
load signal must be amplified by an external
transistor or MOSFET.
1) not for SER308, SER408, SER3016 and SER4016
1) not for SER308, SER408, SER3016 and SER4016:
only the complete character set can be exchanged
All versions except EA S ERxxx-92
Displays with Snap-In case (EA SERxx-92)
After Power-On all output are set to HIGH. Setting an output will be done by following command:
'ESC Y n1 n2'
n1: Output no. 1, 2, 3, 4, 5 or 6
n2=0: Output set to LOW (0V); n2=1: Output set to HIGH (5V); n2=2: Invert output


Similar Part No. - EASER402-NLED

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
EAS CARLOGAVAZZI-EAS Datasheet
110Kb / 2P
   Timers Delay on Operate Type EAS
logo
Panasonic Semiconductor
EAS-45P30S PANASONIC-EAS-45P30S Datasheet
141Kb / 4P
   General Speaker
EAS-4D02CO PANASONIC-EAS-4D02CO Datasheet
141Kb / 4P
   General Speaker
EAS-4P15SA PANASONIC-EAS-4P15SA Datasheet
141Kb / 4P
   General Speaker
EAS-6P22S PANASONIC-EAS-6P22S Datasheet
141Kb / 4P
   General Speaker
More results

Similar Description - EASER402-NLED

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP339E EXAR-SP339E Datasheet
1Mb / 21P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-0A EXAR-SP339EER1-0A Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-L EXAR-SP339EER1-L Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP338EER1-0A EXAR-SP338EER1-0A Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
logo
Analog Devices
ADM2209E AD-ADM2209E_15 Datasheet
146Kb / 12P
   Dual RS-232 Port with Standby
REV. 0
logo
Pepperl+Fuchs Inc.
KFD2-FF-EX2.RS232 PF-KFD2-FF-EX2.RS232 Datasheet
1Mb / 4P
   RS 232 Repeater
logo
Exar Corporation
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
logo
Moxa Inc.
DA-682A-UART MOXA-DA-682A-UART Datasheet
813Kb / 3P
   Expansion modules with RS-232/422/485 and RS-232/485 serial ports
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
List of Unclassifed Man...
HWD232 ETC1-HWD232 Datasheet
300Kb / 4P
   5V RS-232
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com