Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EAKV24-9B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # EAKV24-9B
Description  5,7 LCD CONTROL PANEL WITH TOUCH PANEL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAKV24-9B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  EAKV24-9B Datasheet HTML 1Page - List of Unclassifed Manufacturers EAKV24-9B Datasheet HTML 2Page - List of Unclassifed Manufacturers EAKV24-9B Datasheet HTML 3Page - List of Unclassifed Manufacturers EAKV24-9B Datasheet HTML 4Page - List of Unclassifed Manufacturers EAKV24-9B Datasheet HTML 5Page - List of Unclassifed Manufacturers EAKV24-9B Datasheet HTML 6Page - List of Unclassifed Manufacturers EAKV24-9B Datasheet HTML 7Page - List of Unclassifed Manufacturers EAKV24-9B Datasheet HTML 8Page - List of Unclassifed Manufacturers EAKV24-9B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
EA KIT320-8
Type 1: 2x2 Matrix
Type 2: 1x4 Matrix
Type 3: 4x0 Matrix
EXTERNAL MATRIX KEYBOARD
A matrix keyboard (anything from individual keys to an 8x8 matrix keyboard) can be connected at the
plug-in connection J120. The number of inputs and outputs of the ports (n1,n2=1..8) used is defined
and the key debouncing is specified (n3=0..7 in 50ms increments) by means of the ‘ESC Y M n1 n2
n3’ command. Please note when an external keyboard is connected that the digital inputs are reduced
by the number n1 and the outputs are reduced by the number n2.
Each key is generally switched between an output and an input. Each input has a 100k
Ω (approx.)
pullup. In order to identify double keystrokes, the outputs must be decoupled from each other. This
is best done with Schottky diodes (e.g. BAT 43).
Transmitting the keystrokes
At each keystroke (key number 1..64), the associated matrix macro is executed or, if no macro is
defined, the key number is transmitted with code letters. The release of the key is not transmitted. If
the release of the key is to be transmitted as well, this can be done by defining matrix macro no. 0.
Note If the CTS handshake line does not permit transmission, up to 8 keystrokes are stored in the
key buffer. When the buffer is full, older keystrokes may be lost.
Determining the key number:
Key no. = (output no. - 1) * no. of inputs + no. of outputs
(output = MOx, input = MIx).
Example: Connection of 4 keys in 3 variations
- Variant 1:
The 4 keys are defined as a 2x2 matrix by means of the ‘ESC Y M 2 2 ..’ command.
The keys are connected to 2 inputs (MI1, MI2) and 2 outputs (MO1, MO2). The
outputs are decoupled from each other by means of diodes so that double
keystrokes can be identified. There are 6 inputs and 6 outputs available as port
connections.
- Variant 2:
The 4 keys are defined as a 1x4 matrix by means of the ‘ESC Y M 1 4 ..’ command.
The keys are connected to 4 outputs (MO1, MO2) and read in via input MI1. There
are 7 inputs and 4 outputs available as port connections.
- Variant 3:
If only one output is used (4x1 matrix), the keys can also be connected to ground
and read in directly at the inputs (= 4x0 matrix). The 4 keys are defined at the 4
inputs (MI1..MI4) by means of the ‘ESC Y M 4 0 ..’ command. There are 4 inputs
and 8 outputs available as port connections.


Similar Part No. - EAKV24-9B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAKV24-9B ETC2-EAKV24-9B Datasheet
556Kb / 13P
   BEDIENEINHEIT 128x64 MIT ZEICHENS횆TZEN UND GRAFIKBEFEHLEN
EAKV24-9B ETC2-EAKV24-9B Datasheet
573Kb / 21P
   CONTROL PANEL WITH FONTS, GRAPHICS COMMANDS AND MACROS
EAKV24-9B ETC2-EAKV24-9B Datasheet
800Kb / 21P
   CONTROL PANEL WITH FONTS, GRAPHICS COMMANDS AND MACROS
EAKV24-9B ETC2-EAKV24-9B Datasheet
2Mb / 20P
   THE SERIALS DOTMATRIX DISPLAYS WITH RS-232
EAKV24-9B10 ETC2-EAKV24-9B10 Datasheet
758Kb / 21P
   CONTROL PANEL WITH FONTS GRAPHICS COMMANDS AND MACROS
More results

Similar Description - EAKV24-9B

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UBIQ-230T ADVANTECH-UBIQ-230T Datasheet
231Kb / 2P
   One-Touch Scenario Control Panel with 3.5 Color LCD
UBIQ-230 ADVANTECH-UBIQ-230 Datasheet
146Kb / 2P
   One-Touch Scenario Control Panel with 3.5" Color LCD
logo
Purdy Electronics Corpo...
AND-TFT-35VX-UHB-TS PURDY-AND-TFT-35VX-UHB-TS Datasheet
2Mb / 6P
   TFT LCD Touch Panel
logo
List of Unclassifed Man...
GTWV070C3A00PA ETC-GTWV070C3A00PA Datasheet
1Mb / 23P
   TFT LCD Module with Metallized Projective Capacitive Touch Panel (FLETAS touch panel) Hardware Specification
logo
Altera Corporation
P0071 ALTERA-P0071 Datasheet
13Mb / 43P
   DE2-115 with LCD Touch Panel and Camera
logo
PHOENIX CONTACT
2895239 PHOENIX-2895239 Datasheet
44Kb / 1P
   Monitor - LCD TOUCH 5015 D PANEL
11/05/2018
2873235 PHOENIX-2873235 Datasheet
54Kb / 2P
   Monitor - LCD TOUCH 5012 A PANEL
11/05/2018
logo
Newhaven Display Intern...
TSTFT3.5Z NEWHAVEN-TSTFT3.5Z Datasheet
472Kb / 2P
   Touch Panel
logo
AAEON Technology
OMNI-215D AAEON-OMNI-215D Datasheet
2Mb / 18P
   15.6” OMNI Modular Touch/ LCD Panel Kit
logo
Vishay Siliconix
TIP VISHAY-TIP_V01 Datasheet
126Kb / 4P
   Infrared Touch Panel with Controller
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com