Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EAKV24-9B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EAKV24-9B
Description  5,7 LCD CONTROL PANEL WITH TOUCH PANEL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAKV24-9B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EAKV24-9B Datasheet HTML 1Page - List of Unclassifed Manufacturers EAKV24-9B Datasheet HTML 2Page - List of Unclassifed Manufacturers EAKV24-9B Datasheet HTML 3Page - List of Unclassifed Manufacturers EAKV24-9B Datasheet HTML 4Page - List of Unclassifed Manufacturers EAKV24-9B Datasheet HTML 5Page - List of Unclassifed Manufacturers EAKV24-9B Datasheet HTML 6Page - List of Unclassifed Manufacturers EAKV24-9B Datasheet HTML 7Page - List of Unclassifed Manufacturers EAKV24-9B Datasheet HTML 8Page - List of Unclassifed Manufacturers EAKV24-9B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
EA KIT320-8
RS-422 Connector J3
Pin
Symbol
Function
1
VDD
+ 5V Supply
2
Data In-
Receive Data
3
Data In+
Receive Data
4
Data Out- Transmit Data
5
Data Out+ Transmit Data
6
HS In-
Handshake
7
HS In+
Handshake
8
HS Out-
Handshake
9
HS Out+
Handshake
10
GND
0V Ground
RS-232 Connector J3
Pin Symbo In/Out
Function
1
VDD
-
+ 5V Supply
2
DCD
-
Connected to DTR
3
DSR
-
Connected to DTR
4
TxD
Out
Transmit Data
5
CTS
In
Clear To Send
6
RxD
In
Receive Data
7
RTS
Out
Request To Send
8
DTR
-
see Pin 2, Pin 3
9
-
-
NC
10
GND
-
0V Ground
Baudrates
DIP Switch
data format
8,N,1
1
2
3
ON
ON
2,400
OFF
ON
ON
4,800
OFF
ON
9,600
OFF OFF
ON
ON
19,200
OFF
ON
38,400
OFF
OFF
ON
57,600
OFF OFF
115,200
OFF OFF OFF
Extension J5
Pin Symbol In/Out
Function
1
VU
-
9..35V Supply
2
VDD
-
+ 5V Supply
3
GND
-
0V, Ground
4
TxD5
Out
Transmit Data
5
RxD5
In
Receive Data
6
RTS5
Out
Request To Send
7
CTS5
In
Clear To Send
8
RESET
In
L: Reset
9
SCL
Out
I2C Bus, Clock
10
SDA
In/Out I2C Bus, Data
View from rear side
SUPPLY VOLTAGE
In the standard model, the supply
voltage of +5V is fed in via the
screw-type terminal J1. In the case
of the version for 9V to 35V
(EA OPT-9/35V), the power is
supplied via J2.
Important: It is imperative that the
polarity is correct. Even very brief
polarity reversal can damage the
entire operating unit immediately
and irreparably.
BAUD RATES
The baud rate can be set by means of the three DIP switches on the left. When
the equipment is delivered, the setting is 9,600 baud (DIP 3 ON). Please note
that the internal data buffer is only 128 bytes. The RTS handshake line must
therefore be queried (+10V level: data can be accepted; -10V level: display is
busy). The data format is set permanently to 8 data bits, 1 stop bit, no parity.
RS-232/RS-422
The operating unit is shipped with an RS-
232 interface as standard. The pin
assignment of connector J3 is then as
shown in the table on the left. J3 has a grid
of 2.54mm. If the operating unit is ordered
together with the EA OPT-RS4224 option,
special RS-422 drivers are fitted. The pin
assignment in the table on the right then
applies.
Incidentally, the same serial
data with 5V levels and
TTL logic is available at
the J5 eyelet strip. These
levels are suitable for
direct connection to a µC.
If these signals are used,
4 solder straps LB1, LB2,
LB 5 und LB 6 has to be
opened !


Similar Part No. - EAKV24-9B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAKV24-9B ETC2-EAKV24-9B Datasheet
556Kb / 13P
   BEDIENEINHEIT 128x64 MIT ZEICHENS횆TZEN UND GRAFIKBEFEHLEN
EAKV24-9B ETC2-EAKV24-9B Datasheet
573Kb / 21P
   CONTROL PANEL WITH FONTS, GRAPHICS COMMANDS AND MACROS
EAKV24-9B ETC2-EAKV24-9B Datasheet
800Kb / 21P
   CONTROL PANEL WITH FONTS, GRAPHICS COMMANDS AND MACROS
EAKV24-9B ETC2-EAKV24-9B Datasheet
2Mb / 20P
   THE SERIALS DOTMATRIX DISPLAYS WITH RS-232
EAKV24-9B10 ETC2-EAKV24-9B10 Datasheet
758Kb / 21P
   CONTROL PANEL WITH FONTS GRAPHICS COMMANDS AND MACROS
More results

Similar Description - EAKV24-9B

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UBIQ-230T ADVANTECH-UBIQ-230T Datasheet
231Kb / 2P
   One-Touch Scenario Control Panel with 3.5 Color LCD
UBIQ-230 ADVANTECH-UBIQ-230 Datasheet
146Kb / 2P
   One-Touch Scenario Control Panel with 3.5" Color LCD
logo
Purdy Electronics Corpo...
AND-TFT-35VX-UHB-TS PURDY-AND-TFT-35VX-UHB-TS Datasheet
2Mb / 6P
   TFT LCD Touch Panel
logo
List of Unclassifed Man...
GTWV070C3A00PA ETC-GTWV070C3A00PA Datasheet
1Mb / 23P
   TFT LCD Module with Metallized Projective Capacitive Touch Panel (FLETAS touch panel) Hardware Specification
logo
Altera Corporation
P0071 ALTERA-P0071 Datasheet
13Mb / 43P
   DE2-115 with LCD Touch Panel and Camera
logo
PHOENIX CONTACT
2895239 PHOENIX-2895239 Datasheet
44Kb / 1P
   Monitor - LCD TOUCH 5015 D PANEL
11/05/2018
2873235 PHOENIX-2873235 Datasheet
54Kb / 2P
   Monitor - LCD TOUCH 5012 A PANEL
11/05/2018
logo
Newhaven Display Intern...
TSTFT3.5Z NEWHAVEN-TSTFT3.5Z Datasheet
472Kb / 2P
   Touch Panel
logo
AAEON Technology
OMNI-215D AAEON-OMNI-215D Datasheet
2Mb / 18P
   15.6” OMNI Modular Touch/ LCD Panel Kit
logo
Vishay Siliconix
TIP VISHAY-TIP_V01 Datasheet
126Kb / 4P
   Infrared Touch Panel with Controller
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com