Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EAKIT160-7LW Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EAKIT160-7LW
Description  CONTROL PANEL WITH FONTS, GRAPHICS COMMANDS AND MACROS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAKIT160-7LW Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EAKIT160-7LW Datasheet HTML 1Page - List of Unclassifed Manufacturers EAKIT160-7LW Datasheet HTML 2Page - List of Unclassifed Manufacturers EAKIT160-7LW Datasheet HTML 3Page - List of Unclassifed Manufacturers EAKIT160-7LW Datasheet HTML 4Page - List of Unclassifed Manufacturers EAKIT160-7LW Datasheet HTML 5Page - List of Unclassifed Manufacturers EAKIT160-7LW Datasheet HTML 6Page - List of Unclassifed Manufacturers EAKIT160-7LW Datasheet HTML 7Page - List of Unclassifed Manufacturers EAKIT160-7LW Datasheet HTML 8Page - List of Unclassifed Manufacturers EAKIT160-7LW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
EA KIT160-7
RS-232/RS-422 CONNECTION
The graphics kit is shipped with an RS-232 interface as standard. The pin assignment of the plug
connector (J3) is as shown in the table on the left. The J3 has a 2.54mm grid. If the graphics kit is ordered
together with the EA OPT-RS4224 optional component, RS-422 drivers are fitted. In this case, the pin
assignment is as shown in the table on the right.
The same serial data with 5V levels and TTL logic is available at the J5 eyelet strip. These levels are
suitable for direct connection to a µC. However, if these signals are used, solder link LB5 and LB6 must
be cut or opened.
BAUD RATES
The baud rate can be set by means of the 3 DIP switches on the left. 9,600 baud
is set at the factory (DIP 3 ON). Please note that the internal data buffer only holds
24 bytes. It is therefore imperative that the RTS handshake line be queried (a level
of +10V means data can be accepted; a level of -10V means the display is busy).
The data format is fixed at 8 data bits, 1 stop bit and no parity.
WRITE PROTECTION FOR PROGRAMMED MACROS
You can use DIP switch 6 to prevent the programmed macros,
images and fonts from being inadvertently overwritten.
RS-232 J3 connection
Pin Symbo In/Out
Function
1
VDD
-
+ 5V supply
2
DCD
-
StraptoDTR
3
DSR
-
StraptoDTR
4
TxD
Out
Transmit data
5
CTS
In
Clear to send
6
RxD
In
Receive data
7
RTS
Out
Request to send
8
DTR
-
See pin 2, pin 3
9
-
-
NC
10
GND
-
0V ground
RS-422 J3 connection
Pin
Symbol
Function
1
VDD
+ 5V supply
2
Data In-
Receive data
3
Data In+
Receive data
4
Data Out- Transmit data
5
Data Out+ Transmit data
6
HS In-
Handshake
7
HS In+
Handshake
8
HS Out-
Handshake
9
HS Out+
Handshake
10
GND
0V ground
Baud rates
DIP switches
Data format
8,N,1
1
2
3
ON
ON
ON
1200
ON
ON
2400
OFF
ON
ON
4800
OFF
ON
9600
OFF OFF
ON
ON
19200
OFF
ON
38400
OFF
OFF
ON
57600
OFF OFF
115200
OFF OFF OFF
Write protection
DIP
Write protection
for
EEPROM
6
ON
On
No macro progr. possible
Off
OFF
Macro progr. possible
SUPPLYVOLTAGE / EA OPT-9/35V
Inthestandardmodel,thesupplyvoltageof+5V
isfedinviascrew-typeterminalJ1.Inthecaseof
the version for 9..35V (EA OPT-9/35V), the
power is supplied via J2.
Important: It is imperative that the polarity is
correct. Polarity reversal, even for a very short
time, can cause the immediate destruction of
the entire display.
J5 ad-on
Pin Symbol In/Out
Function
1
VU
-
9..35V Supply
2
VDD
-
+ 5V Supply
3
GND
-
0V, Ground
4
TxD5
Out
Transmit Data
5
RxD5
In
Receive Data
6
RTS5
Out
Request To Send
7
CTS5
In
Clear To Send
8
RESET
In
H: Reset


Similar Part No. - EAKIT160-7LW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAKIT120-5 ETC2-EAKIT120-5 Datasheet
758Kb / 21P
   CONTROL PANEL WITH FONTS GRAPHICS COMMANDS AND MACROS
EAKIT120-5LED ETC2-EAKIT120-5LED Datasheet
758Kb / 21P
   CONTROL PANEL WITH FONTS GRAPHICS COMMANDS AND MACROS
EAKIT120-5LEDTP ETC2-EAKIT120-5LEDTP Datasheet
758Kb / 21P
   CONTROL PANEL WITH FONTS GRAPHICS COMMANDS AND MACROS
EAKIT128 ETC2-EAKIT128 Datasheet
556Kb / 13P
   BEDIENEINHEIT 128x64 MIT ZEICHENS횆TZEN UND GRAFIKBEFEHLEN
EAKIT128-GXT ETC2-EAKIT128-GXT Datasheet
556Kb / 13P
   BEDIENEINHEIT 128x64 MIT ZEICHENS횆TZEN UND GRAFIKBEFEHLEN
More results

Similar Description - EAKIT160-7LW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAKIT120-5 ETC2-EAKIT120-5 Datasheet
758Kb / 21P
   CONTROL PANEL WITH FONTS GRAPHICS COMMANDS AND MACROS
EAKIT129-6 ETC2-EAKIT129-6 Datasheet
573Kb / 21P
   CONTROL PANEL WITH FONTS, GRAPHICS COMMANDS AND MACROS
EAKIT240-7 ETC2-EAKIT240-7 Datasheet
754Kb / 21P
   CONTROL PANEL WITH FONTS, GRAPHICS COMMANDS AND MACROS
EAGE240-7KCV24 ETC2-EAGE240-7KCV24 Datasheet
1Mb / 16P
   COMPLETE UNIT WITH 3 FONTS AND INTELLIGENT CONTROLLER
logo
ELM Electronics
ELM329LP ELM-ELM329LP Datasheet
428Kb / 87P
   Fully configurable with AT commands
logo
List of Unclassifed Man...
EAKIT320-8 ETC2-EAKIT320-8 Datasheet
588Kb / 17P
   5,7 LCD CONTROL PANEL WITH TOUCH PANEL
logo
Vishay Siliconix
APD-240G120 VISHAY-APD-240G120 Datasheet
80Kb / 2P
   Plasma Panel Display Modules 240 x 120 Graphics Display with Drive Electronics and Controller
Revision 05-Dec-00
logo
List of Unclassifed Man...
BLK-MD-BC04-B ETC1-BLK-MD-BC04-B Datasheet
341Kb / 21P
   BLUETOOTH MODULE AT COMMANDS
logo
Bourns Electronic Solut...
PTF01-152A-102B1 BOURNS-PTF01-152A-102B1 Datasheet
204Kb / 3P
   Panel Control
logo
Vishay Siliconix
APD-192G096 VISHAY-APD-192G096 Datasheet
74Kb / 2P
   Plasma Panel Display Modules 192 x 96 Graphics Display with Drive Electronics Controller and Serial Interface
Revision 10-Nov-00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com