Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EA0FP129-6SW Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EA0FP129-6SW
Description  CONTROL PANEL WITH FONTS, GRAPHICS COMMANDS AND MACROS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EA0FP129-6SW Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EA0FP129-6SW Datasheet HTML 1Page - List of Unclassifed Manufacturers EA0FP129-6SW Datasheet HTML 2Page - List of Unclassifed Manufacturers EA0FP129-6SW Datasheet HTML 3Page - List of Unclassifed Manufacturers EA0FP129-6SW Datasheet HTML 4Page - List of Unclassifed Manufacturers EA0FP129-6SW Datasheet HTML 5Page - List of Unclassifed Manufacturers EA0FP129-6SW Datasheet HTML 6Page - List of Unclassifed Manufacturers EA0FP129-6SW Datasheet HTML 7Page - List of Unclassifed Manufacturers EA0FP129-6SW Datasheet HTML 8Page - List of Unclassifed Manufacturers EA0FP129-6SW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
EA KIT129-6
EXTERNLA KEYBOARD(EA KIT129-6LW ONLY)
A keyboard (anything from individual keys to a 3x5 matrix keyboard, J4)
can be connected at the plug-in connection. The connected keys are
debounced by means of software. Please note that it is only possible to
connect an external keyboard to versions without an integrated touch
panel.
Each key is switched between an output and an input. Each input has a
100k
Ω pullup. Up to 5 keys can be connected at each output.
To find out double-key-strokes all outputs must be decoupled by a
Schottky-Diode (e.g. BAT 46).
Transmitting the keystrokes
At each keystroke, the associated key number (1..15) is transmitted or an
internal Touch Makro (only if defined) will be started. The release of the key
is not transmitted. If the release of the key is to be transmitted as well, this
can be done by defining touch macro no. 0. The automatic keyboard scan
can be deactivated by means of the command "ESC T A 0". If the
handshake line (e.g. CTS) does not permit transmission, keystrokes can
be lost.
The key number can be determined as follows:
Key number = (output -1) * 5 +input
(output: a number between 1 and 3; input: a number between 1 and 5).
TOUCH PANEL(EA KIT129X-LWTP ONLY)
Versions EA KIT129-6LWTP and KIT129J-6LWTP are supplied with an integrated touch panel with 15
fields. The graphics kit offers convenient commands supporting this touch panel. It is possible, for
example, to group a number of touch fields to form a single large key and then draw and label the key.
You can also assign a record code (1..255) to the key you have defined. If a return code of 0 is assigned,
the key is disabled and has no effect when it is pressed.
When the touch keys are touched, they can be automatically inverted and a tone can sound, indicating
they have been touched. At the same time, the defined return code of the key is transmitted via the serial
interface, or an internal touch macro with the number of the return code is started.
Example:
Definition of a key from field 3 to 9 with the return code 65=´A´ and the text
"STOP". Note: Before individual keys are defined, all fields should be disabled
by means of "ESC T R".
Example
Codes to be output
Note
For compiler
#TH 11, 21, ´A´, 2, "STOP"
The end code 0 is not specified
here
As ASCII
ESC
T
H
.
.
A
.
S
T
O
P
.
The dots ´.´ stand for ASCII
characters that are not to be
displayed
In hex
$1B $54 $48 $0B $15 $41 $02 $53 $54 $4F $50 $00
In decimal
27
84
72
11
21
65
2
83
84
79
80
0
Matrix Keypad Connector
J4
Pin
Symbol
Function
1
IN 1
Input Column 1
2
OUT 1
Output Line 1
3
IN 2
Input Column 2
4
OUT 2
Output Line 2
5
IN 3
Input Column 3
6
OUT 3
Output Line 3
7
IN 4
Input Column 4
8
NC
not connected
9
IN 5
Input Columne 5
10
NC
not connected
Example


Similar Part No. - EA0FP129-6SW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EA0FP130-6SW ETC2-EA0FP130-6SW Datasheet
1Mb / 29P
   OPERATING UNIT 128x64 with touch panel
EA0FP160-7BL ETC2-EA0FP160-7BL Datasheet
800Kb / 21P
   CONTROL PANEL WITH FONTS, GRAPHICS COMMANDS AND MACROS
EA0FP160-7SW ETC2-EA0FP160-7SW Datasheet
800Kb / 21P
   CONTROL PANEL WITH FONTS, GRAPHICS COMMANDS AND MACROS
EA0FP161-7SW ETC2-EA0FP161-7SW Datasheet
1Mb / 29P
   OPERATING UNIT 160x104 with touch panel
More results

Similar Description - EA0FP129-6SW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAKIT120-5 ETC2-EAKIT120-5 Datasheet
758Kb / 21P
   CONTROL PANEL WITH FONTS GRAPHICS COMMANDS AND MACROS
EAKIT160-7 ETC2-EAKIT160-7 Datasheet
800Kb / 21P
   CONTROL PANEL WITH FONTS, GRAPHICS COMMANDS AND MACROS
EAKIT240-7 ETC2-EAKIT240-7 Datasheet
754Kb / 21P
   CONTROL PANEL WITH FONTS, GRAPHICS COMMANDS AND MACROS
EAGE240-7KCV24 ETC2-EAGE240-7KCV24 Datasheet
1Mb / 16P
   COMPLETE UNIT WITH 3 FONTS AND INTELLIGENT CONTROLLER
logo
ELM Electronics
ELM329LP ELM-ELM329LP Datasheet
428Kb / 87P
   Fully configurable with AT commands
logo
List of Unclassifed Man...
EAKIT320-8 ETC2-EAKIT320-8 Datasheet
588Kb / 17P
   5,7 LCD CONTROL PANEL WITH TOUCH PANEL
logo
Vishay Siliconix
APD-240G120 VISHAY-APD-240G120 Datasheet
80Kb / 2P
   Plasma Panel Display Modules 240 x 120 Graphics Display with Drive Electronics and Controller
Revision 05-Dec-00
logo
List of Unclassifed Man...
BLK-MD-BC04-B ETC1-BLK-MD-BC04-B Datasheet
341Kb / 21P
   BLUETOOTH MODULE AT COMMANDS
logo
Bourns Electronic Solut...
PTF01-152A-102B1 BOURNS-PTF01-152A-102B1 Datasheet
204Kb / 3P
   Panel Control
logo
Vishay Siliconix
APD-192G096 VISHAY-APD-192G096 Datasheet
74Kb / 2P
   Plasma Panel Display Modules 192 x 96 Graphics Display with Drive Electronics Controller and Serial Interface
Revision 10-Nov-00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com