Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EAKIT240-7LEDTP Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EAKIT240-7LEDTP
Description  CONTROL PANEL WITH FONTS, GRAPHICS COMMANDS AND MACROS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAKIT240-7LEDTP Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EAKIT240-7LEDTP Datasheet HTML 1Page - List of Unclassifed Manufacturers EAKIT240-7LEDTP Datasheet HTML 2Page - List of Unclassifed Manufacturers EAKIT240-7LEDTP Datasheet HTML 3Page - List of Unclassifed Manufacturers EAKIT240-7LEDTP Datasheet HTML 4Page - List of Unclassifed Manufacturers EAKIT240-7LEDTP Datasheet HTML 5Page - List of Unclassifed Manufacturers EAKIT240-7LEDTP Datasheet HTML 6Page - List of Unclassifed Manufacturers EAKIT240-7LEDTP Datasheet HTML 7Page - List of Unclassifed Manufacturers EAKIT240-7LEDTP Datasheet HTML 8Page - List of Unclassifed Manufacturers EAKIT240-7LEDTP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
EA KIT240-7
EXTERNALKEYBOARD
A keyboard (anything from individual keys to a 10x6 matrix keyboard) can
be connected at the plug-in connection. The connected keys are
debounced by means of software. Please note that it is only possible to
connect an external keyboard to versions without an integrated touch
panel.
Each key is switched between an output and an input. Each input has a
100k
Ω pullup. Up to 6 keys can be connected at each output.
Transmitting the keystrokes
At each keystroke, the associated key
number (1..60) is transmitted. The release
of the key is not transmitted. If the release of
the key is to be transmitted as well, this can
be done by defining touch macro no. 0. The
automatic
keyboard
scan
can
be
deactivated by means of the command "ESC T A 0".
The key number can be determined as follows: Key number = (output -
1) * 10 +input (output: a number between 1 and 10; input: a number
between 1 and 6).
Note: If the handshake line (e.g. CTS) does not permit transmission,
keystrokes can be lost.
TOUCH PANEL(EA KIT240-7CTP AND -7LEDTP ONLY)
Versions EA KIT240-7CTP and -7LEDTP are supplied with an integrated touch panel with 60 fields.
The graphics kit offers convenient commands supporting this touch panel. It is possible, for example,
to group a number of touch fields to form a single large key and then draw and label the key. You can
also assign a record code (1..255) to the key you have defined. If a return code of 0 is assigned, the
key is disabled and has no effect when it is pressed.
When the touch keys are touched, they can be automatically inverted and a tone can sound, indicating
they have been touched. At the same time, the defined return code of the key is transmitted via the
serial interface, or an internal touch macro with the number of the return code is started.
Example:
Definition of a key from field 13 to 25 with the return code 65=´A´ and the text "STOP". Note: Before
individual keys are defined, all fields should be disabled by means of
"ESC T R".
J4 matrix keyboard
connection
Pin
Symbol
Function
1
IN 1
Input line 1
2
IN 2
Input line 2
3
IN 3
Input line 3
4
IN 4
Input line 4
5
IN 5
Input line 5
6
IN 6
Input line 6
7
OUT 10
Output column 10
8
OUT 9
Output column 9
9
OUT 8
Output column 8
10
OUT 7
Output column 7
11
OUT 6
Output column 6
12
OUT 5
Output column 5
13
OUT 4
Output column 4
14
OUT 3
Output column 3
15
OUT 2
Output column 2
16
OUT 1
Output column 1
Application example
Example
Codes to be output
Note
For
com piler
#TH 13, 25, ´A´, 2, "STOP"
The end code 0 is not
s pecified here
As ASCII
ESC
T
H
..
A
.
S
T
OP
.
The dots ´.´ s tand for ASCII
characters that are not to be
dis played
In hex
$1B $54 $48 $0D $19 $41 $02 $53 $54 $4F $50 $00
In decim al
27
84
72
13
25
65
2
83
84
79
80
0


Similar Part No. - EAKIT240-7LEDTP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAKIT120-5 ETC2-EAKIT120-5 Datasheet
758Kb / 21P
   CONTROL PANEL WITH FONTS GRAPHICS COMMANDS AND MACROS
EAKIT120-5LED ETC2-EAKIT120-5LED Datasheet
758Kb / 21P
   CONTROL PANEL WITH FONTS GRAPHICS COMMANDS AND MACROS
EAKIT120-5LEDTP ETC2-EAKIT120-5LEDTP Datasheet
758Kb / 21P
   CONTROL PANEL WITH FONTS GRAPHICS COMMANDS AND MACROS
EAKIT128 ETC2-EAKIT128 Datasheet
556Kb / 13P
   BEDIENEINHEIT 128x64 MIT ZEICHENS횆TZEN UND GRAFIKBEFEHLEN
EAKIT128-GXT ETC2-EAKIT128-GXT Datasheet
556Kb / 13P
   BEDIENEINHEIT 128x64 MIT ZEICHENS횆TZEN UND GRAFIKBEFEHLEN
More results

Similar Description - EAKIT240-7LEDTP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAKIT120-5 ETC2-EAKIT120-5 Datasheet
758Kb / 21P
   CONTROL PANEL WITH FONTS GRAPHICS COMMANDS AND MACROS
EAKIT160-7 ETC2-EAKIT160-7 Datasheet
800Kb / 21P
   CONTROL PANEL WITH FONTS, GRAPHICS COMMANDS AND MACROS
EAKIT129-6 ETC2-EAKIT129-6 Datasheet
573Kb / 21P
   CONTROL PANEL WITH FONTS, GRAPHICS COMMANDS AND MACROS
EAGE240-7KCV24 ETC2-EAGE240-7KCV24 Datasheet
1Mb / 16P
   COMPLETE UNIT WITH 3 FONTS AND INTELLIGENT CONTROLLER
logo
ELM Electronics
ELM329LP ELM-ELM329LP Datasheet
428Kb / 87P
   Fully configurable with AT commands
logo
List of Unclassifed Man...
EAKIT320-8 ETC2-EAKIT320-8 Datasheet
588Kb / 17P
   5,7 LCD CONTROL PANEL WITH TOUCH PANEL
logo
Vishay Siliconix
APD-240G120 VISHAY-APD-240G120 Datasheet
80Kb / 2P
   Plasma Panel Display Modules 240 x 120 Graphics Display with Drive Electronics and Controller
Revision 05-Dec-00
logo
List of Unclassifed Man...
BLK-MD-BC04-B ETC1-BLK-MD-BC04-B Datasheet
341Kb / 21P
   BLUETOOTH MODULE AT COMMANDS
logo
Bourns Electronic Solut...
PTF01-152A-102B1 BOURNS-PTF01-152A-102B1 Datasheet
204Kb / 3P
   Panel Control
logo
Vishay Siliconix
APD-192G096 VISHAY-APD-192G096 Datasheet
74Kb / 2P
   Plasma Panel Display Modules 192 x 96 Graphics Display with Drive Electronics Controller and Serial Interface
Revision 10-Nov-00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com