Electronic Components Datasheet Search |
|
EAKV24-9B10 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers |
|
EAKV24-9B10 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers |
11 / 21 page 11 EA KIT120-5 DESCRIPTIONS OF THE VARIOUS GRAPHICS FUNCTIONS On the following pages you will find detailed descriptions of all the functions in alphabetical order. In each case, an enlarged section of the image, 50x32 pixels in size, is shown as a hard copy example, indicating the contents of the display after the command has been executed. The bytes to be transferred are shown as hex values in the examples. ESC B L/R/O/U no x1 y1 x2 y2 sv ev pat Define bar graph Up to 4 bar graphs (no=1..4) can be defined. These can extend to the left (L), right (R), up (O) or down (U). At its full extent, the bar graph occupies an area from coordinate x1,y1 to x2,y2. It is scaled with the start value (no extension), sv (=0..254), and the end value (full extension), ev (=0..254). The bar graph is always drawn in inverse mode with the pattern (pat): The background is thus always retained. (Note: When this command is executed, it defines the bar graph but does not display it.) Example: $1B $42 $4F $01 $04 $02 $09 $1E $04 $14 $01 Bar graph no. 1, which extends upwards, is defined. When it is fully extended, it takes up an area from 4,2 to 9,30. The start and end values correspond to a 4..20 mA display. (The diagram shows the bar graph fully extended, as represented with $42 $01 $14.) ESC B no value Draw bar graph The bar graph with the number n1 (1..4) is set to the new value (sv <= value <= ev). If value > ev, the end value (ev) is displayed. The bar graph must be defined first (see above). Example: $1B $42 $01 $0A Bar graph no. 1 defined in the above example is set to a value of 10. ESC D L Delete contents of display The entire contents of the display are deleted (white). Example: $1B $44 $4C ESC D I Invert contents of display The entire contents of the display are inverted. Example: $1B $44 $49 ESC D S Fill contents of display The entire contents of the display are filled (black). Example: $1B $44 $53 ESC D A Switch display off The contents of the display are switched off (made invisible). Outputs are also possible when the contents of the display are switched off. Example: $1B $44 $41 After this command is executed, the contents of the display are no longer visible. ESC D E Switching the display on The contents of the display are switched on (made visible). Example: $1B $44 $41 After this command is executed, the contents of the display become visible again. |
Similar Part No. - EAKV24-9B10 |
|
Similar Description - EAKV24-9B10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |