Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EAOPT-OPTO10 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EAOPT-OPTO10
Description  CONTROL PANEL WITH FONTS GRAPHICS COMMANDS AND MACROS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAOPT-OPTO10 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button EAOPT-OPTO10 Datasheet HTML 3Page - List of Unclassifed Manufacturers EAOPT-OPTO10 Datasheet HTML 4Page - List of Unclassifed Manufacturers EAOPT-OPTO10 Datasheet HTML 5Page - List of Unclassifed Manufacturers EAOPT-OPTO10 Datasheet HTML 6Page - List of Unclassifed Manufacturers EAOPT-OPTO10 Datasheet HTML 7Page - List of Unclassifed Manufacturers EAOPT-OPTO10 Datasheet HTML 8Page - List of Unclassifed Manufacturers EAOPT-OPTO10 Datasheet HTML 9Page - List of Unclassifed Manufacturers EAOPT-OPTO10 Datasheet HTML 10Page - List of Unclassifed Manufacturers EAOPT-OPTO10 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
EA KIT120-5
Font 1: 4x6
INTEGRATEDFONTS
5 character sets are integrated in the
EA KIT120-5 as standard. Each one can be
zoomed from 1 to 4 times. Independently of
this, the width can also be increased two to
four times.
In addition, you can define up to 16 characters
of your own, depending on the font being
used. These characters will remain until the
supply voltage is switched off. (See the ESC
E command.)
Each character can be positioned with
pixel accuracy. Text and graphics can be
combined as required. Several different font
sizes can also be displayed together.
Each text can be output left justified, right
justified or centered. 90° rotation (for vertical
installation of the display) is also possible.
Macro programming permits the inclusion of
up to 11 additional fonts and the complete
redesign of the individual characters.
A font editor on the EA DISKFONT1520
floppy disk allows you to create and program
in any font you like with a size of up to 16x16
pixels.
Font 5: 8x16
Font 3: 6x8
Nr.
Char.
he ight
Line s x
Cols
Size in
dots
ASCII
are a
Se lf de f.
ASCII-
Code s
Note
1
3,3 mm
5x 30
4x 6
32 - 95
1..16
Micro
2
3,3 mm
5x 24
5x 6
32 - 158
1..12
Mini
3
4,5 mm
4x 20
6x 8
32 - 158
1..10
Standard
4
4,5 mm
4x 15
8x 8
32 - 158
1..8
Bold
5
7,8 mm
2x 15
8x 16
32 - 158
1..4
Big
Overlaying (OR) with 50% gray pattern
of the „outline font“ at pos. 0,0 results
in a „font with pattern filling“
When the „outline font“ is overlaid
again (EXOR) at pos. 2,2, this results in
an „outline font with filling“
„Outline font“ resulting from
overlaying (EXOR) at pos. 1,1
Original font 8x16 with ZOOM 2
at position 0,0 with black pattern
TIP: FONT EFFECTS
With large fonts, you can use the „ESC L“ command, TEXT mode
(link, pattern), to produce interesting effects through overlaying
(writing and offsetting a word several times).


Similar Part No. - EAOPT-OPTO10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAOPT-OPTO16 ETC2-EAOPT-OPTO16 Datasheet
800Kb / 21P
   CONTROL PANEL WITH FONTS, GRAPHICS COMMANDS AND MACROS
EAOPT-OPTO16 ETC2-EAOPT-OPTO16 Datasheet
588Kb / 17P
   5,7 LCD CONTROL PANEL WITH TOUCH PANEL
More results

Similar Description - EAOPT-OPTO10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAKIT160-7 ETC2-EAKIT160-7 Datasheet
800Kb / 21P
   CONTROL PANEL WITH FONTS, GRAPHICS COMMANDS AND MACROS
EAKIT129-6 ETC2-EAKIT129-6 Datasheet
573Kb / 21P
   CONTROL PANEL WITH FONTS, GRAPHICS COMMANDS AND MACROS
EAKIT240-7 ETC2-EAKIT240-7 Datasheet
754Kb / 21P
   CONTROL PANEL WITH FONTS, GRAPHICS COMMANDS AND MACROS
EAGE240-7KCV24 ETC2-EAGE240-7KCV24 Datasheet
1Mb / 16P
   COMPLETE UNIT WITH 3 FONTS AND INTELLIGENT CONTROLLER
logo
ELM Electronics
ELM329LP ELM-ELM329LP Datasheet
428Kb / 87P
   Fully configurable with AT commands
logo
List of Unclassifed Man...
EAKIT320-8 ETC2-EAKIT320-8 Datasheet
588Kb / 17P
   5,7 LCD CONTROL PANEL WITH TOUCH PANEL
logo
Vishay Siliconix
APD-240G120 VISHAY-APD-240G120 Datasheet
80Kb / 2P
   Plasma Panel Display Modules 240 x 120 Graphics Display with Drive Electronics and Controller
Revision 05-Dec-00
logo
List of Unclassifed Man...
BLK-MD-BC04-B ETC1-BLK-MD-BC04-B Datasheet
341Kb / 21P
   BLUETOOTH MODULE AT COMMANDS
logo
Bourns Electronic Solut...
PTF01-152A-102B1 BOURNS-PTF01-152A-102B1 Datasheet
204Kb / 3P
   Panel Control
logo
Vishay Siliconix
APD-192G096 VISHAY-APD-192G096 Datasheet
74Kb / 2P
   Plasma Panel Display Modules 192 x 96 Graphics Display with Drive Electronics Controller and Serial Interface
Revision 10-Nov-00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com