Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4184 Datasheet(PDF) 5 Page - NEC

Part # 2SC4184
Description  UHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4184 Datasheet(HTML) 5 Page - NEC

  2SC4184 Datasheet HTML 1Page - NEC 2SC4184 Datasheet HTML 2Page - NEC 2SC4184 Datasheet HTML 3Page - NEC 2SC4184 Datasheet HTML 4Page - NEC 2SC4184 Datasheet HTML 5Page - NEC 2SC4184 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SC4184
5
VCE = 10 V, IC = 3 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.799
–40.5
7.976
145.0
0.030
71.8
0.937
–10.9
200.00
0.618
–68.1
6.066
122.9
0.046
60.5
0.836
–14.6
300.00
0.471
–88.5
4.643
107.4
0.057
56.0
0.763
–17.0
400.00
0.390
–103.5
3.710
98.6
0.065
57.7
0.733
–16.5
500.00
0.340
–116.4
3.144
91.1
0.073
57.3
0.695
–16.5
600.00
0.311
–129.5
2.719
86.4
0.083
60.3
0.698
–17.0
700.00
0.290
–141.4
2.419
79.2
0.090
60.1
0.690
–17.0
800.00
0.278
–151.6
2.194
74.7
0.103
61.0
0.698
–19.3
900.00
0.273
–160.3
1.941
69.4
0.108
63.5
0.699
–20.8
1000.00
0.280
–168.7
1.782
65.1
0.118
62.7
0.689
–24.4
1100.00
0.291
–177.4
1.644
61.8
0.127
65.1
0.679
–26.7
1200.00
0.296
173.6
1.551
57.0
0.136
64.9
0.657
–28.9
1300.00
0.298
167.4
1.474
53.0
0.149
65.0
0.646
–30.4
1400.00
0.302
162.8
1.350
49.0
0.153
65.7
0.633
–32.0
1500.00
0.321
158.6
1.269
44.3
0.165
65.0
0.637
–33.7
1600.00
0.340
154.4
1.197
43.5
0.172
67.9
0.631
–36.1
1700.00
0.357
148.7
1.124
40.9
0.184
67.7
0.632
–39.3
1800.00
0.374
144.1
1.117
39.1
0.201
69.6
0.624
–42.5
1900.00
0.385
140.4
1.077
36.0
0.214
68.9
0.616
–45.6
2000.00
0.399
137.1
1.064
31.0
0.230
66.7
0.606
–48.7
VCE = 10 V, IC = 10 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.507
–71.4
13.698
124.2
0.022
69.9
0.816
–14.2
200.00
0.348
–104.2
8.229
103.6
0.032
65.4
0.719
–13.1
300.00
0.279
–124.9
5.731
92.4
0.044
64.5
0.678
–13.3
400.00
0.254
–139.4
4.348
86.2
0.054
68.8
0.669
–12.6
500.00
0.249
–150.8
3.504
80.2
0.062
68.1
0.647
–12.5
600.00
0.251
–161.6
3.083
77.6
0.074
71.4
0.657
–13.3
700.00
0.254
–170.8
2.710
71.8
0.083
70.4
0.656
–13.6
800.00
0.261
–177.6
2.436
68.1
0.096
70.8
0.665
–15.9
900.00
0.271
177.0
2.141
63.7
0.103
72.0
0.669
–17.8
1000.00
0.292
171.7
1.953
60.0
0.114
70.8
0.661
–21.4
1100.00
0.314
165.4
1.798
57.3
0.123
72.8
0.654
–23.7
1200.00
0.324
158.4
1.691
52.9
0.132
72.2
0.634
–26.0
1300.00
0.332
153.5
1.604
49.1
0.147
72.8
0.625
–27.7
1400.00
0.338
150.0
1.461
45.6
0.151
72.8
0.613
–29.3
1500.00
0.358
147.1
1.369
40.9
0.165
72.1
0.618
–30.9
1600.00
0.378
144.0
1.282
40.4
0.174
75.1
0.613
–33.4
1700.00
0.397
139.5
1.201
38.0
0.187
74.3
0.615
–36.7
1800.00
0.415
135.8
1.188
36.4
0.205
75.8
0.607
–39.8
1900.00
0.426
132.7
1.147
33.4
0.219
74.6
0.599
–43.1
2000.00
0.442
129.9
1.130
28.6
0.238
72.4
0.589
–46.4


Similar Part No. - 2SC4184

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
2SC4184 CEL-2SC4184 Datasheet
61Kb / 8P
   NPN SILICON OSCILLATOR AND MIXER TRANSISTOR
logo
Renesas Technology Corp
2SC4184 RENESAS-2SC4184 Datasheet
201Kb / 8P
   SILICON TRANSISTOR
1996
More results

Similar Description - 2SC4184

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4182 NEC-2SC4182 Datasheet
47Kb / 6P
   UHF/VHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4185 NEC-2SC4185 Datasheet
44Kb / 6P
   UHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4186 NEC-2SC4186 Datasheet
47Kb / 8P
   UHF OSCILLATOR AND UHF MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC3841 NEC-2SC3841 Datasheet
96Kb / 8P
   UHF OSCILLATOR AND UHF MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC3545 NEC-2SC3545 Datasheet
98Kb / 8P
   UHF OSCILLTOR AND MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC4570 NEC-2SC4570 Datasheet
66Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4571 NEC-2SC4571 Datasheet
67Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
logo
NTE Electronics
NTE15 NTE-NTE15 Datasheet
20Kb / 2P
   Silicon NPN Transistor VHF Amp, Mixer, Oscillator, UHF OSC
logo
NEC
2SC4183 NEC-2SC4183 Datasheet
44Kb / 6P
   RF AMPLIFIER FOR UHF TV TUNER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4885 NEC-2SC4885 Datasheet
82Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com