Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EAEVALEDIP320J Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # EAEVALEDIP320J
Description  EVALUATION-BOARD for eDIP-series
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAEVALEDIP320J Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button EAEVALEDIP320J Datasheet HTML 6Page - List of Unclassifed Manufacturers EAEVALEDIP320J Datasheet HTML 7Page - List of Unclassifed Manufacturers EAEVALEDIP320J Datasheet HTML 8Page - List of Unclassifed Manufacturers EAEVALEDIP320J Datasheet HTML 9Page - List of Unclassifed Manufacturers EAEVALEDIP320J Datasheet HTML 10Page - List of Unclassifed Manufacturers EAEVALEDIP320J Datasheet HTML 11Page - List of Unclassifed Manufacturers EAEVALEDIP320J Datasheet HTML 12Page - List of Unclassifed Manufacturers EAEVALEDIP320J Datasheet HTML 13Page - List of Unclassifed Manufacturers EAEVALEDIP320J Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
EA9777-3
Page 10
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
RS232 CMOS
Pin
9777-2
Symbol
Function
Pin
eDIP
1
GND
Ground potential for logic (0V)
1
2
VDD
Power supply for logic (3.3V ... 5V)
2
3
RxD
Receive data
10
4
TxD
Transmit data
11
5
SBUF
data in sendbuffer (low)
20
RS485
Pin
9777-2
Symbol
Function
Pin
eDIP
1
GND
Ground potential for logic (0V)
1
2
VDD
Power supply for logic (3.3V ... 5V)
2
3
A
RS485 A (Data +)
---
4
B
RS485 B (Data -)
---
5
SBUF
data in sendbuffer (low)
20
RS232 +/-12V
Pin
9777-2
Symbol
Function
Pin
eDIP
1
VDD
Power supply for logic (3.3V ... 5V)
2
2
DCD
---
3
DSR
---
4
TxD
Transmit Data
[11]
5
CTS
---
6
RxD
Receive Data
[10]
7
RTS
---
8
DTR
---
9
NC.
Not connected
---
10
GND
1
Note:
There is a interface cable available under
ordering code EA KV24-9B. It allows a
direct connection to a PC. The length of the
cable is 1.5m.
Pin connector EA 9777-3USB
Pin connector EA 9777-3USB
Pin connector EA 9777-3USB


Similar Part No. - EAEVALEDIP320J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAEVALEDIP128B ETC2-EAEVALEDIP128B Datasheet
2Mb / 17P
   EVALUATION-BOARD for eDIP-series
EAEVALEDIP128B ETC2-EAEVALEDIP128B Datasheet
1Mb / 29P
   OPERATING UNIT 128x64 with touch panel
EAEVALEDIP128B ETC2-EAEVALEDIP128B Datasheet
1Mb / 29P
   OPERATING UNIT 160x104 with touch panel
EAEVALEDIP128W ETC2-EAEVALEDIP128W Datasheet
2Mb / 17P
   EVALUATION-BOARD for eDIP-series
EAEVALEDIP128W ETC2-EAEVALEDIP128W Datasheet
1Mb / 29P
   OPERATING UNIT 128x64 with touch panel
More results

Similar Description - EAEVALEDIP320J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EA9777-2USB ETC2-EA9777-2USB Datasheet
2Mb / 17P
   EVALUATION-BOARD for eDIP-series
logo
Cirrus Logic
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
   Evaluation Board for CS5345
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
   Evaluation Board for STR72xF
logo
Cirrus Logic
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
   Evaluation Board for CS5364
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
   Evaluation Board for CS3318
CDB4361 CIRRUS-CDB4361 Datasheet
1Mb / 26P
   Evaluation Board for CS4361
CDB4352 CIRRUS-CDB4352 Datasheet
823Kb / 21P
   Evaluation Board for CS4352
logo
Analog Devices
AD8250-EVALZ AD-AD8250-EVALZ_15 Datasheet
204Kb / 4P
   EVALUATION BOARD FOR G
REV. 0
AD8251-EVALZ AD-AD8251-EVALZ_15 Datasheet
197Kb / 4P
   Evaluation Board for G
REV. 0
logo
STMicroelectronics
STR910-EVAL STMICROELECTRONICS-STR910-EVAL Datasheet
89Kb / 3P
   Evaluation board for STR91xF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com