Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EAEDIPTFT43-A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EAEDIPTFT43-A
Description  embedded 4.3 TFT-DISPLAY 480x272 BUILT-IN INTELLIGENCE
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAEDIPTFT43-A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EAEDIPTFT43-A Datasheet HTML 1Page - List of Unclassifed Manufacturers EAEDIPTFT43-A Datasheet HTML 2Page - List of Unclassifed Manufacturers EAEDIPTFT43-A Datasheet HTML 3Page - List of Unclassifed Manufacturers EAEDIPTFT43-A Datasheet HTML 4Page - List of Unclassifed Manufacturers EAEDIPTFT43-A Datasheet HTML 5Page - List of Unclassifed Manufacturers EAEDIPTFT43-A Datasheet HTML 6Page - List of Unclassifed Manufacturers EAEDIPTFT43-A Datasheet HTML 7Page - List of Unclassifed Manufacturers EAEDIPTFT43-A Datasheet HTML 8Page - List of Unclassifed Manufacturers EAEDIPTFT43-A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
embedded 4.3" TFT-DISPLAY
480x272 BUILT-IN INTELLIGENCE
Issue 02.2014
Zeppelinstr. 19 · D-82205 Gilching · Phone +49-(0)8105-77 8090 · Fax +49-(0)8105-778099 · www.lcd-module.de · info@lcd-module.de
FEATURES
* TFT GRAPHIC DISPLAY WITH BULIT-IN GRAPHIC FUNCTIONS
* 480x272 DOTS, 16-BIT (65,536) COLORS WITH LED BACKLIGHT
* LANDSCAPE AND PORTRAIT MODE (272x480) BY COMMAND
* 4MB ON BOARD FLASH FOR FONTS, PICTURES, ANIMATIONS AND MACROS
* POWER SUPPLY +5V / 180mA
* 8 PRE-DEFINED FONTS, CAN BE EXPANDED
* FONT ZOOM FROM 2mm TO about 80mm, TURNABLE IN 90° STEPS
* 3 DIFFERENT INTERFACES ON BOARD: RS-232, I²C-BUS OR SPI-BUS
* POSITIONING ACCURATE TO THE PIXEL WITH ALL FUNCTIONS
* DRAW LINE, PLACE A DOT, AREA, BARGRAPH...
* PICTURES AND ANIMATIONS
* MIX TEXT AND GRAPHIC
* MULTI-LINGUAL WITH MACRO PAGES
* BACKLIGHT BRIGHTNESS BY SOFTWARE
* ANALOGUE TOUCH PANEL: VARIABLE GRID
* FREE DEFINABLE KEY AND SWITCH
* 8 DIGITAL IN- AND 8 DIGITAL OUTPUT
* 2 ANALOGUE INPUTS COMFORTABLE TO USE
Dimensions
107x71x12mm
ORDERING CODES
DISPLAYS
TFT 480x272 DOTS, WHITE LED BACKLIGHT
EA eDIPTFT43-A
AS ABOVE, BUT WITH TOUCH PANEL
EA eDIPTFT43-ATP
STARTERKIT
INCLUDES EA eDIPTFT43-ATP AND EVALUATION BOARD WITH USB
FOR DIRECT CONNECTION TO PC AND INTERFACE BOARDS FOR
CONNECTION WITH YOUR HOST SYSTEM
EA EVALeDIPTFT43
ADDTIOTNAL PARTS
MOUNTING BEZEL (ALUMINIUM), BLACK ANODIZED
EA 0FP481-43SW
SOCKET 1x20, 4.5mm HIGH (1 piece)
EA B254-20


Similar Part No. - EAEDIPTFT43-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAEDIPTFT32-A ETC2-EAEDIPTFT32-A Datasheet
1Mb / 33P
   embedded 3.2 TFT-DISPLAY 320x240 BUILT-IN INTELLIGENCE
EAEDIPTFT32-ATP ETC2-EAEDIPTFT32-ATP Datasheet
1Mb / 33P
   embedded 3.2 TFT-DISPLAY 320x240 BUILT-IN INTELLIGENCE
EAEDIPTFT70-A ETC2-EAEDIPTFT70-A Datasheet
2Mb / 37P
   embedded 7.0 TFT-DISPLAY 800x480 BUILT-IN INTELLIGENCE
EAEDIPTFT70-ATP ETC2-EAEDIPTFT70-ATP Datasheet
2Mb / 37P
   embedded 7.0 TFT-DISPLAY 800x480 BUILT-IN INTELLIGENCE
More results

Similar Description - EAEDIPTFT43-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAEDIPTFT32-A ETC2-EAEDIPTFT32-A Datasheet
1Mb / 33P
   embedded 3.2 TFT-DISPLAY 320x240 BUILT-IN INTELLIGENCE
EAEDIPTFT70-A ETC2-EAEDIPTFT70-A Datasheet
2Mb / 37P
   embedded 7.0 TFT-DISPLAY 800x480 BUILT-IN INTELLIGENCE
logo
P-tec Corporation
480272DM-4.3-A8-TP P-TEC-480272DM-4.3-A8-TP Datasheet
1Mb / 10P
   TFT 480x272 4.3??LCD
logo
Hantronix,Inc
HDA430-3GH-1 HANTRONIX-HDA430-3GH-1 Datasheet
1Mb / 17P
   4.3?? 480x272 TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA430PT-6S HANTRONIX-HDA430PT-6S Datasheet
2Mb / 20P
   4.3, 480x272 TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA430-3G1H HANTRONIX-HDA430-3G1H Datasheet
1Mb / 18P
   4.3, 480x272 TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA430-5S HANTRONIX-HDA430-5S Datasheet
1Mb / 13P
   4.3?? 480x272 TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA430T-5S HANTRONIX-HDA430T-5S Datasheet
1Mb / 13P
   4.3?? 480x272 TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA430T-3GH HANTRONIX-HDA430T-3GH Datasheet
504Kb / 18P
   4.3?? 480x272 TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA430T-3G1H HANTRONIX-HDA430T-3G1H Datasheet
513Kb / 19P
   4.3, 480x272 TFT COLOR GRAPHICS LCD DISPLAY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com