Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

163A19689X Datasheet(PDF) 2 Page - CONEC Elektronische Bauelemente GmbH

Part # 163A19689X
Description  Solder pin . Angled . Precision machined contacts . .750 19.05 mm Connector spacing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

163A19689X Datasheet(HTML) 2 Page - CONEC Elektronische Bauelemente GmbH

  163A19689X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 163A19689X Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1|51
PCB layout: Kat1iU5A
PCB layout: Kat1iU6A
PCB layout: Kat1iU6A
PCB layout: Kat1iU5A
D-SUB Connectors
Order data
D-SUB Standard – Dual port
Solder pin – Angled – Precision machined contacts – .750“ 19.05 mm Connector spacing
Variations: pin – pin; socket – socket; pin – socket
Mounting styles:
- with mounting bracket and 4-40 UNC or M3 threaded insert
- with mounting bracket and 4-40 UNC or M3 front spacer
- with mounting bracket, PCB clip and 4-40 UNC or
M3 threaded insert
- with mounting bracket, PCB clip and 4-40 UNC or M3 front spacer
Quality class 3 (also available in quality class 1)
Shell: Steel tin plated (brass tin plated or stainless steel
available on request)
D-SUB Standard – Dual port variations
Solder pin – Angled – Precision machined contacts – .750“ 19.05 mm Connector spacing
PCB clip .122” 3.1 ± .004” 0.10 mm hole diameter and .063” 1.6 mm circuit board thickness
No. of pos. Mounting style 4-40 UNC
Part Number
09 09
Threaded insert
163 A 15519 X
15 15
Threaded insert
163 A 15529 X
25 25
Threaded insert
163 A 15539 X
37 37
Threaded insert
163 A 15549 X
09 09
Front spacer
163 A 15679 X
15 15
Front spacer
163 A 15689 X
25 25
Front spacer
163 A 15699 X
37 37
Front spacer
163 A 15709 X
09 09
PCB clip Threaded insert
163 A 19489 X
15 15
PCB clip Threaded insert
163 A 19499 X
25 25
PCB clip Threaded insert
163 A 19509 X
37 37
PCB clip Threaded insert
163 A 19519 X
09 09
PCB clip Front spacer
163 A 19649 X
15 15
PCB clip Front spacer
163 A 19659 X
25 25
PCB clip Front spacer
163 A 19669 X
37 37
PCB clip Front spacer
163 A 19679 X
No. of pos. Mounting style M3
Part Number
09 09
Threaded insert
163 A 15599 X
15 15
Threaded insert
163 A 15609 X
25 25
Threaded insert
163 A 15619 X
37 37
Threaded insert
163 A 15629 X
09 09
Front spacer
163 A 15759 X
15 15
Front spacer
163 A 15769 X
25 25
Front spacer
163 A 15779 X
37 37
Front spacer
163 A 15789 X
09 09
PCB clip Threaded insert
163 A 19569 X
15 15
PCB clip Threaded insert
163 A 19579 X
25 25
PCB clip Threaded insert
163 A 19589 X
37 37
PCB clip Threaded insert
163 A 19599 X
09 09
PCB clip Front spacer
163 A 19729 X
15 15
PCB clip Front spacer
163 A 19739 X
25 25
PCB clip Front spacer
163 A 19749 X
37 37
PCB clip Front spacer
163 A 19759 X
No. of pos. Mounting style 4-40 UNC
Part Number
09 09
Threaded insert
163 A 15559 X
15 15
Threaded insert
163 A 15569 X
25 25
Threaded insert
163 A 15579 X
37 37
Threaded insert
163 A 15589 X
09 09
Front spacer
163 A 15719 X
15 15
Front spacer
163 A 15729 X
25 25
Front spacer
163 A 15739 X
37 37
Front spacer
163 A 15749 X
09 09
PCB clip Threaded insert
163 A 19529 X
15 15
PCB clip Threaded insert
163 A 19539 X
25 25
PCB clip Threaded insert
163 A 19549 X
37 37
PCB clip Threaded insert
163 A 19559 X
09 09
PCB clip Front spacer
163 A 19689 X
15 15
PCB clip Front spacer
163 A 19699 X
25 25
PCB clip Front spacer
163 A 19709 X
37 37
PCB clip Front spacer
163 A 19719 X
No. of pos. Mounting style M3
Part Number
09 09
Threaded insert
163 A 15639 X
15 15
Threaded insert
163 A 15649 X
25 25
Threaded insert
163 A 15659 X
37 37
Threaded insert
163 A 15669 X
09 09
Front spacer
163 A 15799 X
15 15
Front spacer
163 A 15809 X
25 25
Front spacer
163 A 15819 X
37 37
Front spacer
163 A 15829 X
09 09
PCB clip Threaded insert
163 A 19609 X
15 15
PCB clip Threaded insert
163 A 19619 X
25 25
PCB clip Threaded insert
163 A 19629 X
37 37
PCB clip Threaded insert
163 A 19639 X
09 09
PCB clip Front spacer
163 A 19769 X
15 15
PCB clip Front spacer
163 A 19779 X
25 25
PCB clip Front spacer
163 A 19789 X
37 37
PCB clip Front spacer
163 A 19799 X
No. of pos. Mounting style 4-40 UNC
Part Number
09 09
Threaded insert
164 A 15929 X
15 15
Threaded insert
164 A 15939 X
25 25
Threaded insert
164 A 15949 X
37 37
Threaded insert
164 A 15959 X
09 09
Front spacer
164 A 16089 X
15 15
Front spacer
164 A 16099 X
25 25
Front spacer
164 A 16109 X
37 37
Front spacer
164 A 16119 X
09 09
PCB clip Threaded insert
164 A 19919 X
15 15
PCB clip Threaded insert
164 A 19929 X
25 25
PCB clip Threaded insert
164 A 19939 X
37 37
PCB clip Threaded insert
164 A 19949 X
09 09
PCB clip Front spacer
164 A 20079 X
15 15
PCB clip Front spacer
164 A 20089 X
25 25
PCB clip Front spacer
164 A 20099 X
37 37
PCB clip Front spacer
164 A 20109 X
No. of pos. Mounting style M3
Part Number
09 09
Threaded insert
164 A 16009 X
15 15
Threaded insert
164 A 16019 X
25 25
Threaded insert
164 A 16029 X
37 37
Threaded insert
164 A 16039 X
09 09
Front spacer
164 A 16169 X
15 15
Front spacer
164 A 16179 X
25 25
Front spacer
164 A 16189 X
37 37
Front spacer
164 A 16199 X
09 09
PCB clip Threaded insert
164 A 19999 X
15 15
PCB clip Threaded insert
164 A 20009 X
25 25
PCB clip Threaded insert
164 A 20019 X
37 37
PCB clip Threaded insert
164 A 20029 X
09 09
PCB clip Front spacer
164 A 20159 X
15 15
PCB clip Front spacer
164 A 20169 X
25 25
PCB clip Front spacer
164 A 20179 X
37 37
PCB clip Front spacer
164 A 20189 X
No. of pos. Mounting style 4-40 UNC
Part Number
09 09
Threaded insert
164 A 15969 X
15 15
Threaded insert
164 A 15979 X
25 25
Threaded insert
164 A 15989 X
37 37
Threaded insert
164 A 15999 X
09 09
Front spacer
164 A 16129 X
15 15
Front spacer
164 A 16139 X
25 25
Front spacer
164 A 16149 X
37 37
Front spacer
164 A 16159 X
09 09
PCB clip Threaded insert
164 A 19959 X
15 15
PCB clip Threaded insert
164 A 19969 X
25 25
PCB clip Threaded insert
164 A 19979 X
37 37
PCB clip Threaded insert
164 A 19989 X
09 09
PCB clip Front spacer
164 A 20119 X
15 15
PCB clip Front spacer
164 A 20129 X
25 25
PCB clip Front spacer
164 A 20139 X
37 37
PCB clip Front spacer
164 A 20149 X
No. of pos. Mounting style M3
Part Number
09 09
Threaded insert
164 A 16049 X
15 15
Threaded insert
164 A 16059 X
25 25
Threaded insert
164 A 16069 X
37 37
Threaded insert
164 A 16079 X
09 09
Front spacer
164 A 16209 X
15 15
Front spacer
164 A 16219 X
25 25
Front spacer
164 A 16229 X
37 37
Front spacer
164 A 16239 X
09 09
PCB clip Threaded insert
164 A 20039 X
15 15
PCB clip Threaded insert
164 A 20049 X
25 25
PCB clip Threaded insert
164 A 20059 X
37 37
PCB clip Threaded insert
164 A 20069 X
09 09
PCB clip Front spacer
164 A 20199 X
15 15
PCB clip Front spacer
164 A 20209 X
25 25
PCB clip Front spacer
164 A 20219 X
37 37
PCB clip Front spacer
164 A 20229 X
Variation:
plug upper –
plug bottom
Variation:
socket upper –
socket bottom
Variation:
socket upper –
plug bottom
Variation:
plug upper –
socket bottom


Similar Part No. - 163A19689X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
163A19089X CONEC-163A19089X Datasheet
197Kb / 1P
   D-SUB MALE
163A19099X CONEC-163A19099X Datasheet
266Kb / 2P
   D-SUB MALE
163A19109X CONEC-163A19109X Datasheet
361Kb / 2P
   D-SUB MALE
163A19119X CONEC-163A19119X Datasheet
390Kb / 2P
   D-SUB MALE
163A19129X CONEC-163A19129X Datasheet
196Kb / 1P
   D-SUB MALE
More results

Similar Description - 163A19689X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
163A18399X CONEC-163A18399X Datasheet
201Kb / 1P
   15pos. SOLDER PIN ANGLED
163A18449X CONEC-163A18449X Datasheet
263Kb / 2P
   25pos. SOLDER PIN ANGLED 0.318inch
163A18479X CONEC-163A18479X Datasheet
219Kb / 2P
   15pos. SOLDER PIN ANGLED 0.318inch
163B18619X CONEC-163B18619X Datasheet
199Kb / 2P
   15pos. SOLDER PIN ANGLED 0.318inch
163B19209X CONEC-163B19209X Datasheet
227Kb / 2P
   9pos. SOLDER PIN ANGLED 0.590inch
163A14979X CONEC-163A14979X Datasheet
638Kb / 2P
   25pos. SOLDER PIN ANGLED 0.318inch
163A16419X CONEC-163A16419X Datasheet
300Kb / 2P
   25pos. SOLDER PIN ANGLED 0.370inch
163A16429X CONEC-163A16429X Datasheet
394Kb / 2P
   37pos. SOLDER PIN ANGLED 0.370inch
163A16539X CONEC-163A16539X Datasheet
881Kb / 6P
   9pos. SOLDER PIN ANGLED 0.318inch
163A17539X CONEC-163A17539X Datasheet
181Kb / 1P
   15pos. SOLDER PIN ANGLED 0.318inch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com