Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EA9777-2USB Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EA9777-2USB
Description  embedded 3.2 TFT-DISPLAY 320x240 BUILT-IN INTELLIGENCE
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EA9777-2USB Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button EA9777-2USB Datasheet HTML 3Page - List of Unclassifed Manufacturers EA9777-2USB Datasheet HTML 4Page - List of Unclassifed Manufacturers EA9777-2USB Datasheet HTML 5Page - List of Unclassifed Manufacturers EA9777-2USB Datasheet HTML 6Page - List of Unclassifed Manufacturers EA9777-2USB Datasheet HTML 7Page - List of Unclassifed Manufacturers EA9777-2USB Datasheet HTML 8Page - List of Unclassifed Manufacturers EA9777-2USB Datasheet HTML 9Page - List of Unclassifed Manufacturers EA9777-2USB Datasheet HTML 10Page - List of Unclassifed Manufacturers EA9777-2USB Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
EAeDIPTFT32-A
Page 7
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
application example
I²C-BUS INTERFACE
If the display is wired as
shown below, it can be
operated directly on an I²C
bus.
8 different base addresses
and 8 slave addresses can be
selected on the display.
Data transfer is possible at up
to 100 kHz. However, if
pauses of at least 100 µs are
maintained between the
individual bytes during
transfer, a byte can be
transferred at up to 400 kHz.
DATA TRANSFER I²C INTERFACE
principle I2C-bus transfer:
- I²C-Start
- Master-Transmit: EA eDIP-I²C-address (e.g. $DE), send smallprotocol package (data)
- I²C-Stop
- I²C-Start
- Master-Read: EA eDIP-I²C-Address (e.g. $DF), read ACK-byte and opt. smallprotocoll package (data)
- I²C-Stop
Read operation: for internal operation the
EA eDIP does need a short time before
providing the data; therefore a short pause of
min. 6µs is needed for each byte (no activity of
SCL line).
Note:
The pins DORD, CPOL, CPHA, DPOM, DPROT and TEST/SBUF have an internal pullup, which is why only the LO level
(0=GND) is to be actively applied. These pins must be left open for a Hi level.
On pin 20 (SBUF) the display indicates with a low level that data is ready to be retrieved from the internal send buffer.
The line can be connected to an interrupt input of the host system, for example.
Pinout eDIPTFT32-A: I2C mode
Pin Symbol In/Out Function
Pin
Symbol
In/Out Function
1
GND
Ground Potential for logic (0V)
21
GND
Ground (=Pin 1)
2
VDD
Power supply for logic (+3,3V ... +5V)
22
VDD
Power supply (=Pin 2)
3
NC
do not connect
23
AIN1
In
analogue input 0..VDD
DC impedance 1MOhm
4
NC
do not connect
24
AIN2
5
RESET
In
L: Reset
25
OUT1 / MO8
Out
8 digital outputs
maximum current:
IOL = IOH = 10mA
alternativ up to 8 matrix
keyboard output lines
(reduces the digital
output lines, see chapter
external keyboard)
6
BA0
In
Basic Address 0
26
OUT2 / MO7
7
BA1
In
Basic Address 1
27
OUT3 / MO6
8
SA0
In
Slave Address 0
28
OUT4 / MO5
9
SA1
In
Slave Address 1
29
OUT5 / MO4
10
SA2
In
Slave Address 2
30
OUT6 / MO3
11
BA2
In
Basic Address 2
31
OUT7 / MO2
12 I2CMO
In
connect to GND for I²C interface
32
OUT8 / MO1
13
DPOM
In
L: disable PowerOnMacro
do not connect for normal operation
33
IN1 / MI8
In
8 digital inputs
open-drain with internal
pullup 20..50k
alternativ up to 8 matrix
keyboard input lines
(reduces the digital input
lines, see chapter
external keyboard)
14
SDA
Bidir. Serial Data Line
34
IN2 / MI7
15
SCL
In
Serial Clock Line
35
IN3 / MI6
16
BUZZ
Out
Buzzer output
36
IN4 / MI5
17 DPROT
In
L: Disable Smallprotokoll
do not connect for normal operation
37
IN5 / MI4
18
DNC
Out
L: internal, do not connect
38
IN6 / MI3
19
WP
In
L: Writeprotect for DataFlash
39
IN7 / MI2
20
TEST
SBUF
IN
Out
open-drain with internal pullup 20..50k
IN (Power-On) L: Testmode
OUT L: data in sendbuffer
40
IN8 / MI1
all pins open: Write $DE
Read $DF
I²C - Address
Pin 11,7,6
Base
address
I²C address
BA2 BA1 BA0
D7
D6
D5
D4
D3
D2
D1
D0
L
LL
$10
0
00
1
S
A
2
S
A
1
S
A
0
R
W
L
L
H
$20
0
0
1
0
L
H
L
$30
0
0
1
1
L
H
H
$40
0
1
0
0
H
L
L
$70
0
1
1
1
H
LH
$90
1
00
1
H
H
L
$B0
1
0
1
1
H
H
H
$D0
1
1
0
1


Similar Part No. - EA9777-2USB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EA9777-2USB ETC2-EA9777-2USB Datasheet
2Mb / 17P
   EVALUATION-BOARD for eDIP-series
More results

Similar Description - EA9777-2USB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAEDIPTFT43-A ETC2-EAEDIPTFT43-A Datasheet
1Mb / 33P
   embedded 4.3 TFT-DISPLAY 480x272 BUILT-IN INTELLIGENCE
EAEDIPTFT70-A ETC2-EAEDIPTFT70-A Datasheet
2Mb / 37P
   embedded 7.0 TFT-DISPLAY 800x480 BUILT-IN INTELLIGENCE
EAEDIP320B-8LW ETC2-EAEDIP320B-8LW Datasheet
1Mb / 25P
   CONTROL UNIT 320x240 WITH INTELLIGENCE
EAEDIP240B-7LW ETC2-EAEDIP240B-7LW Datasheet
1,009Kb / 21P
   embedded LCD-DISPLAY 240x128 WITH INTELLIGENCE
logo
P-tec Corporation
320240DM-3.5-A8-TP P-TEC-320240DM-3.5-A8-TP Datasheet
1Mb / 10P
   TFT 320x240 3.5??LCD
logo
List of Unclassifed Man...
4DLCD32Q ETC2-4DLCD32Q Datasheet
808Kb / 16P
   3.2??TFT LCD Display Datasheet
logo
Hantronix,Inc
HDM3224-5 HANTRONIX-HDM3224-5_15 Datasheet
309Kb / 22P
   320x240 GRAPHICS LCD DISPLAY MODULE
HDM3224C HANTRONIX-HDM3224C Datasheet
434Kb / 18P
   320x240 COLOR GRAPHICS LCD DISPLAY MODULE
logo
Okaya Electric America,...
RH320240T-5X7 OKAYA-RH320240T-5X7 Datasheet
372Kb / 1P
   320x240 dots/pixels resoulution, 5.7 inch diagonal color TFT
RV320240T-5X7 OKAYA-RV320240T-5X7 Datasheet
484Kb / 1P
   320x240 dots/pixels resolution, 5.7 inch diagonal QVGA color TFT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com