Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EA9777-2USB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EA9777-2USB
Description  embedded 3.2 TFT-DISPLAY 320x240 BUILT-IN INTELLIGENCE
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EA9777-2USB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EA9777-2USB Datasheet HTML 1Page - List of Unclassifed Manufacturers EA9777-2USB Datasheet HTML 2Page - List of Unclassifed Manufacturers EA9777-2USB Datasheet HTML 3Page - List of Unclassifed Manufacturers EA9777-2USB Datasheet HTML 4Page - List of Unclassifed Manufacturers EA9777-2USB Datasheet HTML 5Page - List of Unclassifed Manufacturers EA9777-2USB Datasheet HTML 6Page - List of Unclassifed Manufacturers EA9777-2USB Datasheet HTML 7Page - List of Unclassifed Manufacturers EA9777-2USB Datasheet HTML 8Page - List of Unclassifed Manufacturers EA9777-2USB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
embedded 3.2" TFT-DISPLAY
320x240 BUILT-IN INTELLIGENCE
Issue 08.2011
Zeppelinstr. 19 · D-82205 Gilching · Phone +49-(0)8105-778090 · Fax +49-(0)8105-7780 99 · www.lcd-module.de · info@lcd-module.de
FEATURES
* TFT-GRAFIKDISPLAY WITH BUILD-IN GRAPHIC FUNCTIONS
* 320x240 DOTS, 16-BIT COLOR (65.536 COLORS) WITH LED-BACKLIGHT
* 4MB ON BOARD FLASH FOR FONTS, PICTURES, ANIMATIONS AND MACROS
* POWER SUPPLY WIDE RANGE +3,3V / 160mA ... +5V / 120mA
* 8 PRE-DEFINED FONTS, CAN BE EXPANDED
* FONT ZOOM FROM 2MM TO ABOUT 80MM, TURNABLE IN 90° STEPS
* 3 DIFFERENT INTERFACES ON BOARD: RS-232, I²C-BUS OR SPI-BUS
* POSITIONING ACCURATE TO THE PIXEL WITH ALL FUNCTIONS
* DRAW LINE, PLACE A DOT, AREA, BARGRAPH...
* ROTARY AND POINTER INSTRUMENTS
* PICTURES (JPG, TGA, GIF, BMP) AND ANIMATIONS (GIF)
* MIX TEXT AND GRAPHIC
* MULTI-LINGUAL WITH MACRO PAGES
* BACKLIGHT BRIGHTNESS BY SOFTWARE
* ANALOGUE TOUCH PANEL: VARIABLE GRID
* FREE DEFINABLE KEY AND SWITCH
* 8 DIGITAL IN- AND 8 DIGITAL OUTPUTS
* 2 ANALOGUE INPUTS, COMFORTABLE TO USE
ORDERING CODES
TFT 320x240 DOTS, WHITE LED BACKLIGHT
EA eDIPTFT32-A
AS ABOVE, BUT WITH TOUCH PANEL
EA eDIPTFT32-ATP
MOUNTING BEZEL (ALUMINIUM), BLACK ANODIZED
EA 0FP322-32SW
EVALUATION BOARD FOR USB (WIN2000/XP/VISTA/7)
EA 9777-2USB
INTERFACE-EXPANDER (RS-232, RS-485, SPI, I²C) FOR EA 9777-2USB
EA 9777-2PE
SOCKET 1x20, 4.5mm HIGH (2 pcs. ARE REQUIRED)
EA B254-20
STARTERKIT: 1x EA eDIPTFT32-ATP + EA9777-2USB + EA 9777-2PE
EA EVALeDIPTFT32
Dimension:
82,0x60,5x12mm


Similar Part No. - EA9777-2USB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EA9777-2USB ETC2-EA9777-2USB Datasheet
2Mb / 17P
   EVALUATION-BOARD for eDIP-series
More results

Similar Description - EA9777-2USB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAEDIPTFT43-A ETC2-EAEDIPTFT43-A Datasheet
1Mb / 33P
   embedded 4.3 TFT-DISPLAY 480x272 BUILT-IN INTELLIGENCE
EAEDIPTFT70-A ETC2-EAEDIPTFT70-A Datasheet
2Mb / 37P
   embedded 7.0 TFT-DISPLAY 800x480 BUILT-IN INTELLIGENCE
EAEDIP320B-8LW ETC2-EAEDIP320B-8LW Datasheet
1Mb / 25P
   CONTROL UNIT 320x240 WITH INTELLIGENCE
EAEDIP240B-7LW ETC2-EAEDIP240B-7LW Datasheet
1,009Kb / 21P
   embedded LCD-DISPLAY 240x128 WITH INTELLIGENCE
logo
P-tec Corporation
320240DM-3.5-A8-TP P-TEC-320240DM-3.5-A8-TP Datasheet
1Mb / 10P
   TFT 320x240 3.5??LCD
logo
List of Unclassifed Man...
4DLCD32Q ETC2-4DLCD32Q Datasheet
808Kb / 16P
   3.2??TFT LCD Display Datasheet
logo
Hantronix,Inc
HDM3224-5 HANTRONIX-HDM3224-5_15 Datasheet
309Kb / 22P
   320x240 GRAPHICS LCD DISPLAY MODULE
HDM3224C HANTRONIX-HDM3224C Datasheet
434Kb / 18P
   320x240 COLOR GRAPHICS LCD DISPLAY MODULE
logo
Okaya Electric America,...
RH320240T-5X7 OKAYA-RH320240T-5X7 Datasheet
372Kb / 1P
   320x240 dots/pixels resoulution, 5.7 inch diagonal color TFT
RV320240T-5X7 OKAYA-RV320240T-5X7 Datasheet
484Kb / 1P
   320x240 dots/pixels resolution, 5.7 inch diagonal QVGA color TFT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com