Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EAEDIP240J-7LATP Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EAEDIP240J-7LATP
Description  embedded LCD-DISPLAY 240x128 WITH INTELLIGENCE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAEDIP240J-7LATP Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button EAEDIP240J-7LATP Datasheet HTML 3Page - List of Unclassifed Manufacturers EAEDIP240J-7LATP Datasheet HTML 4Page - List of Unclassifed Manufacturers EAEDIP240J-7LATP Datasheet HTML 5Page - List of Unclassifed Manufacturers EAEDIP240J-7LATP Datasheet HTML 6Page - List of Unclassifed Manufacturers EAEDIP240J-7LATP Datasheet HTML 7Page - List of Unclassifed Manufacturers EAEDIP240J-7LATP Datasheet HTML 8Page - List of Unclassifed Manufacturers EAEDIP240J-7LATP Datasheet HTML 9Page - List of Unclassifed Manufacturers EAEDIP240J-7LATP Datasheet HTML 10Page - List of Unclassifed Manufacturers EAEDIP240J-7LATP Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
EAeDIP240-7
Page 7
Specifications may be changed without
prior notice. Printing error reserved
I²C BUS INTERFACE
Wiring the display as shown below allows the display to be operated directly on an I²C bus.
4 different base addresses and 8
different slave addresses can be
selected at the display.
A data transmission rate of up to
100kHz is possible.
If transmitter will pause for min.
100 µs between each byte, SCL
may rise u to max. 400 kHz.
Pinout eDIP240-7
I²C-Bus mode
Pin
Symbol
In/Out Function
Pin Symbol Function
1
GND
-
Ground Potential for logic (0V)
21
N.C.
not connected
2
VDD
-
Power supply for logic (+5V)
22
N.C.
not connected
3
VADJ
In
Operating voltage for LC driving
(input)
23
N.C.
not connected
4
VOUT
Out
Output voltage for LC driving
24
N.C.
not connected
5
RESET
-
L: Reset
25
N.C.
not connected
6
BA0
In
Basic Address 0
26
N.C.
not connected
7
BA1
In
Basic Address 1
27
N.C.
not connected
8
SA0
In
Slave Address 0
28
N.C.
not connected
9
SA1
In
Slave Address 1
29
N.C.
not connected
10
SA2
In
Slave Address 2
30
N.C.
not connected
11
BA2
In
Basic Address 2 (V1.3 or later)
31
N.C.
not connected
12 I2CMODE
In
connect to GND for I²C interface
32
N.C.
not connected
13
DPOM
In
L: disable Power-On-Macro
do not connect for normal operation
33
N.C.
not connected
14
SDA
Bidir. Serial Data Line
34
N.C.
not connected
15
SCL
In
Serial Clock Line
35
N.C.
not connected
16
BUZZ
Out
Buzzer output
36
N.C.
not connected
17 EEP_SDA
Bidir. Serial Data Line for int. EEPROM
37
N.C.
not connected
18 EEP_SCL
Out
Serial Clock Line for int. EEPROM
38
N.C.
not connected
19
EEP_WP
In
H: Write Protect for int. EEPROM
39
N.C.
not connected
20
TEST
SBUF
IN
Out
open-drain with internal pullup 20..50k
IN (Power-On) L: Testmode
OUT L: data in sendbuffer
40
N.C.
not connected
Note:
At pin 20 (SBUF), the display sets a low
level to indicate that data is available to be
fetched from the internal send buffer. This
line can, for instance, be connected to an
interrupt input of the host system.
Application example
I²C - Address
Pin 11,7,6
Base
address
I²C address
BA2 BA1 BA0
D7
D6
D5
D4
D3
D2
D1
D0
L
L
L
$10
0
0
0
1
S
A
2
S
A
1
S
A
0
R
W
LL
H
$20
0
0
1
0
L
H
L
$30
0
0
1
1
L
H
H
$40
0
1
0
0
H
L
L
$70
0
1
1
1
H
L
H
$90
1
0
0
1
HH
L
$B0
1
0
1
1
H
H
H
$D0
1
1
0
1
Note:
The pins BA0 to 2, SA0 to 2, DPOM, DPROT and TEST/SBUF have an internal pullup, which is why only the LO level
(L=0=GND) is to be actively applied. These pins must be left open for a Hi level (H=1).
On pin 20 (SBUF) the display indicates with a low level that data is ready to be retrieved from the internal send buffer.
The line can be connected to an interrupt input of the host system, for example.
all pins open: Write $DE
Read $DF
DATA TRANSFER I²C-BUS
principle I2C-bus transfer:
- I²C-Start
- Master-Transmit: EA eDIP-I²C-address (e.g. $DE), send smallprotocol package (data)
- I²C-Stop
- I²C-Start
- Master-Read: EA eDIP-I²C-Address (e.g. $DF), read ACK-byte and opt. smallprotocoll package (data)
- I²C-Stop
Read
operation:
for
internal
operation the EA eDIP240-7 does
need a short time before providing
the data; therefore a short pause of
min. 6µs is needed for each byte (no
activity of SCL line).


Similar Part No. - EAEDIP240J-7LATP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAEDIP128B-6LW ETC2-EAEDIP128B-6LW Datasheet
1Mb / 29P
   OPERATING UNIT 128x64 with touch panel
EAEDIP128B-6LWTP ETC2-EAEDIP128B-6LWTP Datasheet
1Mb / 29P
   OPERATING UNIT 128x64 with touch panel
EAEDIP128W-6LW ETC2-EAEDIP128W-6LW Datasheet
1Mb / 29P
   OPERATING UNIT 128x64 with touch panel
EAEDIP128W-6LWTP ETC2-EAEDIP128W-6LWTP Datasheet
1Mb / 29P
   OPERATING UNIT 128x64 with touch panel
EAEDIP160B-7LW ETC2-EAEDIP160B-7LW Datasheet
1Mb / 29P
   OPERATING UNIT 160x104 with touch panel
More results

Similar Description - EAEDIP240J-7LATP

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
List of Unclassifed Man...
EAEDIPTFT32-A ETC2-EAEDIPTFT32-A Datasheet
1Mb / 33P
   embedded 3.2 TFT-DISPLAY 320x240 BUILT-IN INTELLIGENCE
EAEDIPTFT43-A ETC2-EAEDIPTFT43-A Datasheet
1Mb / 33P
   embedded 4.3 TFT-DISPLAY 480x272 BUILT-IN INTELLIGENCE
EAEDIPTFT70-A ETC2-EAEDIPTFT70-A Datasheet
2Mb / 37P
   embedded 7.0 TFT-DISPLAY 800x480 BUILT-IN INTELLIGENCE
logo
Shenzhen TOPWAY Technol...
LMB204BDY-4 TOPWAY-LMB204BDY-4 Datasheet
346Kb / 7P
   Intelligence LCD module
logo
List of Unclassifed Man...
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
   1215KB Embedded Display SRAM LCD Display Controller
logo
ShenZhen Jing Handa Ele...
JHD728-240128D JHD-JHD728-240128D Datasheet
256Kb / 1P
   240X128 DOTS
logo
List of Unclassifed Man...
EAEDIP320B-8LW ETC2-EAEDIP320B-8LW Datasheet
1Mb / 25P
   CONTROL UNIT 320x240 WITH INTELLIGENCE
logo
Bolymin, Inc
BEGV641N BOLYMIN-BEGV641N Datasheet
327Kb / 3P
   Display Embedded System
BEGV639M BOLYMIN-BEGV639M Datasheet
302Kb / 3P
   Display Embedded System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com